Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

26121604 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 26121604
Description  Bus system cable - SAC-3P-10,0-961/M12FS VA
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

26121604 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  26121604 Datasheet HTML 1Page - PHOENIX CONTACT 26121604 Datasheet HTML 2Page - PHOENIX CONTACT 26121604 Datasheet HTML 3Page - PHOENIX CONTACT 26121604 Datasheet HTML 4Page - PHOENIX CONTACT 26121604 Datasheet HTML 5Page - PHOENIX CONTACT 26121604 Datasheet HTML 6Page - PHOENIX CONTACT 26121604 Datasheet HTML 7Page - PHOENIX CONTACT 26121604 Datasheet HTML 8Page - PHOENIX CONTACT 26121604 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
https://www.phoenixcontact.com/pi/products/1419084
09/11/2020   Page 1 / 10
Bus system cable - SAC-3P-10,0-961/M12FS VA - 1419084
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Bus system cable, PROFIBUS PA (31.25 kbps), 3-position, PVC, blue RAL 5015, shielded, free cable end, on
Socket straight M12, coding: A, cable length: 10 m, For Ex area with high-grade steel knurl
Key Commercial Data
Packing unit
1 pc
GTIN
GTIN
4046356541510
Technical data
Dimensions
Length of cable
10 m
Stripping length of the free conductor end
50 mm
Ambient conditions
Ambient temperature (operation)
-25 °C ... 90 °C (Plug / socket)
Degree of protection
IP65
IP67
IP68
IP69K
General
Note
For applications in circuits of intrinsic safety protection type "i". Electrical
values following EN 60079-14.
Rated current at 40°C
4 A
Rated voltage
48 V AC
60 V DC
Number of positions
3
Color handle area
black
Coding
B - inverse


Similar Part No. - 26121604

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
26121604 PHOENIX-26121604 Datasheet
63Kb / 5P
   Coupling - VS-MP-PPC/CG-10G
26121604 PHOENIX-26121604 Datasheet
180Kb / 11P
   Network cable - NBC-MS/10,0-94B/MS SCO
09/11/2020
26121604 PHOENIX-26121604 Datasheet
428Kb / 14P
   Network cable - NBC-M12FSX/5,0-94F/R4RC
26121604 PHOENIX-26121604 Datasheet
377Kb / 14P
   Network cable - NBC-M12MSX/1,0-94F/M12MRX
26121604 PHOENIX-26121604 Datasheet
185Kb / 13P
   Bus system cable - SAC-5P-MS/ 0,3-923/FS CAN SCO
09/11/2020
More results

Similar Description - 26121604

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1419115 PHOENIX-1419115 Datasheet
538Kb / 12P
   SAC-3P-M12MR/10,0-961/M12FS VA - Bus system cable
1419086 PHOENIX-1419086 Datasheet
538Kb / 16P
   SAC-3P-20,0-961/M12FS VA - Bus system cable
1419085 PHOENIX-1419085 Datasheet
563Kb / 17P
   SAC-3P-15,0-961/M12FS VA - Bus system cable
1419083 PHOENIX-1419083 Datasheet
563Kb / 17P
   SAC-3P- 5,0-961/M12FS VA - Bus system cable
1419089 PHOENIX-1419089 Datasheet
567Kb / 17P
   SAC-3P-10,0-961/M12FR VA - Bus system cable
1419082 PHOENIX-1419082 Datasheet
563Kb / 17P
   SAC-3P- 2,0-961/M12FS VA - Bus system cable
1419094 PHOENIX-1419094 Datasheet
625Kb / 17P
   SAC-3P-M12MS/10,0-961 VA - Bus system cable
1419104 PHOENIX-1419104 Datasheet
546Kb / 12P
   SAC-3P-M12MS/ 1,0-961/M12FS VA - Bus system cable
1419123 PHOENIX-1419123 Datasheet
552Kb / 12P
   SAC-3P-M12MS/10,0-961/M12FR VA - Bus system cable
1419106 PHOENIX-1419106 Datasheet
546Kb / 12P
   SAC-3P-M12MS/ 5,0-961/M12FS VA - Bus system cable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com