Electronic Components Datasheet Search |
|
1419236 Datasheet(PDF) 1 Page - PHOENIX CONTACT |
|
1419236 Datasheet(HTML) 1 Page - PHOENIX CONTACT |
1 / 5 page https://www.phoenixcontact.com/pi/products/1419236 09/11/2020 Page 1 / 5 Housing - HC-STA-D07-HHFS-1STM25-EL-AL - 1419236 Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's documentation. Our General Terms of Use for Downloads are valid (http://phoenixcontact.com/download) Sleeve housing D7, for single locking latch, material: Die-cast aluminum, salt water resistant, cable outlets: 1, lateral, height: 52.8 mm, cable gland: none, support sleeve: yes, 1x M25, Standard Key Commercial Data Packing unit 1 pc GTIN GTIN 4055626159690 Technical data Dimensions Height 52.8 mm Width 40.7 mm Length 26.9 mm Ambient conditions Degree of protection (IP) IP66 IP67 Ambient temperature (operation) -40 °C ... 125 °C General Note for contact inserts HC-A03, A04, D07, D08, Q02, Q03, Q04, Q05, Q07, Q12 Size D7 Housing type Sleeve housing Color gray aluminum Locking type for single locking latch No. of cable outlets 1 Cable outlet lateral Screw connection none |
Similar Part No. - 1419236 |
|
Similar Description - 1419236 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |