Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP476PWN1-90G Datasheet(PDF) 1 Page - Marktech Corporate

Part # LP476PWN1-90G
Description  White Oval P4 Ultra Bright LED
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

LP476PWN1-90G Datasheet(HTML) 1 Page - Marktech Corporate

  LP476PWN1-90G Datasheet HTML 1Page - Marktech Corporate LP476PWN1-90G Datasheet HTML 2Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
White Oval P4 Ultra Bright LED
LP476PWN1−90G
Features
4 Pin Plastic Package
High Current Operation
High Flux Output
Low Profile
Water Clear Lens
Applications
Indicators
Illumination
Maximum Ratings (Ta=25
o
C)
Characteristic
Symbol
Max.
Unit
Forward Current
IF
30
mA
Reverse Voltage
VR
5
V
Power Dissipation
PD
132.00
mW
Operating Temperature
Topr
−40 ~ +95
o
C
Storage Temperature
Tstg
−40 ~ +100
o
C
Soldering Temperature
Tsol
260
o
C
Soldering Time
for 3 sec. max
Opto−Electrical Characteristics (Ta=25
o
C)
Characteristic
Symbol
Test Condition
Min
Typ
Max
Unit
Forward Voltage
VF
IF=30mA
3.60
4.40
V
Reverse Current
IR
VR=5V
100
µA
Luminous Intensity
IV
IF=30mA
770.00
1500.00
mcd
Viewing Angle
2
θ1/2
95
o
x 40
o
deg.
Peak Wavelength
λp
IF=30mA
465
nm
Dominant Wavelength
λd
IF=30mA
X=.30, Y=.31
nm
Company Headquarters
3 Northway Lane North
Latham, New York 12110
Toll Free: 800.984.5337
Fax: 518.785.4725
Web: www.marktechopto.com | Email: info@marktechopto.com
California Sales Office:
950 South Coast Drive, Suite 225
Costa Mesa, California 92626
Toll Free: 800.984.5337
Fax: 714.850.9314


Similar Part No. - LP476PWN1-90G

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
LP476PWN1-90G CREE-LP476PWN1-90G Datasheet
362Kb / 6P
   P4 LED
More results

Similar Description - LP476PWN1-90G

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
LP476PPG1-90G MARKTECH-LP476PPG1-90G Datasheet
210Kb / 2P
   Green Oval P4 Ultra Bright LED
LP476THR1-90G MARKTECH-LP476THR1-90G Datasheet
212Kb / 2P
   Red Oval P4 Ultra Bright LED
LP476PBL1-90G MARKTECH-LP476PBL1-90G Datasheet
210Kb / 2P
   Blue Oval P4 Ultra Bright LED
LP377PWN1-90G MARKTECH-LP377PWN1-90G Datasheet
96Kb / 2P
   P4 Ultra Bright White LED
LP476AYL1-90G MARKTECH-LP476AYL1-90G Datasheet
211Kb / 2P
   Yellow Oval P4 Ultra Bright LED
LP476TYL1-90G MARKTECH-LP476TYL1-90G Datasheet
211Kb / 2P
   Yellow Oval P4 Ultra Bright LED
LP476AHR1-90G MARKTECH-LP476AHR1-90G Datasheet
209Kb / 2P
   Red Oval P4 Ultra Bright LED
LP378PWN1-C0G MARKTECH-LP378PWN1-C0G Datasheet
111Kb / 2P
   P4 White InGaN Ultra Bright LED
LP377PWN1-60G MARKTECH-LP377PWN1-60G Datasheet
106Kb / 2P
   P4 InGaN White Ultra Bright LED
LP476PBG1-90G MARKTECH-LP476PBG1-90G Datasheet
210Kb / 2P
   Blue−Green Oval P4 Ultra Bright LED
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com