Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC9201DA0AKL Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XC9201DA0AKL
Description  PWM Controlled Step-Down DC/DC Converters
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9201DA0AKL Datasheet(HTML) 1 Page - Torex Semiconductor

  XC9201DA0AKL Datasheet HTML 1Page - Torex Semiconductor XC9201DA0AKL Datasheet HTML 2Page - Torex Semiconductor XC9201DA0AKL Datasheet HTML 3Page - Torex Semiconductor XC9201DA0AKL Datasheet HTML 4Page - Torex Semiconductor XC9201DA0AKL Datasheet HTML 5Page - Torex Semiconductor XC9201DA0AKL Datasheet HTML 6Page - Torex Semiconductor XC9201DA0AKL Datasheet HTML 7Page - Torex Semiconductor XC9201DA0AKL Datasheet HTML 8Page - Torex Semiconductor XC9201DA0AKL Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
PWM Controlled Step-Down DC/DC Converters
Series
535
5
The XC9201 series are step-up multiple current and voltage feedback
DC/DC controller ICs. Current sense, clock frequencies and amp
feedback gain can all be externally regulated.
A stable power supply is possible with output currents of up to 3.0A.With
output voltage fixed internally, VOUT is selectable in 0.1V steps within a
1.2V - 16.0V range (± 2.5%).
For output voltages outside this range, we recommend the FB version
which has a 0.9V internal reference voltage. Using this version, the
required output voltage can be set-up using 2 external resistors.
Switching frequencies can also be set-up externally within a range of
100~600 kHz and therefore frequencies suited to your particular
application can be selected.
With the current sense function, peak currents (which flow through the
driver transistor and the coil) can be controlled. Soft-start time can be
adjusted using external resistors and capacitors.
During shutdown (CE pin =L), consumption current can be reduced to as
little as 0.5
µA (TYP.) or less and with U.V.L.O
(Under Voltage Lock Out) built-in, the external transistor will be
automatically shut off below the regulated voltage.
■General Description
GStable Operations via Current & Voltage Multiple Feedback
GUnlimited Options for Peripheral Selection
GCurrent Protection Circuit
GCeramic Capacitor Compatible
GMobile, Cordless phones
GPalm top computers, PDAs
GPortable games
GCameras, Digital cameras
GLaptops
■Features
■Applications
NInput Voltage Range
: 2.5V ~20V
NOutput Voltage Range
: 1.2V ~ 16V
NOscillation Frequency Range : 100kHz ~
600kHz
NOutput Current
: up to 3.0A
NCeramic Capacitor Compatible
NMSOP-8A Package
0
20
40
60
80
100
0.1
1
10
100
1000
10000
Output Current:IOUT(mA)
7.2V
15.0V
VIN=5.4V
10.0V
12.0V
22μH
10KΩ
220pF
CLK 5
1 EXT
2 Isen
3 VIN
4 CE/SS
VOUT 7
GAIN 6
Vss 8
470pF
40μF+220μF
33mΩ
XP132A11A1SR
U3FWJ44N
1μF
240kΩ
0.33μF
94μF
■Typical Application Circuit
■Typical Performance
Characteristic
VOUT:5.0V FOSC:330kHz
05S_1XC9201/9202新規 02.09.12 15:16 ページ 535


Similar Part No. - XC9201DA0AKL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9201DCCAL TOREX-XC9201DCCAL Datasheet
1Mb / 24P
   PWM Controlled Step-Down DC/DC Controllers
XC9201DCCAR TOREX-XC9201DCCAR Datasheet
1Mb / 24P
   PWM Controlled Step-Down DC/DC Controllers
XC9201DCCKL TOREX-XC9201DCCKL Datasheet
1Mb / 24P
   PWM Controlled Step-Down DC/DC Controllers
XC9201DCCKR TOREX-XC9201DCCKR Datasheet
1Mb / 24P
   PWM Controlled Step-Down DC/DC Controllers
More results

Similar Description - XC9201DA0AKL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6375 TOREX-XC6375 Datasheet
34Kb / 4P
   PWM Controlled, Step down DC/DC Converters
XC6365 TOREX-XC6365_2 Datasheet
1Mb / 24P
   PWM Controlled, PWM/PFM Switchable Step-Down DC/DC Converters
XC6376 TOREX-XC6376 Datasheet
306Kb / 17P
   PWM Controlled PWM/PFM Switchable Step-down DC/DC Converters
XC9201 TOREX-XC9201_1 Datasheet
1Mb / 24P
   PWM Controlled Step-Down DC/DC Controllers
XC6371 TOREX-XC6371_1 Datasheet
770Kb / 18P
   PWM Controlled Step-Up DC/DC Controllers/Converters
XC6371 TOREX-XC6371 Datasheet
235Kb / 14P
   PWM Controlled Step-Up DC/DC Controllers/Converters
XC6371 TOREX-XC6371_2 Datasheet
742Kb / 19P
   PWM Controlled Step-Up DC/DC Controllers/Converters
logo
Maxim Integrated Produc...
MAX1556 MAXIM-MAX1556_10 Datasheet
280Kb / 12P
   16μA IQ,, 1.2A PWM Step-Down DC-DC Converters
Rev 2; 6/10
MAX748A MAXIM-MAX748A Datasheet
135Kb / 12P
   3.3V, Step-Down, Current-Mode PWM DC-DC Converters
Rev 0; 9/93
logo
STMicroelectronics
ST763A STMICROELECTRONICS-ST763A Datasheet
252Kb / 10P
   3.3V STEP DOWN CURRENT MODE PWM DC-DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com