Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LN145 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # LN145
Description  GaAlAs Red Light Emitting Diode
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

LN145 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  LN145 Datasheet HTML 1Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
Visible Light Emitting Diodes (Red)
[Element moisture resistance]
It is difficult to guarantee that the LN145W will meet the moisture
resistance specifications (MIL-STD-202D) which are
commonly guaranteed for semiconductors.
1: Cathode
2: Anode
Unit : mm
0.8
±0.1
3.5
±0.15
4.5
±0.15
2.54
±0.2
0.45
±0.2
2-0.45
±0.15
2-1.2
±0.3
1.6
±0.15
2.1
±0.15
12
LN145W
GaAlAs Red Light Emitting Diode
Light source for optical fiber communications,
Features
Red light emission close to monochromatic light :
λ
P = 700 nm
High-power output, high-efficiency
High coupling characteristics and suits to a plastic fiber
High-speed response : –3dB modulation of 10MHz
Side-view flat resin package
Absolute Maximum Ratings (Ta = 25˚C)
Parameter
Symbol
Ratings
Unit
Power dissipation
PD
120
mW
Forward current (DC)
IF
40
mA
Pulse forward current
IFP*
400
mA
Reverse voltage (DC)
VR
3V
Operating ambient temperature
Topr
–25 to +85
˚C
Storage temperature
Tstg
–30 to +100
˚C
* tw = 10 µs, Duty cycle = 10 %
Electro-Optical Characteristics (Ta = 25˚C)
Parameter
Symbol
Conditions
min
typ
max
Unit
Radiant power
PO
IF = 20mA
2.5
4
mW
Peak emission wavelength
λ
P
IF = 20mA
700
nm
Spectral half band width
∆λ
IF = 20mA
35
nm
Forward voltage (DC)
VF
IF = 20mA
1.8
2.2
V
Reverse current (DC)
IR
VR = 3V
100
µA
Half-power angle
θ
The angle in which radiant intencity is 50%
80
deg.
Response time
tr, tf
IFP = 100mA
30
ns
Cutoff frequency
fC*
10
MHz
*Cutoff frequency f
C : Frequency at which 10 × log
PO(at f = fC)
= – 3
P O(at f = 1MHz)


Similar Part No. - LN145

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LN1451C PANASONIC-LN1451C Datasheet
31Kb / 1P
   LED Surface Mounting Chip Led
LN1451C-TR PANASONIC-LN1451C-TR Datasheet
31Kb / 1P
   LED Surface Mounting Chip Led
LN1451CTR PANASONIC-LN1451CTR Datasheet
109Kb / 3P
   Surface Mount LEDs
More results

Similar Description - LN145

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LNA4501F PANASONIC-LNA4501F Datasheet
41Kb / 2P
   GaAlAs Red Light Emitting Diode
logo
KODENSHI_AUK CORP.
KLP-32R KODENSHI-KLP-32R Datasheet
243Kb / 2P
   Light Emitting Diode(GaAlAs)
logo
OSRAM GmbH
SFH-4860 OSRAM-SFH-4860 Datasheet
223Kb / 9P
   GaAlAs Light Emitting Diode
SFH4860 OSRAM-SFH4860_16 Datasheet
223Kb / 9P
   GaAlAs Light Emitting Diode
logo
Panasonic Semiconductor
LN77L PANASONIC-LN77L Datasheet
40Kb / 2P
   GaAlAs Infrared Light Emitting Diode
LN78 PANASONIC-LN78 Datasheet
35Kb / 2P
   GaAlAs Infrared Light Emitting Diode
LN175 PANASONIC-LN175 Datasheet
42Kb / 2P
   GaAlAs Infrared Light Emitting Diode
LNA4401L PANASONIC-LNA4401L Datasheet
35Kb / 2P
   GaAlAs Infrared Light Emitting Diode
LN671 PANASONIC-LN671 Datasheet
43Kb / 2P
   GaAlAs Infrared Light Emitting Diode
LN75X PANASONIC-LN75X Datasheet
35Kb / 2P
   GaAlAs Infrared Light Emitting Diode
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com