Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MDU13H-45MC3 Datasheet(PDF) 2 Page - Data Delay Devices, Inc.

Part No. MDU13H-45MC3
Description  TRIPLE, ECL-INTERFACED FIXED DELAY LINE (SERIES MDU13H)
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DATADELAY [Data Delay Devices, Inc.]
Homepage  http://www.datadelay.com
Logo 

MDU13H-45MC3 Datasheet(HTML) 2 Page - Data Delay Devices, Inc.

   
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MDU13H
Doc #97037
DATA DELAY DEVICES, INC.
2
12/11/97
Tel: 973-773-2299
Fax: 973-773-9672
http://www.datadelay.com
APPLICATION NOTES
HIGH FREQUENCY RESPONSE
The MDU13H tolerances are guaranteed for
input pulse widths and periods greater than those
specified in the test conditions. Although the
device will function properly for pulse widths as
small as 50% of the total delay and periods as
small as 100% of the total delay (for a symmetric
input), the delays may deviate from their values
at low frequency. However, for a given input
condition, the deviation will be repeatable from
pulse to pulse. Contact technical support at Data
Delay Devices if your application requires device
testing at a specific input condition.
POWER SUPPLY BYPASSING
The MDU13H relies on a stable power supply to
produce repeatable delays within the stated
tolerances. A 0.1uf capacitor from VEE to GND,
located as close as possible to the VEE pin, is
recommended. A wide VEE trace and a clean
ground plane should be used.
DEVICE SPECIFICATIONS
TABLE 1: ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
MIN
MAX
UNITS
NOTES
DC Supply Voltage
VEE
-7.0
0.3
V
Input Pin Voltage
VIN
VEE - 0.3
0.3
V
Storage Temperature
TSTRG
-55
150
C
Lead Temperature
TLEAD
300
C
10 sec
TABLE 2: DC ELECTRICAL CHARACTERISTICS
(0C to 75C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
High Level Output Voltage
VOH
-1.020
-0.735
V
VIH = MAX,50
Ω to -2V
Low Level Output Voltage
VOL
-1.950
-1.600
V
VIL = MIN, 50
Ω to -2V
High Level Input Voltage
VIH
-1.070
V
Low Level Input Voltage
VIL
-1.480
V
High Level Input Current
IIH
475
µA
VIH = MAX
Low Level Input Current
IIL
0.5
µA
VIL = MIN


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn