Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MDU13H-45MC3 Datasheet(PDF) 1 Page - Data Delay Devices, Inc.

Part No. MDU13H-45MC3
Description  TRIPLE, ECL-INTERFACED FIXED DELAY LINE (SERIES MDU13H)
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DATADELAY [Data Delay Devices, Inc.]
Homepage  http://www.datadelay.com
Logo 

MDU13H-45MC3 Datasheet(HTML) 1 Page - Data Delay Devices, Inc.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MDU13H
Doc #97037
DATA DELAY DEVICES, INC.
1
12/11/97
3 Mt. Prospect Ave. Clifton, NJ 07013
TRIPLE, ECL-INTERFACED
FIXED DELAY LINE
(SERIES MDU13H)
FEATURES
PACKAGES
Three independent delay lines
Fits standard 16-pin DIP socket
Auto-insertable
Input & outputs fully 10KH-ECL interfaced & buffered
FUNCTIONAL DESCRIPTION
The MDU13H-series device is a 3-in-1 digitally buffered delay line. The
signal inputs (I1-I3) are reproduced at the outputs (O1-O3), shifted in time
by an amount determined by the device dash number (See Table). The
delay lines function completely independently of each other.
SERIES SPECIFICATIONS
Minimum input pulse width: 50% of total delay
Output rise time: 2ns typical
Supply voltage:
-5VDC
± 5%
Power dissipation: 200mw typical (no load)
Operating temperature: -30
° to 85° C
Temp. coefficient of total delay: 100 PPM/
°C
100%
VCC
GND
I1
I2
I3
Functional block diagram
100%
100%
O3
O2
O1
©
©1997 Data Delay Devices
data
delay
devices, inc.
®
®
3
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
GND
N/C
N/C
N/C
I1
I2
I3
VEE
GND
O1
O2
O3
N/C
N/C
N/C
N/C
16
15
14
13
1
5
6
7
8
GND
I1
I2
I3
VEE
GND
O1
O2
O3
MDU13H-xx
DIP
MDU13H-xxM Military DIP
MDU13H-xxC3
SMD
MDU13H-xxMC3 Mil SMD
PIN DESCRIPTIONS
I1-I3
Signal Inputs
O1-O3 Signal Outputs
VEE
-5 Volts
GND
Ground
DASH NUMBER SPECIFICATIONS
Part
Number
Delay Per
Line (ns)
MDU13H-3
3
± 1.0
MDU13H-4
4
± 1.0
MDU13H-5
5
± 1.0
MDU13H-10
10
± 1.0
MDU13H-15
15
± 1.0
MDU13H-20
20
± 1.0
MDU13H-25
25
± 2.0
MDU13H-30
30
± 2.0
MDU13H-35
35
± 2.0
MDU13H-40
40
± 2.0
MDU13H-45
45
± 2.2
MDU13H-50
50
± 2.5
* Total delay is referenced to first tap output
Input to first tap = 1.5ns
±± 1ns
NOTE: Any dash number between 3 and 50
not shown is also available.


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn