Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

26121604 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 26121604
Description  Network cable - VS-M12MS-IP67/B-94B-LI/5,0
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

26121604 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  26121604 Datasheet HTML 1Page - PHOENIX CONTACT 26121604 Datasheet HTML 2Page - PHOENIX CONTACT 26121604 Datasheet HTML 3Page - PHOENIX CONTACT 26121604 Datasheet HTML 4Page - PHOENIX CONTACT 26121604 Datasheet HTML 5Page - PHOENIX CONTACT 26121604 Datasheet HTML 6Page - PHOENIX CONTACT 26121604 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
https://www.phoenixcontact.com/pi/products/1412354
09/11/2020   Page 1 / 7
Network cable - VS-M12MS-IP67/B-94B-LI/5,0 - 1412354
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Network cable, Ethernet CAT5 (1 Gbps), 8-position, PUR, water blue RAL 5021, Plug straight M12 / IP67,
coding: A, on Plug straight RJ45 Clip locking / IP67, cable length: 5 m
Key Commercial Data
Packing unit
1 pc
GTIN
GTIN
4046356475525
Technical data
Dimensions
Length of cable
5 m
Ambient conditions
Degree of protection
IP65 (M12 connector)
IP67 (RJ45 connector)
General data
Rated voltage
30 V AC
30 V DC
Number of positions
8
Signal type/category
Ethernet CAT5 (on the basis of IEC 11801), 1 Gbps
Degree of pollution
3
Alternative short product description
Ethernet cable
Transmission characteristics (category)
CAT5
Characteristics head 1
Head type
Plug straight M12 / IP67
Coding
A (Standard)
Color
black


Similar Part No. - 26121604

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
26121604 PHOENIX-26121604 Datasheet
63Kb / 5P
   Coupling - VS-MP-PPC/CG-10G
26121604 PHOENIX-26121604 Datasheet
180Kb / 11P
   Network cable - NBC-MS/10,0-94B/MS SCO
09/11/2020
26121604 PHOENIX-26121604 Datasheet
428Kb / 14P
   Network cable - NBC-M12FSX/5,0-94F/R4RC
26121604 PHOENIX-26121604 Datasheet
377Kb / 14P
   Network cable - NBC-M12MSX/1,0-94F/M12MRX
26121604 PHOENIX-26121604 Datasheet
188Kb / 13P
   Bus system cable - SAC-5P-MR/ 2,0-923/FS CAN SCO
09/11/2020
More results

Similar Description - 26121604

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1407961 PHOENIX-1407961 Datasheet
407Kb / 10P
   VS-IP67/B-IP20-94B-LI/5,0 - Network cable
1412118 PHOENIX-1412118 Datasheet
107Kb / 4P
   Network cable - VS-IP67-IP67-94B-LI/5,0
1407754 PHOENIX-1407754 Datasheet
296Kb / 8P
   VS-IP67/B-OE-94B-LI/5,0 - Network cable
1407725 PHOENIX-1407725 Datasheet
102Kb / 4P
   Network cable - VS-IP67-OE-94B-LI/5,0
1407932 PHOENIX-1407932 Datasheet
403Kb / 9P
   VS-IP67-IP20-94B-LI/5,0 - Network cable
1406289 PHOENIX-1406289 Datasheet
349Kb / 9P
   VS-IP67/B-IP67/B-93E-LI/5,0 - Network cable
1406360 PHOENIX-1406360 Datasheet
355Kb / 9P
   VS-M12MS-IP67/B-93E-LI/2,0 - Network cable
1405714 PHOENIX-1405714 Datasheet
294Kb / 8P
   VS-IP67/B-OE-93E-LI/5,0 - Network cable
1403492 PHOENIX-1403492 Datasheet
390Kb / 9P
   VS-M12MS-IP20-94B-LI/3,0 - Network cable
1403376 PHOENIX-1403376 Datasheet
102Kb / 4P
   Network cable - VS-M12MS-IP20-94B-LI/15,0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com