Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC9101C39AKR Datasheet(PDF) 3 Page - Torex Semiconductor

Part # XC9101C39AKR
Description  PWM Controlled Step-Up DC/DC Controllers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9101C39AKR Datasheet(HTML) 3 Page - Torex Semiconductor

  XC9101C39AKR Datasheet HTML 1Page - Torex Semiconductor XC9101C39AKR Datasheet HTML 2Page - Torex Semiconductor XC9101C39AKR Datasheet HTML 3Page - Torex Semiconductor XC9101C39AKR Datasheet HTML 4Page - Torex Semiconductor XC9101C39AKR Datasheet HTML 5Page - Torex Semiconductor XC9101C39AKR Datasheet HTML 6Page - Torex Semiconductor XC9101C39AKR Datasheet HTML 7Page - Torex Semiconductor XC9101C39AKR Datasheet HTML 8Page - Torex Semiconductor XC9101C39AKR Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
XC9101
Series
389
4
■Marking
q Represents the product series
w Represents product type, DC/DC converter
e Represents integral number of output voltage, or FB type
r Represents decimal number of output voltage
t Represents oscillation frequency's control type
DESIGNATOR
4
PRODUCT NAME
XC9101***AK*
DESIGNATOR
C
PRODUCT NAME
XC9101C**AK*
D
TYPE
VOUT, CE PIN
FB, CE PIN
XC9101D09AK*
PRODUCT NAME
2
VOLTAGE(V)
2. X
XC9101C2*AK*
3
3. X
XC9101C3*AK*
4
4. X
XC9101C4*AK*
5
5. X
XC9101C5*AK*
6
6. X
XC9101C6*AK*
7
7. X
XC9101C7*AK*
8
8. X
XC9101C8*AK*
9
9. X
XC9101C9*AK*
0
FB products
XC9101D09AK*
A
PRODUCT NAME
XC9101CA*AK*
B
10. X
11. X
XC9101CB*AK*
C
12. X
XC9101CC*AK*
D
13. X
XC9101CD*AK*
E
14. X
XC9101CE*AK*
F
15. X
XC9101CF*AK*
H
16. X
XC9101CH*AK*
DESIGNATOR
0
PRODUCT NAME
XC9101C*0AK*
3
VOLTAGE(V)
X. 0
X. 3
XC9101C*3AK*
9
FB products
XC9101D09AK*
DESIGNATOR
A
PRODUCT NAME
XC9101***AK*
TYPE
Adjustable Frequency
DESIGNATOR
DESIGNATOR VOLTAGE(V)
MSOP-8A
①② ③
④⑤⑥
04S_01XC9101/9102新規 02.09.12 14:38 ページ 389


Similar Part No. - XC9101C39AKR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9101 TOREX-XC9101_1 Datasheet
1Mb / 22P
   PWM Controlled Step-Up DC/DC Controllers
More results

Similar Description - XC9101C39AKR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9101 TOREX-XC9101_1 Datasheet
1Mb / 22P
   PWM Controlled Step-Up DC/DC Controllers
XC6371 TOREX-XC6371 Datasheet
235Kb / 14P
   PWM Controlled Step-Up DC/DC Controllers/Converters
XC6371 TOREX-XC6371_2 Datasheet
742Kb / 19P
   PWM Controlled Step-Up DC/DC Controllers/Converters
XC6371 TOREX-XC6371_1 Datasheet
770Kb / 18P
   PWM Controlled Step-Up DC/DC Controllers/Converters
XC6368 TOREX-XC6368 Datasheet
431Kb / 28P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC6367 TOREX-XC6367_1 Datasheet
1Mb / 28P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC6367 TOREX-XC6367 Datasheet
1Mb / 27P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC9201 TOREX-XC9201_1 Datasheet
1Mb / 24P
   PWM Controlled Step-Down DC/DC Controllers
logo
Unisonic Technologies
UC3550 UTC-UC3550_10 Datasheet
368Kb / 10P
   PWM CONTROLLED,PWM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER
UC3550 UTC-UC3550_15 Datasheet
386Kb / 11P
   PWM CONTROLLED, PWM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com