Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDU13F-2M Datasheet(PDF) 5 Page - Data Delay Devices, Inc.

Part # PDU13F-2M
Description  3-BIT PROGRAMMABLE DELAY LINE (SERIES PDU13F)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATADELAY [Data Delay Devices, Inc.]
Direct Link  http://www.datadelay.com
Logo DATADELAY - Data Delay Devices, Inc.

PDU13F-2M Datasheet(HTML) 5 Page - Data Delay Devices, Inc.

  PDU13F-2M Datasheet HTML 1Page - Data Delay Devices, Inc. PDU13F-2M Datasheet HTML 2Page - Data Delay Devices, Inc. PDU13F-2M Datasheet HTML 3Page - Data Delay Devices, Inc. PDU13F-2M Datasheet HTML 4Page - Data Delay Devices, Inc. PDU13F-2M Datasheet HTML 5Page - Data Delay Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
PDU13F
DELAY LINE AUTOMATED TESTING
TEST CONDITIONS
INPUT:
OUTPUT:
Ambient Temperature: 25
oC ± 3oC
Load:
1 FAST-TTL Gate
Supply Voltage (Vcc): 5.0V
± 0.1V
Cload:
5pf
± 10%
Input Pulse:
High = 3.0V
± 0.1V
Threshold:
1.5V (Rising & Falling)
Low = 0.0V
± 0.1V
Source Impedance:
50
Ω Max.
Rise/Fall Time:
3.0 ns Max. (measured
between 0.6V and 2.4V )
Pulse Width:
PWIN = 1.5 x Total Delay
Period:
PERIN = 4.5 x Total Delay
NOTE: The above conditions are for test only and do not in any way restrict the operation of the device.
OUT
OUT
TRIG
IN
REF
TRIG
Test Setup
DEVICE UNDER
TEST (DUT)
TIME INTERVAL
COUNTER
PULSE
GENERATOR
COMPUTER
SYSTEM
PRINTER
IN
Timing Diagram For Testing
TDAR
TDAF
PERIN
PWIN
TRISE
TFALL
0.6V
0.6V
1.5V
1.5V
2.4V
2.4V
1.5V
1.5V
VIH
VIL
VOH
VOL
INPUT
SIGNAL
OUTPUT
SIGNAL
Doc #97001
DATA DELAY DEVICES, INC.
5
3/25/04
3 Mt. Prospect Ave. Clifton, NJ 07013


Similar Part No. - PDU13F-2M

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
PDU138 DATADELAY-PDU138 Datasheet
53Kb / 5P
   3-BIT PROGRAMMABLE DELAY LINE (SERIES PDU138)
PDU138-1 DATADELAY-PDU138-1 Datasheet
53Kb / 5P
   3-BIT PROGRAMMABLE DELAY LINE (SERIES PDU138)
PDU138-10 DATADELAY-PDU138-10 Datasheet
53Kb / 5P
   3-BIT PROGRAMMABLE DELAY LINE (SERIES PDU138)
PDU138-12 DATADELAY-PDU138-12 Datasheet
53Kb / 5P
   3-BIT PROGRAMMABLE DELAY LINE (SERIES PDU138)
PDU138-15 DATADELAY-PDU138-15 Datasheet
53Kb / 5P
   3-BIT PROGRAMMABLE DELAY LINE (SERIES PDU138)
More results

Similar Description - PDU13F-2M

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
PDU138 DATADELAY-PDU138 Datasheet
53Kb / 5P
   3-BIT PROGRAMMABLE DELAY LINE (SERIES PDU138)
PDU108H DATADELAY-PDU108H Datasheet
41Kb / 5P
   3-BIT, ECL-INTERFACED PROGRAMMABLE DELAY LINE (SERIES PDU108H)
PDU53 DATADELAY-PDU53 Datasheet
250Kb / 4P
   3-BIT, ECL-INTERFACED PROGRAMMABLE DELAY LINE (SERIES PDU53)
PDU14F DATADELAY-PDU14F Datasheet
58Kb / 5P
   4-BIT PROGRAMMABLE DELAY LINE
PDU15F DATADELAY-PDU15F Datasheet
50Kb / 5P
   5-BIT PROGRAMMABLE DELAY LINE
PDU18F DATADELAY-PDU18F Datasheet
292Kb / 5P
   8-BIT PROGRAMMABLE DELAY LINE
PDU16F DATADELAY-PDU16F Datasheet
49Kb / 5P
   6-BIT PROGRAMMABLE DELAY LINE (SERIES PDU16F)
PDU17F DATADELAY-PDU17F Datasheet
43Kb / 5P
   7-BIT PROGRAMMABLE DELAY LINE (SERIES PDU17F)
logo
Rhombus Industries Inc.
PLDM4-0.5 RHOMBUS-IND-PLDM4-0.5 Datasheet
29Kb / 1P
   3-Bit Programmable Delay Modules
PECL3-0.5 RHOMBUS-IND-PECL3-0.5_1 Datasheet
29Kb / 1P
   3-Bit Programmable Delay Modules
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com