Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDU1032H-10 Datasheet(PDF) 1 Page - Data Delay Devices, Inc.

Part # PDU1032H-10
Description  5-BIT, ECL-INTERFACED PROGRAMMABLE DELAY LINE (SERIES PDU1032H)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATADELAY [Data Delay Devices, Inc.]
Direct Link  http://www.datadelay.com
Logo DATADELAY - Data Delay Devices, Inc.

PDU1032H-10 Datasheet(HTML) 1 Page - Data Delay Devices, Inc.

  PDU1032H-10 Datasheet HTML 1Page - Data Delay Devices, Inc. PDU1032H-10 Datasheet HTML 2Page - Data Delay Devices, Inc. PDU1032H-10 Datasheet HTML 3Page - Data Delay Devices, Inc. PDU1032H-10 Datasheet HTML 4Page - Data Delay Devices, Inc. PDU1032H-10 Datasheet HTML 5Page - Data Delay Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PDU1032H
5-BIT, ECL-INTERFACED
PROGRAMMABLE DELAY LINE
(SERIES PDU1032H)
FEATURES
PACKAGES
Digitally programmable in 32 delay steps
Monotonic delay-versus-address variation
Precise and stable delays
Input & outputs fully 10KH-ECL interfaced &
buffered
Fits 32-pin DIP socket
FUNCTIONAL DESCRIPTION
The PDU1032H-series device is a 5-bit digitally programmable delay line.
The delay, TDA, from the input pin (IN) to the output pin (OUT) depends
on the address code (A4-A0) according to the following formula:
TDA = TD0 + TINC * A
where A is the address code, TINC is the incremental delay of the device,
and TD0 is the inherent delay of the device. The incremental delay is
specified by the dash number of the device and can range from 0.5ns through 20ns, inclusively. The
enable pin (ENB) is held LOW during normal operation. When this signal is brought HIGH, OUT is forced
into a LOW state. The address is not latched and must remain asserted during normal operation.
SERIES SPECIFICATIONS
32
31
26
25
24
17
1
2
7
8
9
11
15
16
GND
ENB
A0
VEE
GND
IN
A3
VEE
GND
OUT
A1
A2
GND
A4
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
NC
NC
OUT
GND
ENB
NC
NC
NC
GND
ENB
NC
NC
NC
NC
NC
NC
NC
GND
ENB
IN
NC
NC
A2
A1
VEE
A0
NC
NC
A4
VEE
A3
NC
NC
NC
NC
NC
NC
NC
VEE
NC
PDU1032H-xxC5
SMD
PDU1032H-xxMC5 Mil SMD
PDU1032H-xx
DIP
PDU1032H-xxM Mil DIP
PIN DESCRIPTIONS
IN
Signal Input
OUT Signal Output
A0-A4 Address Bits
ENB Output Enable
VEE
-5 Volts
GND Ground
DASH NUMBER SPECIFICATIONS
Part
Number
Incremental Delay
Per Step (ns)
Total
Delay (ns)
PDU1032H-.5
0.5
± 0.3
15.5
± 2.0
PDU1032H-1
1.0
± 0.5
31
± 2.0
PDU1032H-2
2.0
± 0.5
62
± 3.1
PDU1032H-3
3.0
± 1.0
93
± 4.6
PDU1032H-4
4.0
± 1.0
124
± 6.2
PDU1032H-5
5.0
± 1.0
155
± 7.8
PDU1032H-6
6.0
± 1.0
186
± 9.3
PDU1032H-8
8.0
± 1.0
248
± 12.4
PDU1032H-10
10.0
± 1.5
310
± 15.5
PDU1032H-12
12.0
± 1.5
372
± 18.6
PDU1032H-15
15.0
± 1.5
465
± 23.2
PDU1032H-20
20.0
± 2.0
620
± 31.0
NOTE: Any dash number between .5 and 20
not shown is also available.
Total programmed delay tolerance: 5% or 2ns,
whichever is greater
Inherent delay (TD0): 5.5ns typical for dash numbers
up to 5, greater for larger #’s
Setup time and propagation delay:
Address to input setup (TAIS):
3.6ns
Disable to output delay (TDISO): 1.7ns typical
Operating temperature: 0
° to 70° C
Temperature coefficient: 100PPM/
°C (excludes TD0)
Supply voltage VEE: -5VDC ± 5%
Power Dissipation: 615mw typical (no load)
Minimum pulse width: 20% of total delay
2003 Data Delay Devices
Doc #97045
DATA DELAY DEVICES, INC.
1
2/25/03
3 Mt. Prospect Ave. Clifton, NJ 07013


Similar Part No. - PDU1032H-10

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
PDU1016H DATADELAY-PDU1016H Datasheet
48Kb / 5P
   4-BIT, ECL-INTERFACED PROGRAMMABLE DELAY LINE
PDU1016H-.5 DATADELAY-PDU1016H-.5 Datasheet
48Kb / 5P
   4-BIT, ECL-INTERFACED PROGRAMMABLE DELAY LINE
PDU1016H-.5C4 DATADELAY-PDU1016H-.5C4 Datasheet
48Kb / 5P
   4-BIT, ECL-INTERFACED PROGRAMMABLE DELAY LINE
PDU1016H-.5M DATADELAY-PDU1016H-.5M Datasheet
48Kb / 5P
   4-BIT, ECL-INTERFACED PROGRAMMABLE DELAY LINE
PDU1016H-.5MC4 DATADELAY-PDU1016H-.5MC4 Datasheet
48Kb / 5P
   4-BIT, ECL-INTERFACED PROGRAMMABLE DELAY LINE
More results

Similar Description - PDU1032H-10

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
PDU1016H DATADELAY-PDU1016H Datasheet
48Kb / 5P
   4-BIT, ECL-INTERFACED PROGRAMMABLE DELAY LINE
PDU10256H DATADELAY-PDU10256H Datasheet
43Kb / 5P
   8-BIT, ECL-INTERFACED PROGRAMMABLE DELAY LINE (SERIES PDU10256H)
PDU1064H DATADELAY-PDU1064H Datasheet
42Kb / 5P
   6-BIT, ECL-INTERFACED PROGRAMMABLE DELAY LINE (SERIES PDU1064H)
PDU53 DATADELAY-PDU53 Datasheet
250Kb / 4P
   3-BIT, ECL-INTERFACED PROGRAMMABLE DELAY LINE (SERIES PDU53)
PD10256H DATADELAY-PD10256H Datasheet
286Kb / 5P
   8-BIT, ECL-INTERFACED PROGRAMMABLE DELAY LINE (SERIES PDU10256H)
PDU54 DATADELAY-PDU54 Datasheet
249Kb / 4P
   4-BIT, ECL-INTERFACED PROGRAMMABLE DELAY LINE (SERIES PDU54)
PDU108H DATADELAY-PDU108H Datasheet
41Kb / 5P
   3-BIT, ECL-INTERFACED PROGRAMMABLE DELAY LINE (SERIES PDU108H)
DDU12H DATADELAY-DDU12H_06 Datasheet
224Kb / 4P
   5-TAP, ECL-INTERFACED FIXED DELAY LINE
DDU11H DATADELAY-DDU11H Datasheet
38Kb / 4P
   5-TAP, ECL-INTERFACED FIXED DELAY LINE (SERIES DDU11H)
DDU12H DATADELAY-DDU12H Datasheet
40Kb / 4P
   5-TAP, ECL-INTERFACED FIXED DELAY LINE (SERIES DDU12H)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com