Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DDU18-4MC4 Datasheet(PDF) 1 Page - Data Delay Devices, Inc.

Part # DDU18-4MC4
Description  8-TAP, ECL-INTERFACED FIXED DELAY LINE FIXED DELAY LINE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATADELAY [Data Delay Devices, Inc.]
Direct Link  http://www.datadelay.com
Logo DATADELAY - Data Delay Devices, Inc.

DDU18-4MC4 Datasheet(HTML) 1 Page - Data Delay Devices, Inc.

  DDU18-4MC4 Datasheet HTML 1Page - Data Delay Devices, Inc. DDU18-4MC4 Datasheet HTML 2Page - Data Delay Devices, Inc. DDU18-4MC4 Datasheet HTML 3Page - Data Delay Devices, Inc. DDU18-4MC4 Datasheet HTML 4Page - Data Delay Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DDU18
8-TAP, ECL-INTERFACED
FIXED DELAY LINE
(SERIES DDU18)
data
delay
devices, inc.
3
FEATURES
PACKAGES
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
GND
N/C
T1
T2
T3
GND
GND
T4
T5
T6
T7
T8
IN
N/C
N/C
N/C
N/C
GND
VEE
N/C
N/C
N/C
N/C
GND
24
19
18
13
1
3
4
5
6
7
8
9
10
11
12
GND
T1
T2
T3
GND
GND
T4
T5
T6
T7
T8
IN
GND
VEE
GND
Eight equally spaced outputs
Fits in 400 mil 24-pin DIP socket
Input & outputs fully 100K-ECL interfaced & buffered
DDU18-xxC4
SMD
DDU18-xxMC4
Mil SMD
DDU18-xx
DIP
DDU18-xxM Military DIP
FUNCTIONAL DESCRIPTION
The DDU18-series device is a 8-tap digitally buffered delay line. The
signal input (IN) is reproduced at the outputs (T1-T8), shifted in time by an
amount determined by the device dash number (See Table). For dash
numbers less than 16, the total delay of the line is measured from T1 to
T8. The nominal tap-to-tap delay increment is given by one-seventh of the
total delay, and the inherent delay from IN to T1 is nominally 2.0ns. For dash numbers greater than or
equal to 16, the total delay of the line is measured from IN to T8. The nominal tap-to-tap delay increment is
given by one-eighth of this number.
PIN DESCRIPTIONS
IN
Signal Input
T1-T8 Tap Outputs
VEE
-5 Volts
GND
Ground
DASH NUMBER SPECIFICATIONS
Part
Number
Total
Delay (ns)
Delay Per
Tap (ns)
DDU18-4
3.5
± 1.0 *
0.5
± 0.3
DDU18-8
7.0
± 1.0 *
1.0
± 0.4
DDU18-12
10.5
± 1.0 *
1.5
± 0.4
DDU18-16
16
± 1.0
2.0
± 0.5
DDU18-20
20
± 1.0
2.5
± 1.0
DDU18-24
24
± 1.2
3.0
± 1.5
DDU18-32
32
± 1.6
4.0
± 2.0
DDU18-40
40
± 2.0
5.0
± 2.0
DDU18-48
48
± 2.4
6.0
± 2.0
DDU18-56
56
± 2.8
7.0
± 2.0
DDU18-64
64
± 3.2
8.0
± 2.0
DDU18-72
72
± 3.6
9.0
± 2.0
DDU18-80
80
± 4.0
10.0
± 2.5
DDU18-100
100
± 5.0
12.5
± 2.5
DDU18-120
120
± 6.0
15.0
± 3.0
DDU18-160
160
± 8.0
20.0
± 4.0
DDU18-200
200
± 10.0
25.0
± 5.0
* Total delay is referenced to first tap output
Input to first tap = 2.0ns
± 1ns
NOTE: Any dash number between 4 and 200
not shown is also available.
SERIES SPECIFICATIONS
Minimum input pulse width: 40% of total delay
Output rise time: 2ns typical
Supply voltage:
-5VDC
± 5%
Power dissipation: 500mw typical (no load)
Operating temperature: 0
° to 85° C
Temp. coefficient of total delay: 100 PPM/
°C
1/7
1/7
1/7
1/7
VCC
GND
IN
T1
T2
T3
T4
Functional diagram for dash numbers < 16
2.0ns
1/7
1/7
1/7
T5
T6
T7
T8
1/8
1/8
1/8
1/8
VCC
GND
IN
T1
T2
T3
T4
Functional diagram for dash numbers >= 16
1/8
1/8
1/8
T5
T6
T7
T8
1/8
2004 Data Delay Devices
Doc #97041
DATA DELAY DEVICES, INC.
1
5/5/04
3 Mt. Prospect Ave. Clifton, NJ 07013


Similar Part No. - DDU18-4MC4

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
DDU11H DATADELAY-DDU11H Datasheet
38Kb / 4P
   5-TAP, ECL-INTERFACED FIXED DELAY LINE (SERIES DDU11H)
DDU11H-100C3 DATADELAY-DDU11H-100C3 Datasheet
38Kb / 4P
   5-TAP, ECL-INTERFACED FIXED DELAY LINE (SERIES DDU11H)
DDU11H-100M DATADELAY-DDU11H-100M Datasheet
38Kb / 4P
   5-TAP, ECL-INTERFACED FIXED DELAY LINE (SERIES DDU11H)
DDU11H-100MC3 DATADELAY-DDU11H-100MC3 Datasheet
38Kb / 4P
   5-TAP, ECL-INTERFACED FIXED DELAY LINE (SERIES DDU11H)
DDU11H-10C3 DATADELAY-DDU11H-10C3 Datasheet
38Kb / 4P
   5-TAP, ECL-INTERFACED FIXED DELAY LINE (SERIES DDU11H)
More results

Similar Description - DDU18-4MC4

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
DDU12H DATADELAY-DDU12H_06 Datasheet
224Kb / 4P
   5-TAP, ECL-INTERFACED FIXED DELAY LINE
DDU12H DATADELAY-DDU12H Datasheet
40Kb / 4P
   5-TAP, ECL-INTERFACED FIXED DELAY LINE (SERIES DDU12H)
DDU11H DATADELAY-DDU11H Datasheet
38Kb / 4P
   5-TAP, ECL-INTERFACED FIXED DELAY LINE (SERIES DDU11H)
SMD99F DATADELAY-SMD99F Datasheet
43Kb / 4P
   5-TAP, TTL-INTERFACED FIXED DELAY LINE
DDU8F DATADELAY-DDU8F Datasheet
54Kb / 4P
   5-TAP, TTL-INTERFACED FIXED DELAY LINE
DDU8C DATADELAY-DDU8C Datasheet
51Kb / 4P
   5-TAP, HCMOS-INTERFACED FIXED DELAY LINE
DDU7C DATADELAY-DDU7C Datasheet
40Kb / 4P
   10-TAP, TTL-INTERFACED FIXED DELAY LINE
DDU224F DATADELAY-DDU224F Datasheet
41Kb / 4P
   10-TAP, TTL-INTERFACED FIXED DELAY LINE
MDU14 DATADELAY-MDU14 Datasheet
37Kb / 4P
   QUAD, ECL-INTERFACED FIXED DELAY LINE (SERIES MDU14)
MDU12H DATADELAY-MDU12H Datasheet
35Kb / 4P
   DUAL, ECL-INTERFACED FIXED DELAY LINE (SERIES MDU12H)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com