Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DDU7F-250M Datasheet(PDF) 3 Page - Data Delay Devices, Inc.

Part # DDU7F-250M
Description  10-TAP, TTL-INTERFACED FIXED DELAY LINE (SERIES DDU7F)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATADELAY [Data Delay Devices, Inc.]
Direct Link  http://www.datadelay.com
Logo DATADELAY - Data Delay Devices, Inc.

DDU7F-250M Datasheet(HTML) 3 Page - Data Delay Devices, Inc.

  DDU7F-250M Datasheet HTML 1Page - Data Delay Devices, Inc. DDU7F-250M Datasheet HTML 2Page - Data Delay Devices, Inc. DDU7F-250M Datasheet HTML 3Page - Data Delay Devices, Inc. DDU7F-250M Datasheet HTML 4Page - Data Delay Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DDU7F
Doc #97016
DATA DELAY DEVICES, INC.
3
1/29/97
3 Mt. Prospect Ave. Clifton, NJ 07013
PACKAGE DIMENSIONS
DDU7F-xx (Commercial DIP)
.780 MAX.
1
2
3
4
5
6
7
8
14
13
12
11
10
9
.290
MAX.
.015 TYP.
.070 MAX.
.018
TYP.
.600
±.010
6 Equal spaces
each .100
±.010
Non-Accumulative
.280
MAX.
.350
MAX.
.010
±.002
Lead Material:
Nickel-Iron alloy 42
TIN PLATE
DDU7F-xxM (Military DIP)
.195
±.010
.830 MAX.
1
2
3
4
5
6
7
8
.290
MAX.
.020
TYP.
.440
MAX.
.300
TYP.
.010 TYP.
.600
TYP.
.030
±.005
9
10
11
12
13
14
DDU7F-xxA2 (Commercial Gull-Wing)
.790 MAX.
.430
TYP.
.020 TYP.
.040
TYP.
.100
.090
.600
.300
MAX.
.270
TYP.
.010 TYP.
.050
TYP.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
DDU7F-xxB2 (Commercial J-Lead)
.790 MAX.
1
2
3
4
5
6
7
8
.320
TYP.
.020 TYP.
.040
TYP.
.100
.110
.600
.350
MAX.
.270
TYP.
.050 TYP.
.110
TYP.
9
10
11
12
13
14
.880
±.020
.882
±.005
.020 TYP.
.040
TYP.
.100
.090
.700
.280
MAX.
.590
MAX.
.010
±.002
.050
±.010
.710
±.005
.007
±.005
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
DDU7F-xxMC3 (Military Gull-Wing)


Similar Part No. - DDU7F-250M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DDU7-100 ETC1-DDU7-100 Datasheet
93Kb / 1P
   10 Taps (14 pins DIP) T2L Interfaced
DDU7-XXX ETC1-DDU7-XXX Datasheet
93Kb / 1P
   10 Taps (14 pins DIP) T2L Interfaced
logo
Data Delay Devices, Inc...
DDU75F DATADELAY-DDU75F Datasheet
114Kb / 1P
   DIGITAL DELAY UNITS
DDU7C DATADELAY-DDU7C Datasheet
40Kb / 4P
   10-TAP, TTL-INTERFACED FIXED DELAY LINE
DDU7C-100 DATADELAY-DDU7C-100 Datasheet
40Kb / 4P
   10-TAP, TTL-INTERFACED FIXED DELAY LINE
More results

Similar Description - DDU7F-250M

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
DDU7C DATADELAY-DDU7C Datasheet
40Kb / 4P
   10-TAP, TTL-INTERFACED FIXED DELAY LINE
DDU224F DATADELAY-DDU224F Datasheet
41Kb / 4P
   10-TAP, TTL-INTERFACED FIXED DELAY LINE
SMD99F DATADELAY-SMD99F Datasheet
43Kb / 4P
   5-TAP, TTL-INTERFACED FIXED DELAY LINE
DDU8F DATADELAY-DDU8F Datasheet
54Kb / 4P
   5-TAP, TTL-INTERFACED FIXED DELAY LINE
DDU66F DATADELAY-DDU66F Datasheet
53Kb / 4P
   5-TAP, TTL-INTERFACED FIXED DELAY LINE (SERIES DDU66F)
DDU4F DATADELAY-DDU4F Datasheet
52Kb / 4P
   5-TAP, TTL-INTERFACED FIXED DELAY LINE (SERIES DDU4F)
DDU222F DATADELAY-DDU222F Datasheet
38Kb / 4P
   5-TAP, TTL-INTERFACED FIXED DELAY LINE (SERIES DDU222F)
DDU18 DATADELAY-DDU18 Datasheet
222Kb / 4P
   8-TAP, ECL-INTERFACED FIXED DELAY LINE FIXED DELAY LINE
DDU12H DATADELAY-DDU12H_06 Datasheet
224Kb / 4P
   5-TAP, ECL-INTERFACED FIXED DELAY LINE
DDU8C DATADELAY-DDU8C Datasheet
51Kb / 4P
   5-TAP, HCMOS-INTERFACED FIXED DELAY LINE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com