Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M62781GP Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part No. M62781GP
Description  VOLTAGE DETECTING, SYSTEM RESETTING IC SERIES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M62781GP Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  M62781GP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M62781GP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M62781GP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M62781GP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
M62781GP
1998-8-25
(
/ 4 )
MITSUBISHI Dig./Ana.INTERFACE
VOLTAGE DETECTING, SYSTEM RESETTING IC SERIES
2
400
tPD
0.6
0.7
ms
8
6
8
2
-30 to +85
-40 to +125
200
Vcc
Isink
Vo
Pd
K
Topr
Tstg
V
mA
V
mW
mW/ °C
°C
°C
VS
VS
VS/
T
ICC
Vsat
VOPL
VCC=5V
4.00
80
0.01
VCC=3.5V,Isink=4mA
RL=2.2k
,Vsat
0.4V
3.84
50
0.7
0.2
400
4.16
110
600
0.4
0.8
V
mV
V
V
%/ °C
µA
RL=100k
,Vsat
0.4V
IOH
30
nA
µA
Ta= - 30 to + 85
°C
1
t
t
L
H
0.65V
4.00V
"L" RESET TYPE
td
td
td
400msec
200
800
FUNCTION DIAGRAM
SUPPLY
VOLTAGE
OUTPUT
STATE
ABSOLUTE MAXINUM RATINGS (Ta=25°C Unless otherwise noted)
Supply Voltage
Output Sink Current
Output Voltage
Power Dissipation
Thermal Derating
Operating Temperature
Storage Temperature
Output with open collector
3pin SOP(SOT-23)
Ta
25°C
3pin SOP
ELECTRICAL CHARACTERISTICS (Ta=25°C, Unless otherwise noted)
Symbol
Parameter
Test condition
Limits
Unit
MIN
TYP
MAX
Detecting Voltage
Hysterisis Voltage
Detecting Voltage
Temperature Coefficient
Circut Current
Output Saturation Voltage
Threshold
Operating Voltage
Output Leak Current
Deray Time
Minimum supply voltage
for IC operation
Symbol
Parameter
Test condition
Ratings
Unit
OUTPUT
UNDEFIND
0
-


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
M62707ML VOLTAGE DETECTING SYSTEM RESETTING IC SERIES 1  2  3  Mitsubishi Electric Semiconductor
M51943A VOLTAGE DETECTING SYSTEM RESETTING IC SERIES 1  2  3  4  Mitsubishi Electric Semiconductor
M6270X VOLTAGE DETECTING SYSTEM RESETTING IC SERIES 1  2  3  Mitsubishi Electric Semiconductor
M51943AGP VOLTAGE DETECTING SYSTEM RESETTING IC SERIES 1  2  3  Mitsubishi Electric Semiconductor
M62714ML VOLTAGE DETECTING SYSTEM RESETTING IC SERIES 1  2  3  Mitsubishi Electric Semiconductor
M51945A VOLTAGE DETECTING SYSTEM RESETTING IC SERIES 1  2  3  4  5  More Mitsubishi Electric Semiconductor
M62720GP VOLTAGE DETECTING SYSTEM RESETTING IC SERIES 1  2  3  4  Mitsubishi Electric Semiconductor
M51955 VOLTAGE DETECTING SYSTEM RESETTING IC SERIES 1  2  3  4  5  More Mitsubishi Electric Semiconductor
M51951A VOLTAGE DETECTING SYSTEM RESETTING IC SERIES 1  2  3  4  Mitsubishi Electric Semiconductor
M62782GP VOLTAGE DETECTING SYSTEM RESETTING IC SERIES 1  2  3  4  Mitsubishi Electric Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn