Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M62781GP Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part No. M62781GP
Description  VOLTAGE DETECTING, SYSTEM RESETTING IC SERIES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M62781GP Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  M62781GP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M62781GP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M62781GP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M62781GP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
M62781GP
1998-8-25
(
/ 4 )
MITSUBISHI Dig./Ana.INTERFACE
VOLTAGE DETECTING, SYSTEM RESETTING IC SERIES
1
1
2
3
1
M62781GP
+
-
1.25V
R1
R2
3
2
1
FEATURES
• Few external parts
• Low threshold operating voltage (Supply voltage to keep
low-state at low supply voltage)
0.65V(TYP.) at RL=22k
• Wide supply voltage range
………… 1.5to 7.0V
• Sudden change in power supply has minimal effect on the ICs
• Wide application range
• Extra small 3-pin package (3-pin SOP)
• Built-in long delay time
GENERAL DESCRIPTION
The M62781GP is a voltage threshold detector designed for
detection of a supply voltage and generation of a system
reset pulse for almost all logic circuits such as
microprocessor.
It also has extensive applications including battery checking,
level detecting and waveform shaping circuits.
RECOMMENDED OPERATING CONDITION
• Supply voltage range
………… 1.5to 7.0V
OUTPUT
GND
SUPPLY
VOLTAGE
PIN CONFIGURATION (TOP VIEW)
Outline SOT-23
BLOCK DIAGRAM
SUPPLY VOLTAGE
OUTPUT
GND
OSC
COUNTER
This product is on during the development, and there
is a case rescheduling it future technical standard.
APPLICATION
• Reset pulse generation for almost all logic circuits
• Battery checking, level detecting, waveform shaping circuits
• Delayed waveform generator
• Switching circuit to a back-up power supply
• DC/DC converter
• Over voltage protection circuit


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
M62707ML VOLTAGE DETECTING SYSTEM RESETTING IC SERIES 1  2  3  Mitsubishi Electric Semiconductor
M51943A VOLTAGE DETECTING SYSTEM RESETTING IC SERIES 1  2  3  4  Mitsubishi Electric Semiconductor
M6270X VOLTAGE DETECTING SYSTEM RESETTING IC SERIES 1  2  3  Mitsubishi Electric Semiconductor
M51943AGP VOLTAGE DETECTING SYSTEM RESETTING IC SERIES 1  2  3  Mitsubishi Electric Semiconductor
M62714ML VOLTAGE DETECTING SYSTEM RESETTING IC SERIES 1  2  3  Mitsubishi Electric Semiconductor
M51945A VOLTAGE DETECTING SYSTEM RESETTING IC SERIES 1  2  3  4  5  More Mitsubishi Electric Semiconductor
M62720GP VOLTAGE DETECTING SYSTEM RESETTING IC SERIES 1  2  3  4  Mitsubishi Electric Semiconductor
M51955 VOLTAGE DETECTING SYSTEM RESETTING IC SERIES 1  2  3  4  5  More Mitsubishi Electric Semiconductor
M51951A VOLTAGE DETECTING SYSTEM RESETTING IC SERIES 1  2  3  4  Mitsubishi Electric Semiconductor
M62782GP VOLTAGE DETECTING SYSTEM RESETTING IC SERIES 1  2  3  4  Mitsubishi Electric Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn