Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC9201D60AKR Datasheet(PDF) 8 Page - Torex Semiconductor

Part # XC9201D60AKR
Description  PWM Controlled Step-Down DC/DC Converters
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9201D60AKR Datasheet(HTML) 8 Page - Torex Semiconductor

Back Button XC9201D60AKR Datasheet HTML 4Page - Torex Semiconductor XC9201D60AKR Datasheet HTML 5Page - Torex Semiconductor XC9201D60AKR Datasheet HTML 6Page - Torex Semiconductor XC9201D60AKR Datasheet HTML 7Page - Torex Semiconductor XC9201D60AKR Datasheet HTML 8Page - Torex Semiconductor XC9201D60AKR Datasheet HTML 9Page - Torex Semiconductor XC9201D60AKR Datasheet HTML 10Page - Torex Semiconductor XC9201D60AKR Datasheet HTML 11Page - Torex Semiconductor XC9201D60AKR Datasheet HTML 12Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
XC9201Series
542
5
XC9201D09AR
VIN = 4.0V unless specified
External components : RFB1 = 200k
Ω, RFB2 = 100kΩ, CFB = 82pF
*1 : On resistance = 0.4V / measurement current
NOTE1 : EFFI = {[(Output Voltage) x (Output Current)]
÷ [(Input Voltage) x (Input Current)]} x 100
NOTE2 : The capacity range of the condenser used to set the external CLK frequency is 180
∼ 300pF
Ta=25℃
UNITS
VINmax
VFB
VINmin
IDD1
ISTB
FOSC
ΔFOSC
ΔVIN・FOSC
ΔFOSC
ΔTOPR・FOSC
MAXDTY
MINDTY
ILIM
IISEN
ICEH
ICEL
VCEH
EXT voltage = High
VIN=4.0V, CE=VIN=FB
VIN=20.0V, CE=VIN, FB=VSS
VIN=4.0V, CE=FB=VSS
RT=10.0kΩ, CT=220pF
VIN=2.5V∼20V
TOPR=−40∼+85℃
VIN=4.0V
IOUT=300mA
FB=VSS
FB=VIN
VIN pin voltage - ISEN pin voltage
VIN=4.0V, ISEN=4.0V
CE=VIN=20.0V, FB=0V
CE=0V, VIN=20.0V, FB=0V
Existance of CLK Oscillation,
FB=0V, CE:Voltage applied
Dissapearance of CLK Oscillation,
FB=0V、CE:Voltage applied
EXT=VIN−0.4V, CE=FB=VIN *1
EXT=0.4V, CE=VIN, FB=VSS *1
Connect CSS and RSS, CE : 0V → 4.0V
0.8775
20
1.0
280
100
90
4.5
−0.1
−0.1
0.6
0.900
1.400
115
130
0.5
330
±5
±5
150
7
0
0
0.9225
2.200
2.0
220
235
2.0
380
0
220
13
0.1
0.1
V
V
V
V
μA
μA
μA
kHz
%
%
%
%
mV
μA
μA
μA
V
VCEL
0.2
V
REXTH
27
40
Ω
REXTL
24
34
Ω
EFFI
93
%
TSS
5
10
20
ms
RCCGAIN
400
CIRCUITS
q
q
q
t
w
w
w
e
e
e
r
r
y
y
t
t
t
t
r
r
q
q
u
IDD2
VUVLO
MIN.
TYP.
MAX.
PARAMETER
SYMBOL
CONDITIONS
Maximum Operating
Voltage
Minimum Operating
Voltage
Supply Current 1
Stand-by Current
Frequency Temperature
Fluctuation
Maximum Duty Cycle
Minimum Duty Cycle
FB Voltage
CLK Oscillation
Frequency
Frequency
Input Stability
Current Limiter
Voltage
ISEN Current
CE "High" Current
CE "Low" Current
CE "High" Voltage
CE "Low" Voltage
EXT "High"
ON Resistance
EXT "Low"
ON Resistance
CC/GAIN Pin
Output Impedance
Efficiency (NOTE1)
Soft-start Time
Supply Current 2
U.V.L.O. Voltage
05S_1XC9201/9202新規 02.09.12 15:16 ページ 542


Similar Part No. - XC9201D60AKR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9201DCCAL TOREX-XC9201DCCAL Datasheet
1Mb / 24P
   PWM Controlled Step-Down DC/DC Controllers
XC9201DCCAR TOREX-XC9201DCCAR Datasheet
1Mb / 24P
   PWM Controlled Step-Down DC/DC Controllers
XC9201DCCKL TOREX-XC9201DCCKL Datasheet
1Mb / 24P
   PWM Controlled Step-Down DC/DC Controllers
XC9201DCCKR TOREX-XC9201DCCKR Datasheet
1Mb / 24P
   PWM Controlled Step-Down DC/DC Controllers
More results

Similar Description - XC9201D60AKR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6375 TOREX-XC6375 Datasheet
34Kb / 4P
   PWM Controlled, Step down DC/DC Converters
XC6365 TOREX-XC6365_2 Datasheet
1Mb / 24P
   PWM Controlled, PWM/PFM Switchable Step-Down DC/DC Converters
XC6376 TOREX-XC6376 Datasheet
306Kb / 17P
   PWM Controlled PWM/PFM Switchable Step-down DC/DC Converters
XC9201 TOREX-XC9201_1 Datasheet
1Mb / 24P
   PWM Controlled Step-Down DC/DC Controllers
XC6371 TOREX-XC6371_1 Datasheet
770Kb / 18P
   PWM Controlled Step-Up DC/DC Controllers/Converters
XC6371 TOREX-XC6371 Datasheet
235Kb / 14P
   PWM Controlled Step-Up DC/DC Controllers/Converters
XC6371 TOREX-XC6371_2 Datasheet
742Kb / 19P
   PWM Controlled Step-Up DC/DC Controllers/Converters
logo
Maxim Integrated Produc...
MAX1556 MAXIM-MAX1556_10 Datasheet
280Kb / 12P
   16μA IQ,, 1.2A PWM Step-Down DC-DC Converters
Rev 2; 6/10
MAX748A MAXIM-MAX748A Datasheet
135Kb / 12P
   3.3V, Step-Down, Current-Mode PWM DC-DC Converters
Rev 0; 9/93
logo
STMicroelectronics
ST763A STMICROELECTRONICS-ST763A Datasheet
252Kb / 10P
   3.3V STEP DOWN CURRENT MODE PWM DC-DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com