Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DDU11H-50C3 Datasheet(PDF) 1 Page - Data Delay Devices, Inc.

Part # DDU11H-50C3
Description  5-TAP, ECL-INTERFACED FIXED DELAY LINE (SERIES DDU11H)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATADELAY [Data Delay Devices, Inc.]
Direct Link  http://www.datadelay.com
Logo DATADELAY - Data Delay Devices, Inc.

DDU11H-50C3 Datasheet(HTML) 1 Page - Data Delay Devices, Inc.

  DDU11H-50C3 Datasheet HTML 1Page - Data Delay Devices, Inc. DDU11H-50C3 Datasheet HTML 2Page - Data Delay Devices, Inc. DDU11H-50C3 Datasheet HTML 3Page - Data Delay Devices, Inc. DDU11H-50C3 Datasheet HTML 4Page - Data Delay Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DDU11H
Doc #97035
DATA DELAY DEVICES, INC.
1
12/10/97
3 Mt. Prospect Ave. Clifton, NJ 07013
5-TAP, ECL-INTERFACED
FIXED DELAY LINE
(SERIES DDU11H)
FEATURES
PACKAGES
Five equally spaced outputs
Fits standard 16-pin DIP socket
Auto-insertable
Input & outputs fully 10KH-ECL interfaced & buffered
FUNCTIONAL DESCRIPTION
The DDU11H-series device is a 5-tap digitally buffered delay line. The
signal input (IN) is reproduced at the outputs (T1-T5), shifted in time by an
amount determined by the device dash number (See Table). For dash
numbers less than 10, the total delay of the line is measured from T1 to
T5. The nominal tap-to-tap delay increment is given by one-fourth of the
total delay, and the inherent delay from IN to T1 is nominally 1.5ns. For dash numbers greater than or
equal to 10, the total delay of the line is measured from IN to T5. The nominal tap-to-tap delay increment
is given by one-fifth of this number.
SERIES SPECIFICATIONS
Minimum input pulse width: 20% of total delay
Output rise time: 2ns typical
Supply voltage:
-5VDC
± 5%
Power dissipation: 200mw typical (no load)
Operating temperature: -30
° to 85° C
Temp. coefficient of total delay: 100 PPM/
°C
25%
25%
25%
25%
VCC
GND
IN
T1
T2
T3
T4
T5
Functional diagram for dash numbers < 10
1.5ns
20%
20%
20%
20%
20%
VCC
GND
IN
T1
T2
T3
T4
T5
Functional diagram for dash numbers >= 10
©
©1997 Data Delay Devices
data
delay
devices, inc.
®
®
3
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
GND
N/C
T2
T4
IN
N/C
N/C
VEE
GND
T1
T3
T5
N/C
N/C
N/C
N/C
16
15
14
13
1
3
4
5
8
GND
T2
T4
IN
VEE
GND
T1
T3
T5
DDU11H-xx
DIP
DDU11H-xxM Military DIP
DDU11H-xxC3
SMD
DDU11H-xxMC3 Mil SMD
PIN DESCRIPTIONS
IN
Signal Input
T1-T5 Tap Outputs
VEE
-5 Volts
GND
Ground
DASH NUMBER SPECIFICATIONS
Part
Number
Total
Delay (ns)
Delay Per
Tap (ns)
DDU11H-4
2
± 1.0 *
0.5
± 0.3
DDU11H-5
4
± 1.0 *
1.0
± 0.3
DDU11H-8
6
± 2.0 *
1.5
± 0.4
DDU11H-10
10
± 2.0
2.0
± 0.4
DDU11H-20
20
± 3.0
5.0
± 1.0
DDU11H-25
25
± 3.0
5.0
± 2.0
DDU11H-50
50
± 3.0
10.0
± 2.0
DDU11H-75
75
± 4.0
15.0
± 2.0
DDU11H-100
100
± 5.0
20.0
± 2.0
DDU11H-150
150
± 7.5
30.0
± 2.0
DDU11H-200
200
± 10.0
40.0
± 2.0
DDU11H-250
250
± 12.5
50.0
± 2.5
DDU11H-300
300
± 15.0
60.0
± 3.0
DDU11H-400
400
± 20.0
80.0
± 4.0
DDU11H-500
500
± 25.0
100.0
± 5.0
* Total delay is referenced to first tap output
Input to first tap = 1.5ns
±± 1ns
NOTE: Any dash number between 4 and 500
not shown is also available.


Similar Part No. - DDU11H-50C3

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
DDU12H DATADELAY-DDU12H Datasheet
40Kb / 4P
   5-TAP, ECL-INTERFACED FIXED DELAY LINE (SERIES DDU12H)
DDU12H-10 DATADELAY-DDU12H-10 Datasheet
224Kb / 4P
   5-TAP, ECL-INTERFACED FIXED DELAY LINE
DDU12H-100 DATADELAY-DDU12H-100 Datasheet
224Kb / 4P
   5-TAP, ECL-INTERFACED FIXED DELAY LINE
DDU12H-1000 DATADELAY-DDU12H-1000 Datasheet
224Kb / 4P
   5-TAP, ECL-INTERFACED FIXED DELAY LINE
DDU12H-1000C3 DATADELAY-DDU12H-1000C3 Datasheet
40Kb / 4P
   5-TAP, ECL-INTERFACED FIXED DELAY LINE (SERIES DDU12H)
More results

Similar Description - DDU11H-50C3

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
DDU12H DATADELAY-DDU12H_06 Datasheet
224Kb / 4P
   5-TAP, ECL-INTERFACED FIXED DELAY LINE
DDU12H DATADELAY-DDU12H Datasheet
40Kb / 4P
   5-TAP, ECL-INTERFACED FIXED DELAY LINE (SERIES DDU12H)
DDU18 DATADELAY-DDU18 Datasheet
222Kb / 4P
   8-TAP, ECL-INTERFACED FIXED DELAY LINE FIXED DELAY LINE
SMD99F DATADELAY-SMD99F Datasheet
43Kb / 4P
   5-TAP, TTL-INTERFACED FIXED DELAY LINE
DDU8F DATADELAY-DDU8F Datasheet
54Kb / 4P
   5-TAP, TTL-INTERFACED FIXED DELAY LINE
DDU8C DATADELAY-DDU8C Datasheet
51Kb / 4P
   5-TAP, HCMOS-INTERFACED FIXED DELAY LINE
DDU66F DATADELAY-DDU66F Datasheet
53Kb / 4P
   5-TAP, TTL-INTERFACED FIXED DELAY LINE (SERIES DDU66F)
DDU4F DATADELAY-DDU4F Datasheet
52Kb / 4P
   5-TAP, TTL-INTERFACED FIXED DELAY LINE (SERIES DDU4F)
DDU222C DATADELAY-DDU222C Datasheet
36Kb / 4P
   5-TAP, HCMOS-INTERFACED FIXED DELAY LINE (SERIES DDU222C)
DDU222F DATADELAY-DDU222F Datasheet
38Kb / 4P
   5-TAP, TTL-INTERFACED FIXED DELAY LINE (SERIES DDU222F)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com