Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6376DXX2SR Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XC6376DXX2SR
Description  PWM Controlled PWM/PFM Switchable Step-down DC/DC Converters
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6376DXX2SR Datasheet(HTML) 1 Page - Torex Semiconductor

  XC6376DXX2SR Datasheet HTML 1Page - Torex Semiconductor XC6376DXX2SR Datasheet HTML 2Page - Torex Semiconductor XC6376DXX2SR Datasheet HTML 3Page - Torex Semiconductor XC6376DXX2SR Datasheet HTML 4Page - Torex Semiconductor XC6376DXX2SR Datasheet HTML 5Page - Torex Semiconductor XC6376DXX2SR Datasheet HTML 6Page - Torex Semiconductor XC6376DXX2SR Datasheet HTML 7Page - Torex Semiconductor XC6376DXX2SR Datasheet HTML 8Page - Torex Semiconductor XC6376DXX2SR Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
PWM Controlled,PWM/PFM Switchable Step‐down DC/DC Converters
Series
577
5
■General Description
■Features
■Applications
■Typical Application Circuit
■Typical Performance
Characteristic
The XC6376/77 series are step-down DC/DC converters with built-in P-
channel power MOSFETs. A highly efficient DC/DC converter with output
currents of 500mA can be realised using only four peripherals - a coil, a
diode and 2 capacitors.
Output voltage can be internally set-up in 0.1V increments (±2.5%)
between 1.5V and 6.0V (VOUT type). Alternatively, output voltage can be
set-up at will using a 1.0V internal reference voltage source and
peripherals (FB type). It is possible to reduce the size of the peripherals
used since the switching frequency is 300kHz.
The PWM//PFM switchable XC6377 operates in PFM mode during light
loads and is highly efficient from light loads to large output currents.
Required values for soft start time can be regulated via the external
capacitor and the stand-by function reduces supply current to less than
2.5
µA.
U.V.L.O and protection are built-in.
Input voltage range
: 1.8V~10V
Output voltage range : 1.5V~6.0V programmable in 0.1V steps
(±2.5%)
Oscillator frequency : 300kHz (±1.5%)
: Custom products for 180, 500kHz
Max. output current
: 500mA (min.)VIN=3.6V, VOUT=3.0V
High Efficiency
: 95% (typ.)
Stand-by capability
: ISTB=2.5
µA (max.)
Soft-start time set-up externally type
U.V.L.O, Pch boost, VOUT reset functions available
Internally set-up output voltage type (VOUT)
Externally set-up output voltage type (FB)
Pchannel Power MOSFET built-in
Package
: SOP-8
GElectronic Information Organizers
GPalmtops
GCellular and portable phones
GPortable Audio Systems
GVarious Multi-function Power Supplies
NP-Channel Power MOSFET Built-in
NMaximum Output Current : 500mA
NOutput Voltage Range
: 1.5~6.0V
NOscillator Frequency
: 300kHz
NMaximum Duty Ratio
: 100%
NHigh Efficiency
: 95%
NSOP-8 Package
0
40
20
60
80
100
0.1
1
10
100
1000
Output Current:IOUT(mA)
XC6377A333
5.0V
VIN=3.96V
L=22μH(CR54)
8.0V
CL
(Tantalum)
CIN
(Tantalum)
1
2
3
4
8
7
6
5
L
VIN
CE/
VOUT
SD1
Css
05S_3XC6376/77 02.09.12 15:20 ページ 577


Similar Part No. - XC6376DXX2SR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6371 TOREX-XC6371 Datasheet
235Kb / 14P
   PWM Controlled Step-Up DC/DC Controllers/Converters
XC6371 TOREX-XC6371 Datasheet
770Kb / 18P
   PWM Controlled Step-Up DC/DC Controllers/Converters
XC6371 TOREX-XC6371 Datasheet
742Kb / 19P
   PWM Controlled Step-Up DC/DC Controllers/Converters
XC6371A TOREX-XC6371A Datasheet
742Kb / 19P
   PWM Controlled Step-Up DC/DC Controllers/Converters
XC6371A200DL TOREX-XC6371A200DL Datasheet
770Kb / 18P
   PWM Controlled Step-Up DC/DC Controllers/Converters
More results

Similar Description - XC6376DXX2SR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6365 TOREX-XC6365_2 Datasheet
1Mb / 24P
   PWM Controlled, PWM/PFM Switchable Step-Down DC/DC Converters
logo
Unisonic Technologies
UC3550 UTC-UC3550_10 Datasheet
368Kb / 10P
   PWM CONTROLLED,PWM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER
logo
Torex Semiconductor
XC6367 TOREX-XC6367_1 Datasheet
1Mb / 28P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
logo
Unisonic Technologies
UC3550 UTC-UC3550_15 Datasheet
386Kb / 11P
   PWM CONTROLLED, PWM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER
logo
Torex Semiconductor
XC6365 TOREX-XC6365 Datasheet
1Mb / 21P
   PWM Controllde, PWM/PFM Switchable Step-Down DC/DC Converers
XC6365 TOREX-XC6365_1 Datasheet
1Mb / 23P
   PWM Controllde, PWM/PFM Switchable Step-Down DC/DC Converers
XC6368 TOREX-XC6368 Datasheet
431Kb / 28P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC6367 TOREX-XC6367 Datasheet
1Mb / 27P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC9206 TOREX-XC9206_1 Datasheet
474Kb / 16P
   PWM, PWM/PFM Switchable Step-Down DC/DC Converters with Driver Transistor Built-In
XC9206 TOREX-XC9206 Datasheet
179Kb / 15P
   PWM, PWM/PFM Switchable Step-Down DC/DC Converters with Driver Transistor Built-In
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com