Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC9503B092 Datasheet(PDF) 5 Page - Torex Semiconductor

Part # XC9503B092
Description  2ch Step-down DC/DC Controller ICs
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9503B092 Datasheet(HTML) 5 Page - Torex Semiconductor

  XC9503B092 Datasheet HTML 1Page - Torex Semiconductor XC9503B092 Datasheet HTML 2Page - Torex Semiconductor XC9503B092 Datasheet HTML 3Page - Torex Semiconductor XC9503B092 Datasheet HTML 4Page - Torex Semiconductor XC9503B092 Datasheet HTML 5Page - Torex Semiconductor XC9503B092 Datasheet HTML 6Page - Torex Semiconductor XC9503B092 Datasheet HTML 7Page - Torex Semiconductor XC9503B092 Datasheet HTML 8Page - Torex Semiconductor XC9503B092 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
Electrical Characteristics
XC9503B093A
Common Characteristics
Ta=25
OC
VOUT1
VOUT2
Unless otherwise stated, VDD=3.0V, PWM1,2=3.0V, EN1, 2 =3.0V
Output 1 Characteristics
Step-down Controller
Unless otherwise stated, VDD=EN1=PWM1=3.0V, PWM2=EN2=GND, EXT2=OPEN, FB2=OPEN, VIN=5.0V
Output 2 Characteristics
Step-down Controller
Unless otherwise stated, VDD=EN2=PWM2=3.0V, PWM1=EN1=GND, EXT1=OPEN, FB1=OPEN, VIN=5.0V
Notes
1)
2)
Please be careful not to exceed the breakdown voltage level of the peripheral parts.
EFFI={ [ (Output voltage) x (Output current) ] / [ (Input voltage) x (Input Current) ] } x 100
-V
7
7
0.20
V
0.65
PWM2 "Low" Voltage
VPWML2
-
No Load
No Load
PWM2 "High" Voltage
VPWMH2
--
22
30
5
EXT2 "Low" ON Resistance
REXTBL2 FB2=0V, EXT2=0.4V
-
7
EXT2 "High" ON Resistance
REXTBH2 EN2=0, EXT2=VDD-0.4V
-
28
47
5
Soft-Start Time 2
TSS2
VOUT2
× 0.95V, EN2=0V→0.65V
5.0
7
IOUT2=250mA
92
-
%
7
30
Efficiency2 (note 2)
EFFI2
-
P-ch MOSFET : XP162A12A6P
PFM Duty Ratio 2
PFMDTY2 No Load, VPWM2=0V
22
0.900
0.918
V
6
FB2 Voltage
VFB2
VIN=3.0V, IOUT2=10mA
0.882
TYP.
MAX.
UNITS
TEST
CIRCUIT
PARAMETER
SYMBOL
CONDITIONS
MIN.
-V
4
4
0.20
V
0.65
PWM1 "Low" Voltage
VPWML1
-
No Load
No Load
PWM1 "High" Voltage
VPWMH1
--
22
30
5
EXT1 "Low" ON Resistance
REXTBL1 FB2=0V, EXT1=0.4V
-
4
EXT1 "High" ON Resistance
REXTBH1 EN1=0, EXT1=VDD-0.4V
-
28
47
5
2
38
P-ch MOSFET : XP162A12A6P
Soft-Start Time1
TSS1
VOUT1
× 0.95V, EN1=0V→0.65V
5.0
10.0
20.0
mS
2
IOUT1=250mA
Minimum Duty Ratio1
MINDTY1 Same as IDD2
No Load, VPWM1=0V
--
0
%
2.0
V
1
Maximum Duty Ratio 1
MAXDTY1 Same as IDD1
100
-
-
%
Minimum Operation Voltage
VINmin1
-
-
-0.50
µA
2
FB1,2 "Low" Current
VFBL
FB1, 2=1.0V
-
-
0.50
µA
2
FB1,2 "High" Current
IFBH
FB1, 2=3.0V
-
-
-0.50
µA
2
PWM1,2 "Low" Current
IPWML
FB1, 2=3.0V, PWM=0V
-
-
0.50
µA
2
PWM1,2 "High" Current
IPWMH
FB1, 2=3.0V, PWM=3.0V
-
-
-0.50
µA
2
EN1,2 "Low" Current
IENL
EN1,2=0V, FB1,2=3.0V
-
-
0.50
µA
2
EN1,2 "High" Current
IENH
EN1,2=3.0V
-
-
0.20
V
2
EN1,2 "Low" Voltage
VENL
FB1,2=0V
-
--
V
2
EN1,2 "High" Voltage
VENH
FB1,2=0V
0.65
300
345
kHz
2
Switching Frequency
FOSC
Same as IDD1
255
1.0
3.0
µA
2
Stand-by Current
ISTB
Same as IDD1, EN1=EN2=0V
-
2
FB1=1.0V, FB2=0V
Supply Current 2
IDD2
FB1, 2=1.0V
-
80
150
µA
2
µA
EN2=3.0V, EN1=0V, FB2=0V
FB1=0V, FB2=1.0V
Supply Current 1-2
IDD1-2
-
70
150
µA
Supply Current 1
V
1
-
10.0
V
IDD1
-
10.0
70
140
VIN
≥ 2.0V, IOUT1, 2=1mA
0.9
0.9
-
--
V
1
Max. Input Voltage
VIN
10.0
-
10.0
V
1
Supply Voltage
VDD
2.0
TEST
CIRCUIT
XC9503 Series
2ch. Step-down DC/DC Controller ICs
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
FB1, 2=0V
2
Supply Current 1-1
Output Voltage Range
(note 1)
VOUTSET
IDD1-1
EN1=3.0V, EN2=0V, FB1=0V
-
60
120
µA
2
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
TEST
CIRCUIT
0.918
V
3
FB1 Voltage
VFB1
VIN=3.0V, IOUT1=10mA
0.882
PFMDTY1
22
30
0.900
-
%
4
Efficiency1 (note 2)
EFFI1
-
92
-
%
4
PFM Duty Ratio 1
Minimum Operation Voltage
VINmin2
-
-
2.0
V
1
Maximum Duty Ratio 2
MAXDTY2 Same as IDD1
100
-
-
%
2
2
Minimum Duty Ratio 2
MINDTY2 Same as IDD2
-
-
0
%
38
%
10.0
20.0
mS
5


Similar Part No. - XC9503B092

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9503 TOREX-XC9503 Datasheet
1Mb / 32P
   2ch.Step-Down DC/DC Controller ICs
XC9503 TOREX-XC9503_1 Datasheet
1Mb / 32P
   2ch.Step-Down DC/DC Controller ICs
More results

Similar Description - XC9503B092

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9505 TOREX-XC9505 Datasheet
705Kb / 47P
   2ch. Step-Down / Inverting DC/DC Controller ICs
XC9502 TOREX-XC9502_1 Datasheet
2Mb / 43P
   2ch. Step-up / down DC/DC Controller ICs
XC9502 TOREX-XC9502 Datasheet
631Kb / 40P
   2ch. Step-up / down DC/DC Controller ICs
XC9501 TOREX-XC9501 Datasheet
381Kb / 24P
   2ch. Step-up DC/DC Controller ICs.
XC9504 TOREX-XC9504 Datasheet
722Kb / 50P
   2ch. Step-up / Inverting DC/DC Controller ICs
XC9303 TOREX-XC9303 Datasheet
244Kb / 18P
   Step-Up & Down DC / DC Controller ICs
XC9210 TOREX-XC9210 Datasheet
425Kb / 32P
   Synchronous Step-Down DC / DC Controller ICs
XC9210 TOREX-XC9210_1 Datasheet
565Kb / 12P
   Synchronous Step-Down DC / DC Controller ICs
logo
ON Semiconductor
LV5044V ONSEMI-LV5044V Datasheet
238Kb / 7P
   2ch step-down circuit DC-DC Converter Controller
August, 2013
logo
Torex Semiconductor
XC9220 TOREX-XC9220 Datasheet
517Kb / 22P
   16V Input Voltage, Step-Down DC/DC Controller ICs.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com