Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC9801BXX3KL Datasheet(PDF) 9 Page - Torex Semiconductor

Part # XC9801BXX3KL
Description  Step-Up Charge Pump ICs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9801BXX3KL Datasheet(HTML) 9 Page - Torex Semiconductor

Back Button XC9801BXX3KL Datasheet HTML 2Page - Torex Semiconductor XC9801BXX3KL Datasheet HTML 3Page - Torex Semiconductor XC9801BXX3KL Datasheet HTML 4Page - Torex Semiconductor XC9801BXX3KL Datasheet HTML 5Page - Torex Semiconductor XC9801BXX3KL Datasheet HTML 6Page - Torex Semiconductor XC9801BXX3KL Datasheet HTML 7Page - Torex Semiconductor XC9801BXX3KL Datasheet HTML 8Page - Torex Semiconductor XC9801BXX3KL Datasheet HTML 9Page - Torex Semiconductor XC9801BXX3KL Datasheet HTML 10Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Packaging Information (Dimensions : mm)
MSOP-8A : (1,000 pcs./reel)
USP-8 : (1,000 pcs./reel)
9
XC9801/02 Series
Step-Up Charge Pump ICs
3. 00 0. 10
0
0. 30
+0. 08
-0. 02
0. 15
+0. 08
-0. 02
( 0. 65)
+
~
6O
2.70
0.375
0.15
0.65
0.30
2.30


Similar Part No. - XC9801BXX3KL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9801B253DL TOREX-XC9801B253DL Datasheet
824Kb / 12P
   Regulated Voltage Step-Up Charge Pump ICs
XC9801B253DR TOREX-XC9801B253DR Datasheet
824Kb / 12P
   Regulated Voltage Step-Up Charge Pump ICs
XC9801B253KL TOREX-XC9801B253KL Datasheet
824Kb / 12P
   Regulated Voltage Step-Up Charge Pump ICs
XC9801B253KR TOREX-XC9801B253KR Datasheet
824Kb / 12P
   Regulated Voltage Step-Up Charge Pump ICs
XC9801B50253DR TOREX-XC9801B50253DR Datasheet
498Kb / 12P
   Regulated Voltage Step-Up Charge Pump ICs
More results

Similar Description - XC9801BXX3KL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9801 TOREX-XC9801_1 Datasheet
824Kb / 12P
   Regulated Voltage Step-Up Charge Pump ICs
XC9801 TOREX-XC9801_2 Datasheet
498Kb / 12P
   Regulated Voltage Step-Up Charge Pump ICs
logo
ON Semiconductor
LA5797MC ONSEMI-LA5797MC Datasheet
188Kb / 4P
   Charge Pump Step-up Power Supply
August, 2013
logo
Asahi Kasei Microsystem...
AME7720 AKM-AME7720 Datasheet
267Kb / 16P
   Step-Up/Step-Down 60mA Regulated Charge Pump
logo
Analog Microelectronics
AME7739 AME-AME7739 Datasheet
169Kb / 11P
   Step-Up / Step-Down 60mA Regulated Charge Pump
logo
Holtek Semiconductor In...
HT7936A HOLTEK-HT7936A_10 Datasheet
1Mb / 16P
   White LED Step-up Charge Pump Converter
HT7936A HOLTEK-HT7936A Datasheet
1Mb / 16P
   White LED Step-up Charge Pump Converter
HT7936A HOLTEK-HT7936A_16 Datasheet
1Mb / 15P
   White LED Step-up Charge Pump Converter
logo
Maxim Integrated Produc...
MAX1595 MAXIM-MAX1595_11 Datasheet
180Kb / 7P
   Regulated 3.3V/5.0V Step-Up/Step-Down Charge Pump
Rev 3; 10/11
MAX1595 MAXIM-MAX1595_09 Datasheet
492Kb / 7P
   Regulated 3.3V/5.0V Step-Up/Step-Down Charge Pump
Rev 2; 6/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com