Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6371EXX1PR Datasheet(PDF) 7 Page - Torex Semiconductor

Part # XC6371EXX1PR
Description  PWM Controlled Step-Up DC/DC Controllers/Converters
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6371EXX1PR Datasheet(HTML) 7 Page - Torex Semiconductor

Back Button XC6371EXX1PR Datasheet HTML 3Page - Torex Semiconductor XC6371EXX1PR Datasheet HTML 4Page - Torex Semiconductor XC6371EXX1PR Datasheet HTML 5Page - Torex Semiconductor XC6371EXX1PR Datasheet HTML 6Page - Torex Semiconductor XC6371EXX1PR Datasheet HTML 7Page - Torex Semiconductor XC6371EXX1PR Datasheet HTML 8Page - Torex Semiconductor XC6371EXX1PR Datasheet HTML 9Page - Torex Semiconductor XC6371EXX1PR Datasheet HTML 10Page - Torex Semiconductor XC6371EXX1PR Datasheet HTML 11Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
XC6371
Series
443
4
XC6371B501PR
VOUT=5.0V,Fosc=100kHz
Ta=25
°C
PARAMETER
Output Voltage
Maximum Input Voltage
Oscillation Start-up Voltage
Supply Current 1
Supply Current 2
EXT"High" On Resistance
EXT"Low" On Resistance
Oscillator Frequency
Maximum Duty Ratio
Efficiency
Slow-Start Time
SYMBOL
VOUT
VIN
VST2
IDD1
IDD2
REXTH
REXTL
FOSC
MAXDTY
EFFI
TSS
V
V
V
µA
µA
kHZ
%
%
ms
5.125
0.80
66.8
16.5
62.5
50
115
20.0
92
5.000
40.0
8.2
37.5
30
100
85
87
10.0
4.875
10
85
80
4.0
CONDITIONS
Same as VST2.
Apply output voltage
✕0.95 to VOUT.
No external components.
Apply voltage to VOUT.
Operation Start-up Voltage
VST1
V
0.90
External Components Connected.IOUT=1mA.
Same as VST2.
Apply output voltage
✕1.1 to VOUT.
Same as IDD 1. VEXT=–0.4V.
Same as IDD 1. VEXT=0.4V.
Same as IDD1. Measuring of EXT waveform.
Same as IDD1. Measuring of EXT waveform.
MIN
TYP
MAX
UNITS
Measuring conditions: Unless otherwise specified, VIN=VOUT
✕0.6, IOUT=50mA. See Typical Application Circuits, Fig.2.
XC6371C501PR
VOUT=5.0V,FOSC=100kHz
Ta=25
°C
PARAMETER
Output Voltage
Maximum Input Voltage
Oscillation Start-up Voltage
Supply Current 1
Supply Current 2
Lx Leakage Current
Osicillator Frequency
Maximum Duty Ratio
Stand-by Current
CE"High"Voltage
SYMBOL
VOUT
VIN
VST2
IDD1
IDD2
RSWON
ILXL
FOSC
MAXDTY
ISTB
VCEH
V
V
V
µA
µA
µA
kHZ
%
µA
V
5.125
0.80
133.8
16.5
2.4
1.0
115
0.5
92
5.000
80.2
8.2
1.4
100
87
4.875
10
85
80
0.75
VCEL
ICEH
ICEL
Efficiency
Slow-Start Time
EFFI
TSS
%
ms
20.0
85
10.0
4.0
CONDITIONS
Same as VST2.
Apply output voltage
✕0.95 to VOUT.
Operation Start-up Voltage
VST1
V
0.90
External Components Connected.IOUT=1mA.
Same as VST2.
Apply output voltage
✕1.1 to VOUT.
Same as IDD 1. VLX=0.4V.
No external components. VOUT=VLx=10V.
Same as IDD 1. Measuring of Lx waveform.
Same as IDD 1. Measuring of Lx waveform.
Same as IDD 1.
Same as IDD 1. Existence of Lx Oscillation.
CE"Low"Voltage
CE"High"Current
CE"Low"Current
Lx Limit Voltage
VLxLMT
V
µA
µA
V
0.20
0.25
–0.25
1.3
0.7
Same as IDD 1. Disappearance of Lx Oscillation.
Same as IDD 1.VCE=VOUT
✕0.95.
Same as IDD 1. VCE=0V.
Same as IDD 1. Apply output voltage to Lx.
Voltage required to produce FOSC
✕2.
No external components. Apply voltage to VOUT.
Lx : 10k
Ω pull-up to 5V.
MIN
TYP
MAX
UNITS
Measuring conditions: Unless otherwise specified, connect CE to VOUT,VIN=VOUT
✕0.6, IOUT=50mA. See Typical Application Circuits, Fig.3.
Lx Switch- On Resistance
04S_04XC6371 02.09.12 14:44 ページ 443


Similar Part No. - XC6371EXX1PR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6371E TOREX-XC6371E Datasheet
742Kb / 19P
   PWM Controlled Step-Up DC/DC Controllers/Converters
XC6371E200DL TOREX-XC6371E200DL Datasheet
770Kb / 18P
   PWM Controlled Step-Up DC/DC Controllers/Converters
XC6371E200DR TOREX-XC6371E200DR Datasheet
770Kb / 18P
   PWM Controlled Step-Up DC/DC Controllers/Converters
XC6371E200PL TOREX-XC6371E200PL Datasheet
770Kb / 18P
   PWM Controlled Step-Up DC/DC Controllers/Converters
XC6371E200PR TOREX-XC6371E200PR Datasheet
770Kb / 18P
   PWM Controlled Step-Up DC/DC Controllers/Converters
More results

Similar Description - XC6371EXX1PR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6371 TOREX-XC6371_2 Datasheet
742Kb / 19P
   PWM Controlled Step-Up DC/DC Controllers/Converters
XC6371 TOREX-XC6371_1 Datasheet
770Kb / 18P
   PWM Controlled Step-Up DC/DC Controllers/Converters
XC9101 TOREX-XC9101_1 Datasheet
1Mb / 22P
   PWM Controlled Step-Up DC/DC Controllers
XC9101 TOREX-XC9101 Datasheet
299Kb / 19P
   PWM Controlled Step-Up DC/DC Controllers
XC6368 TOREX-XC6368 Datasheet
431Kb / 28P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC6367 TOREX-XC6367_1 Datasheet
1Mb / 28P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC6367 TOREX-XC6367 Datasheet
1Mb / 27P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC9201 TOREX-XC9201_1 Datasheet
1Mb / 24P
   PWM Controlled Step-Down DC/DC Controllers
XC9201 TOREX-XC9201 Datasheet
341Kb / 20P
   PWM Controlled Step-Down DC/DC Converters
XC6375 TOREX-XC6375 Datasheet
34Kb / 4P
   PWM Controlled, Step down DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com