Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC9503B092AR Datasheet(PDF) 11 Page - Torex Semiconductor

Part # XC9503B092AR
Description  2ch Step-down DC/DC Controller ICs
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9503B092AR Datasheet(HTML) 11 Page - Torex Semiconductor

Back Button XC9503B092AR Datasheet HTML 7Page - Torex Semiconductor XC9503B092AR Datasheet HTML 8Page - Torex Semiconductor XC9503B092AR Datasheet HTML 9Page - Torex Semiconductor XC9503B092AR Datasheet HTML 10Page - Torex Semiconductor XC9503B092AR Datasheet HTML 11Page - Torex Semiconductor XC9503B092AR Datasheet HTML 12Page - Torex Semiconductor XC9503B092AR Datasheet HTML 13Page - Torex Semiconductor XC9503B092AR Datasheet HTML 14Page - Torex Semiconductor XC9503B092AR Datasheet HTML 15Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
Notes on Use
1. Checking for Intermittent Oscillation
2. PWM/PFM Automatic Switching
3. Ratings
Use the XC9503 series and peripheral components within the limits of their ratings.
XC9503 Series
2ch. Step-down DC/DC Controller ICs
The XC9503 series is subject to intermittent oscillation in the proximity of the maximum duty if the step-down ratio is low (e.g.,
from 4.2 V to 3.3 V) or a heavy load is applied where the duty ratio becomes high. Check waveforms at EXT under your
operating conditions. A remedy for this problem is to raise the inductance of coil L or increase the load capacitance CL.
If PWM/PFM automatic switching control is selected and the step-down ratio is high (e.g., from 10 V to 1.0 V), the control mode
remains in PFM setting over the whole load range, since the duty ratio under continuous-duty condition is smaller than the PFM
duty ratio of the XC9503 series. The output voltage's ripple voltage becomes substantially high under heavy load conditions, with
the XC9503 series appearing to be producing an abnormal oscillation. If this operation becomes a concern, set pins PWM1 and
PWM2 to High to set the control mode to PWM setting. For use under the above-mentioned condition, measured data of
PWM/PFM automatic switching control shown on the data sheets are available up to IOUT = 100 mA.
11


Similar Part No. - XC9503B092AR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9503 TOREX-XC9503 Datasheet
1Mb / 32P
   2ch.Step-Down DC/DC Controller ICs
XC9503 TOREX-XC9503_1 Datasheet
1Mb / 32P
   2ch.Step-Down DC/DC Controller ICs
More results

Similar Description - XC9503B092AR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9505 TOREX-XC9505 Datasheet
705Kb / 47P
   2ch. Step-Down / Inverting DC/DC Controller ICs
XC9502 TOREX-XC9502_1 Datasheet
2Mb / 43P
   2ch. Step-up / down DC/DC Controller ICs
XC9502 TOREX-XC9502 Datasheet
631Kb / 40P
   2ch. Step-up / down DC/DC Controller ICs
XC9501 TOREX-XC9501 Datasheet
381Kb / 24P
   2ch. Step-up DC/DC Controller ICs.
XC9504 TOREX-XC9504 Datasheet
722Kb / 50P
   2ch. Step-up / Inverting DC/DC Controller ICs
XC9303 TOREX-XC9303 Datasheet
244Kb / 18P
   Step-Up & Down DC / DC Controller ICs
XC9210 TOREX-XC9210 Datasheet
425Kb / 32P
   Synchronous Step-Down DC / DC Controller ICs
XC9210 TOREX-XC9210_1 Datasheet
565Kb / 12P
   Synchronous Step-Down DC / DC Controller ICs
logo
ON Semiconductor
LV5044V ONSEMI-LV5044V Datasheet
238Kb / 7P
   2ch step-down circuit DC-DC Converter Controller
August, 2013
logo
Torex Semiconductor
XC9220 TOREX-XC9220 Datasheet
517Kb / 22P
   16V Input Voltage, Step-Down DC/DC Controller ICs.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com