Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

26121604 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 26121604
Description  Network cable - NBC- 1,0-94B/FS SCO
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

26121604 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  26121604 Datasheet HTML 1Page - PHOENIX CONTACT 26121604 Datasheet HTML 2Page - PHOENIX CONTACT 26121604 Datasheet HTML 3Page - PHOENIX CONTACT 26121604 Datasheet HTML 4Page - PHOENIX CONTACT 26121604 Datasheet HTML 5Page - PHOENIX CONTACT 26121604 Datasheet HTML 6Page - PHOENIX CONTACT 26121604 Datasheet HTML 7Page - PHOENIX CONTACT 26121604 Datasheet HTML 8Page - PHOENIX CONTACT 26121604 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
https://www.phoenixcontact.com/pi/products/1407439
09/11/2020   Page 1 / 16
Network cable - NBC- 1,0-94B/FS SCO - 1407439
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Network cable, Ethernet CAT5 (1 Gbps), 8-position, PUR, water blue RAL 5021, shielded, free cable end, on
Socket straight M12 SPEEDCON / IP67, coding: A, cable length: 1 m
Key Commercial Data
Packing unit
1 pc
GTIN
GTIN
4046356775601
Technical data
Dimensions
Length of cable
1 m
Ambient conditions
Degree of protection
IP65
IP67
Ambient temperature (operation)
-25 °C ... 85 °C (M12 connector)
General data
Note
Further products with variable cable type and variable cable length can
be found in the accessories section
Rated current at 40°C
2 A
Rated voltage
48 V AC
60 V DC
Number of positions
8
Signal type/category
Ethernet CAT5 (on the basis of IEC 11801), 1 Gbps
Standards/regulations
M12 connector IEC 61076-2-101
Contact material
CuSn
Contact carrier material
TPU GF
Contact surface material
Ni/Au


Similar Part No. - 26121604

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
26121604 PHOENIX-26121604 Datasheet
180Kb / 11P
   Network cable - NBC-MS/10,0-94B/MS SCO
09/11/2020
26121604 PHOENIX-26121604 Datasheet
377Kb / 14P
   Network cable - NBC-M12MSX/1,0-94F/M12MRX
26121604 PHOENIX-26121604 Datasheet
219Kb / 5P
   Network cable - VS-OE-OE-93A-100,0
26121604 PHOENIX-26121604 Datasheet
188Kb / 13P
   Bus system cable - SAC-5P-MR/ 2,0-923/FS CAN SCO
09/11/2020
26121604 PHOENIX-26121604 Datasheet
63Kb / 5P
   Coupling - VS-MP-PPC/CG-10G
More results

Similar Description - 26121604

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1407463 PHOENIX-1407463 Datasheet
208Kb / 14P
   Network cable - NBC-MS/ 1,0-94B/FS SCO
09/11/2020
1407455 PHOENIX-1407455 Datasheet
705Kb / 18P
   NBC-FS/ 1,0-94B/R4RC SCO - Network cable
1407459 PHOENIX-1407459 Datasheet
706Kb / 18P
   NBC-FS/ 1,0-94B/R4QC SCO - Network cable
1407443 PHOENIX-1407443 Datasheet
607Kb / 16P
   NBC-FS/ 1,0-94B/R4AC SCO - Network cable
1407451 PHOENIX-1407451 Datasheet
638Kb / 17P
   NBC-FS/ 1,0-94B/R4MC SCO - Network cable
1407404 PHOENIX-1407404 Datasheet
234Kb / 16P
   Network cable - NBC-MS/ 1,0-94B SCO
09/11/2020
1407440 PHOENIX-1407440 Datasheet
956Kb / 28P
   NBC- 2,0-94B/FS SCO - Network cable
1407441 PHOENIX-1407441 Datasheet
953Kb / 28P
   NBC- 5,0-94B/FS SCO - Network cable
1407442 PHOENIX-1407442 Datasheet
956Kb / 28P
   NBC-10,0-94B/FS SCO - Network cable
1407430 PHOENIX-1407430 Datasheet
707Kb / 18P
   NBC-MS/ 1,0-94B/R4QC SCO - Network cable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com