Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

26121604 Datasheet(PDF) 10 Page - PHOENIX CONTACT

Part # 26121604
Description  Network cable - NBC-MSD/10,0-937 SCO RAIL
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

26121604 Datasheet(HTML) 10 Page - PHOENIX CONTACT

Back Button 26121604 Datasheet HTML 6Page - PHOENIX CONTACT 26121604 Datasheet HTML 7Page - PHOENIX CONTACT 26121604 Datasheet HTML 8Page - PHOENIX CONTACT 26121604 Datasheet HTML 9Page - PHOENIX CONTACT 26121604 Datasheet HTML 10Page - PHOENIX CONTACT 26121604 Datasheet HTML 11Page - PHOENIX CONTACT 26121604 Datasheet HTML 12Page - PHOENIX CONTACT 26121604 Datasheet HTML 13Page - PHOENIX CONTACT 26121604 Datasheet HTML 14Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
https://www.phoenixcontact.com/pi/products/1407341
09/11/2020   Page 10 / 25
Network cable - NBC-MSD/10,0-937 SCO RAIL - 1407341
Accessories
Data connector - SACC-M12FRD-4PL SH PN - 1424685
Data connector, PROFINET CAT5 (100 Mbps), 4-position, shielded, Socket angled M12, Coding: D, Push-in
connection, knurl material: Zinc die-cast, nickel-plated, external cable diameter 4 mm ... 8 mm
 
 
Data connector - SACC-M12MSD-4CT-CM SH PN - 1422846
Data connector, PROFINET CAT5 (100 Mbps), 4-position, shielded, Plug straight M12, Coding: D, Crimp connection,
knurl material: Zinc die-cast, nickel-plated, external cable diameter 4.5 mm ... 7.5 mm, without crimp contacts
 
 
Data connector - SACC-M12MRD-4CT-CM SH PN - 1422847
Data connector, PROFINET CAT5 (100 Mbps), 4-position, shielded, Plug angled M12, Coding: D, Crimp connection,
knurl material: Zinc die-cast, nickel-plated, external cable diameter 4.5 mm ... 7.5 mm, without crimp contacts
 
 
Data connector - SACC-M12FSD-4CT-CM SH PN - 1422848
Data connector, PROFINET CAT5 (100 Mbps), 4-position, shielded, Socket straight M12, Coding: D, Crimp
connection, knurl material: Zinc die-cast, nickel-plated, external cable diameter 4.5 mm ... 7.5 mm, without crimp
contacts
 
 
Data connector - SACC-M12FRD-4CT-CM SH PN - 1422849
Data connector, PROFINET CAT5 (100 Mbps), 4-position, shielded, Socket angled M12, Coding: D, Crimp
connection, knurl material: Zinc die-cast, nickel-plated, external cable diameter 4.5 mm ... 7.5 mm, without crimp
contacts
 
 


Similar Part No. - 26121604

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
26121604 PHOENIX-26121604 Datasheet
377Kb / 14P
   Network cable - NBC-M12MSX/1,0-94F/M12MRX
26121604 PHOENIX-26121604 Datasheet
236Kb / 16P
   Network cable - NBC- 1,0-94B/FS SCO
09/11/2020
26121604 PHOENIX-26121604 Datasheet
219Kb / 5P
   Network cable - VS-OE-OE-93A-100,0
26121604 PHOENIX-26121604 Datasheet
63Kb / 5P
   Coupling - VS-MP-PPC/CG-10G
26121604 PHOENIX-26121604 Datasheet
428Kb / 14P
   Network cable - NBC-M12FSX/5,0-94F/R4RC
More results

Similar Description - 26121604

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1407342 PHOENIX-1407342 Datasheet
721Kb / 25P
   NBC-MSD/ 2,0-937/MSD SCO RAIL - Network cable
1407343 PHOENIX-1407343 Datasheet
721Kb / 25P
   NBC-MSD/ 5,0-937/MSD SCO RAIL - Network cable
1407339 PHOENIX-1407339 Datasheet
1Mb / 39P
   NBC-MSD/ 2,0-937 SCO RAIL - Network cable
1407340 PHOENIX-1407340 Datasheet
291Kb / 25P
   Network cable - NBC-MSD/ 5,0-937 SCO RAIL
09/11/2020
1411536 PHOENIX-1411536 Datasheet
117Kb / 6P
   Network cable - NBC-MSD/10,0-93K/MSD SCO
1407379 PHOENIX-1407379 Datasheet
579Kb / 17P
   Network cable - NBC-MSD/10,0-93E/MSD SCO
Jan 11, 2023
1407359 PHOENIX-1407359 Datasheet
969Kb / 28P
   Network cable - NBC-MSD/10,0-93E SCO
1412177 PHOENIX-1412177 Datasheet
758Kb / 28P
   NBC-MSD-MSD SCO RAIL/.../... - Network cable
1411507 PHOENIX-1411507 Datasheet
129Kb / 7P
   Network cable - NBC-MSD/10,0-93K SCO
1412178 PHOENIX-1412178 Datasheet
1Mb / 44P
   NBC-MSD SCO RAIL/.../... - Network cable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com