Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2211 Datasheet(PDF) 3 Page - Data Delay Devices, Inc.

Part No. 2211
Description  FIXED DIP DELAY LINE TD/TR = 10
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DATADELAY [Data Delay Devices, Inc.]
Homepage  http://www.datadelay.com
Logo 

2211 Datasheet(HTML) 3 Page - Data Delay Devices, Inc.

   
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
2211
Doc #97027
DATA DELAY DEVICES, INC.
3
2/7/97
3 Mt. Prospect Ave. Clifton, NJ 07013
PASSIVE DELAY LINE TEST SPECIFICATIONS
TEST CONDITIONS
INPUT:
OUTPUT:
Ambient Temperature:
25
oC
± 3oC
Rload:
10M
Input Pulse:
High = 3.0V typical
Cload:
10pf
Low = 0.0V typical
Threshold:
50% (Rising & Falling)
Source Impedance:
50
Ω Max.
Rise/Fall Time:
3.0 ns Max. (measured
at 10% and 90% levels)
Pulse Width (TD <= 75ns): PWIN = 100ns
Period
(TD <= 75ns): PERIN = 1000ns
Pulse Width (TD > 75ns):
PWIN = 2 x TD
Period
(TD > 75ns):
PERIN = 10 x TD
NOTE: The above conditions are for test only and do not in any way restrict the operation of the device.
Timing Diagram For Testing
DRISE
DFALL
PERIN
PWIN
TRISE
TFALL
10%
10%
50%
50%
90%
90%
50%
50%
VIH
VIL
VOH
VOL
INPUT
SIGNAL
OUTPUT
SIGNAL
TRISE
TFALL
10%
10%
90%
90%
IN
OUT
OUT
TRIG
IN
TRIG
Test Setup
DEVICE UNDER
TEST (DUT)
OSCILLOSCOPE
PULSE
GENERATOR
50
ROUT
RIN
RIN = ROUT = ZLINE


Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
2211FIXED DIP DELAY LINE 1 2 3 List of Unclassifed Manufacturers
1504FIXED DIP DELAY LINE TD/TR = 5 1 2 Data Delay Devices, Inc.
3D3215MONOLITHIC 5-TAP 3.3V FIXED DELAY LINE 1 2 3 4 List of Unclassifed Manufacturers
3D7110MONOLITHIC 10-TAP FIXED DELAY LINE SERIES 3D7110 1 2 3 4 5 Data Delay Devices, Inc.
15175-TAP DIP DELAY LINE TD/TR = 3 1 2 Data Delay Devices, Inc.
DDU66C5-TAP HCMOS-INTERFACED FIXED DELAY LINE SERIES DDU66C 1 2 3 4 Data Delay Devices, Inc.
3D7303MONOLITHIC TRIPLE FIXED DELAY LINE 1 2 3 4 Data Delay Devices, Inc.
3D7215MONOLITHIC 5-TAP FIXED DELAY LINE SERIES 3D7215 - LOW NOISE 1 2 3 4 Data Delay Devices, Inc.
DDU8C5-TAP HCMOS-INTERFACED FIXED DELAY LINE 1 2 3 4 Data Delay Devices, Inc.
3D7304MONOLITHIC QUADRUPLE FIXED DELAY LINE 1 2 3 4 Data Delay Devices, Inc.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn