Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6205 Datasheet(PDF) 5 Page - Torex Semiconductor

Part # XC6205
Description  Low ESR Cap. Compatible Output On/Off Control
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6205 Datasheet(HTML) 5 Page - Torex Semiconductor

  XC6205 Datasheet HTML 1Page - Torex Semiconductor XC6205 Datasheet HTML 2Page - Torex Semiconductor XC6205 Datasheet HTML 3Page - Torex Semiconductor XC6205 Datasheet HTML 4Page - Torex Semiconductor XC6205 Datasheet HTML 5Page - Torex Semiconductor XC6205 Datasheet HTML 6Page - Torex Semiconductor XC6205 Datasheet HTML 7Page - Torex Semiconductor XC6205 Datasheet HTML 8Page - Torex Semiconductor XC6205 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Preliminary
! Operational Explanation
Output voltage control with the XC6205 series :
Low ESR Capacitors
Recommended Output Capacitor Values
Current Limiter, Short-Circuit Protection
CE Pin
5
The XC6205 series includes a combination of a fixed current limiter circuit & a foldback circuit which aid the
operations of the current limiter and circuit protection. When the load current reaches the current limit level, the
fixed current limiter circuit operates and output voltage drops. As a result of this drop in output voltage, the foldback
circuit operates, output voltage drops further and output current decreases. When the output pin is shorted, a
current of about 50mA flows. However, when the input/output voltage differential is quite small, this current will be
about 200mA.
XC6205 Series
High Speed LDO Regulators
Low ESR Cap. Compatible, Output On/Off Control
0.9V ~ 1.2V
1.25V ~ 1.75V
With the XC6205 series, a stable output voltage is achievable even if used with low ESR capacitors as a phase
compensation circuit is built-in. In order to ensure the effectiveness of the phase compensation, we suggest that an
output capacitor (CL) is connected as close as possible to the output pin (VOUT) and the VSS pin. Please use an
output capacitor with a capacitance value as shown in the figure below. Also, please connect an input capacitor
(CIN) of 0.1
µF between the VIN pin and the VSS pin in order to ensure a stable power input.
The IC's internal circuitry can be shutdown via the signal from the CE pin with the XC6205 series. In shutdown
mode, output at the VOUT pin will be pulled down to the VSS level via R1 & R2. The operational logic of the IC's CE
pin is selectable (please refer to the selection guide on page 2). Note that as the standard XC6205B type is ' High
Active/No Pull Down', operations will become unstable with the CE pin open. Although the CE pin is equal to an
inverter input with CMOS hysteresis, with either the pull-up or pull-down options, the CE pin input current will
increase when the IC is in operation. We suggest that you use this IC with either a VIN voltage or a VSS voltage
input at the CE pin. If this IC is used with the correct specifications for the CE pin, the IC will operate normally.
However, supply current may increase as a result of through current in the IC's internal circuitry.
VOUT
CL
2.2
µF
4.7
µF
Current
Limiter
ON/OFF
Control
Voltage
Reference
each circuit
CE
VSS
VOUT
VIN
R2
R1
The voltage divided by resistors R1 & R2 is compared
with the internal reference voltage by the error amplifier.
The P-Channel MOSFET, which is connected to the
VOUT pin, is then driven by the subsequent output
signal. The output voltage at the VOUT pin is controlled
& stabilized by a system of negative feedback.
The current limit circuit and short protect circuit operate
in relation to the level of output current. Further, the IC's
internal circuitry can be shutdown via the CE pin's signal.


Similar Part No. - XC6205

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6205 TOREX-XC6205 Datasheet
3Mb / 47P
   High Sprred LDO Regulators Output ON-OFF Control
XC6205 TOREX-XC6205 Datasheet
1Mb / 49P
   High Speed LDO Regulators Output ON-OFF Control
XC6205 TOREX-XC6205 Datasheet
4Mb / 48P
   300mA/150mA High Speed LDO Regulators with ON-OFF Control
XC6205A092DL TOREX-XC6205A092DL Datasheet
1Mb / 49P
   High Speed LDO Regulators Output ON-OFF Control
XC6205A092DR TOREX-XC6205A092DR Datasheet
1Mb / 49P
   High Speed LDO Regulators Output ON-OFF Control
More results

Similar Description - XC6205

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6209 TOREX-XC6209_1 Datasheet
1Mb / 25P
   High Speed LDO Regulator, Low ESR Cap. Compatible, Output ON/OFF Control
XC6209 TOREX-XC6209 Datasheet
224Kb / 19P
   High Speed LDO Regulators Low ESR Cap Compatible Output On/Off Control
XC6212 TOREX-XC6212 Datasheet
66Kb / 7P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Output ON/OFF Control
XC6219 TOREX-XC6219_1 Datasheet
1Mb / 23P
   High Speed LDO Regulators, Low ESR Cap. Compatible, ON/OFF Switch
XC6219 TOREX-XC6219 Datasheet
248Kb / 18P
   High Speed LDO Regulators Low ESR Cap Compatible ON/OFF Switch
logo
Shenzhen Huazhimei Semi...
HM6216 HMSEMI-HM6216 Datasheet
366Kb / 8P
   Low power consumption, Low ESR Cap. Compatible
logo
SYNC POWER Crop.
SP2526 SYNC-POWER-SP2526 Datasheet
388Kb / 10P
   Low ESR Cap. Compatible Positive Voltage Regulators
logo
Minilogic Device Corpor...
ML6206S MINILOGIC-ML6206S Datasheet
597Kb / 14P
   Low ESR Cap. Compatible Positive Voltage Regulator
logo
Kingbor Technology Co
KB6206 KINGBOR-KB6206 Datasheet
79Kb / 6P
   Low ESR Cap. Compatible Positive Voltage Regulators
logo
Torex Semiconductor
XC6401 TOREX-XC6401 Datasheet
717Kb / 24P
   Dual LDO Regulators, Low ESR Cap. Compatible
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com