Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC651A4 Datasheet(PDF) 8 Page - Torex Semiconductor

Part # XC651A4
Description  CMOS Low Power Consumption
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC651A4 Datasheet(HTML) 8 Page - Torex Semiconductor

Back Button XC651A4 Datasheet HTML 4Page - Torex Semiconductor XC651A4 Datasheet HTML 5Page - Torex Semiconductor XC651A4 Datasheet HTML 6Page - Torex Semiconductor XC651A4 Datasheet HTML 7Page - Torex Semiconductor XC651A4 Datasheet HTML 8Page - Torex Semiconductor XC651A4 Datasheet HTML 9Page - Torex Semiconductor XC651A4 Datasheet HTML 10Page - Torex Semiconductor XC651A4 Datasheet HTML 11Page - Torex Semiconductor XC651A4 Datasheet HTML 12Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
XC651A Series
676
10
2. MWVD (Positive Logic)
Ta=25
OC
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
CIRCUIT
MW OUT 1 Detect Voltage
VDFMW1
1.250 1.275 1.301
V
5
MW OUT 2 Detect Voltage
VDFMW2
1.220 1.245 1.270
V
5
MW OUT 3 Detect Voltage
VDFMW3
1.186 1.210 1.234
V
5
MW OUT 4 Detect Voltage
VDFMW4
1.039 1.060 1.081
V
5
MW OUT 1 Hysteresis Width
VHYSMW1
(Release Voltage=VDFMW1 + VHYSMW1)
4
10
-
mV
5
MW OUT 2 Hysteresis Width
VHYSMW2
(Release Voltage=VDFMW2 + VHYSMW2)
410
-
mV
5
MW OUT 3 Hysteresis Width
VHYSMW3
(Release Voltage=VDFMW3 + VHYSMW3)
410
-
mV
5
MW OUT 4 Hysteresis Width
VHYSMW4
(Release Voltage=VDFMW4 x (1 + VHYSMW4 / 100) )
2
-
8
%
5
Supply Current
ISSMW
MWVD IN =2.0V
-
5.0
20.0
µA
6
Operating Voltage
MWVDIN
0.9
-
6.0
V
-
MW OUT 1 Output Current
IOUTMW1
Nch VDS=0.5V, MWVDIN =0.9V
0.18
1.8
-
mA
7
MW OUT 2 Output Current
IOUTMW2
Nch VDS=0.5V, MWVDIN =0.9V
0.18
1.8
-
mA
7
MW OUT 3 Output Current
IOUTMW3
Nch VDS=0.5V, MWVDIN =0.9V
0.18
1.8
-
mA
7
MW OUT 4 Output Current
IOUTMW4
Nch VDS=0.5V, MWVDIN =0.9V
0.18
1.8
-
mA
7
MW OUT 1 Delay Time
TDLYMW1
Release Voltage
Output Inversion, RIP open
-
-
0.4
msec
8
MW OUT 2 Delay Time
TDLYMW2
Release Voltage
Output Inversion, RIP open
-
-
0.4
msec
8
MW OUT 3 Delay Time
TDLYMW3
Release Voltage
Output Inversion, RIP open
-
-
0.4
msec
8
MW OUT 4 Delay Time
TDLYMW4
Release Voltage
Output Inversion, RIP open
-
-
0.4
msec
8
Ripple Rejection Resistance
RRIP
RIP=1V, MWVD IN =0V
250
500
1000
k
9
Special Parameter : VDFMW1
≥ VDFMW2 ≥ VDFMW3
10S_02XC651A 02.09.12 15:38 ページ 676


Similar Part No. - XC651A4

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6501 TOREX-XC6501 Datasheet
497Kb / 21P
   Output Capacitor-Less, Low Power Consumption, High Speed LDO Regulator
XC6501 TOREX-XC6501 Datasheet
527Kb / 21P
   Output Capacitor-Less, Low Power Consumption, High Speed LDO Regulator
XC6501A1217R-G TOREX-XC6501A1217R-G Datasheet
527Kb / 21P
   Output Capacitor-Less, Low Power Consumption, High Speed LDO Regulator
XC6501A121GL TOREX-XC6501A121GL Datasheet
497Kb / 21P
   Output Capacitor-Less, Low Power Consumption, High Speed LDO Regulator
XC6501A121GR TOREX-XC6501A121GR Datasheet
497Kb / 21P
   Output Capacitor-Less, Low Power Consumption, High Speed LDO Regulator
More results

Similar Description - XC651A4

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC612 TOREX-XC612 Datasheet
214Kb / 13P
   CMOS Low Power Consumption
XC6207 TOREX-XC6207 Datasheet
712Kb / 30P
   CMOS Low Power Consumption
XC2164 TOREX-XC2164_1 Datasheet
380Kb / 11P
   CMOS Low Power Consumption
XC25BS3 TOREX-XC25BS3 Datasheet
626Kb / 10P
   CMOS Low Power Consumption
XC6214 TOREX-XC6214 Datasheet
451Kb / 22P
   CMOS Low Power Consumption
XC25BS5 TOREX-XC25BS5_1 Datasheet
494Kb / 9P
   CMOS Low Power Consumption
XC6214 TOREX-XC6214_1 Datasheet
443Kb / 23P
   CMOS Low Power Consumption
XC641A TOREX-XC641A Datasheet
287Kb / 20P
   CMOS Low Power Consumption
XC62G TOREX-XC62G Datasheet
425Kb / 11P
   CMOS Low Power Consumption
logo
Guangdong Kexin Industr...
WL2805N-3 KEXIN-WL2805N-3 Datasheet
1Mb / 5P
   Low Power Consumption, CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com