Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC651A4 Datasheet(PDF) 7 Page - Torex Semiconductor

Part # XC651A4
Description  CMOS Low Power Consumption
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC651A4 Datasheet(HTML) 7 Page - Torex Semiconductor

Back Button XC651A4 Datasheet HTML 3Page - Torex Semiconductor XC651A4 Datasheet HTML 4Page - Torex Semiconductor XC651A4 Datasheet HTML 5Page - Torex Semiconductor XC651A4 Datasheet HTML 6Page - Torex Semiconductor XC651A4 Datasheet HTML 7Page - Torex Semiconductor XC651A4 Datasheet HTML 8Page - Torex Semiconductor XC651A4 Datasheet HTML 9Page - Torex Semiconductor XC651A4 Datasheet HTML 10Page - Torex Semiconductor XC651A4 Datasheet HTML 11Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
1. PFM DC/DC
Ta=25
OC
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
CIRCUIT
Output Voltage
VOUT
Ext. components connected
2.438 2.500 2.563
V
1
Operating Voltage
VIN
-
-
6.0
V
-
Operating Start-Up Voltage
VST
Ext. components connected, IOUT=1mA
-
0.8
0.9
V
1
Operating Hold Voltage
VHLD
Ext. components connected, IOUT=1mA
0.7
-
-
V
1
Supply Current 1
IDD1
Output Voltage x 0.95 applied to VOUT
-
35.0
56.9
µA
2
Supply Current 2
IDD2
Output Voltage + 0.5V applied to VOUT
-
2.5
5.0
µA
2
Lx Switch ON Resistance
RSWON
Output Voltage x 0.95 applied to VOUT,VLX=0.4V
-
9.1
13.7
2
Lx Leak Current
ILXL
No ext. components, VOUT=VLX=10V
-
-
1.0
µA
3
Output Voltage x 0.95 applied to VOUT, Output Voltage applied to LX,
When the oscillator frequency is more than double
EXT H ON Resistance
REXTH
Output Voltage x 0.95 applied to VOUT, VEXT=VOUT - 0.4V
-
140
210
2
EXT L ON Resistance
REXTL
Output Voltage x 0.95 applied to VOUT, VEXT=0.4V
-
140
210
2
Duty Ratio 1
DTY1
Output Voltage x 0.95 applied to VOUT, EXT waveform measurement
70
75
80
%
2
Duty Ratio 2
DTY2
Ext. components connected, IOUT=1mA, LX ON time measurement
-62
-
%
1
Max Oscillator Frequency
MAXFOSC Output Voltage x 0.95 applied to VOUT, EXT waveform measurement
85
100
115
kHz
2
Stand-by Current
ISTB
Output Voltage x 0.95 applied to VOUT, VEN=0V
-
0.2
1.0
µA
2
EN H Voltage
VENH
Output Voltage x 0.95 applied to VOUT, EXT oscillation judgement
0.7
-
-
V
4
EN L Voltage
VENL
Output Voltage x 0.95 applied to VOUT, EXT stopped judgement
-
-
0.2
V
4
EN H Current
IENH
Output Voltage x 0.95 applied to VOUT, VEN=VOUT
-
-
0.25
µA
4
EN L Current
IENL
Output Voltage x 0.95 applied to VOUT, VEN=0V
-
-
- 0.25
µA
4
Efficiency (note 1)
EFFI
Ext. components connected
-70
-
%
1
Conditions : Unless indicated, connect EN to VOUT, VIN=Output Voltage x 0.6, IOUT=10mA
Note : 1. EFFI={ [ (output voltage) x (output current) ] / [ (input voltage) x (input current) ] } x 100
-
Lx Control Voltage
VLXLMT
0.7
1.1
V
2
XC651A
Series
675
10
10S_02XC651A 02.09.12 15:38 ページ 675


Similar Part No. - XC651A4

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6501 TOREX-XC6501 Datasheet
497Kb / 21P
   Output Capacitor-Less, Low Power Consumption, High Speed LDO Regulator
XC6501 TOREX-XC6501 Datasheet
527Kb / 21P
   Output Capacitor-Less, Low Power Consumption, High Speed LDO Regulator
XC6501A1217R-G TOREX-XC6501A1217R-G Datasheet
527Kb / 21P
   Output Capacitor-Less, Low Power Consumption, High Speed LDO Regulator
XC6501A121GL TOREX-XC6501A121GL Datasheet
497Kb / 21P
   Output Capacitor-Less, Low Power Consumption, High Speed LDO Regulator
XC6501A121GR TOREX-XC6501A121GR Datasheet
497Kb / 21P
   Output Capacitor-Less, Low Power Consumption, High Speed LDO Regulator
More results

Similar Description - XC651A4

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC612 TOREX-XC612 Datasheet
214Kb / 13P
   CMOS Low Power Consumption
XC6207 TOREX-XC6207 Datasheet
712Kb / 30P
   CMOS Low Power Consumption
XC2164 TOREX-XC2164_1 Datasheet
380Kb / 11P
   CMOS Low Power Consumption
XC25BS3 TOREX-XC25BS3 Datasheet
626Kb / 10P
   CMOS Low Power Consumption
XC6214 TOREX-XC6214 Datasheet
451Kb / 22P
   CMOS Low Power Consumption
XC25BS5 TOREX-XC25BS5_1 Datasheet
494Kb / 9P
   CMOS Low Power Consumption
XC6214 TOREX-XC6214_1 Datasheet
443Kb / 23P
   CMOS Low Power Consumption
XC641A TOREX-XC641A Datasheet
287Kb / 20P
   CMOS Low Power Consumption
XC62G TOREX-XC62G Datasheet
425Kb / 11P
   CMOS Low Power Consumption
logo
Guangdong Kexin Industr...
WL2805N-3 KEXIN-WL2805N-3 Datasheet
1Mb / 5P
   Low Power Consumption, CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com