Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

1516 Datasheet(PDF) 1 Page - Data Delay Devices, Inc.

Part No. 1516
Description  5-TAP DIP/SMD DELAY LINE TD/TR = 3
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DATADELAY [Data Delay Devices, Inc.]
Homepage  http://www.datadelay.com
Logo 

1516 Datasheet(HTML) 1 Page - Data Delay Devices, Inc.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1516
Doc #97029
DATA DELAY DEVICES, INC.
1
2/7/97
3 Mt. Prospect Ave. Clifton, NJ 07013
5-TAP DIP/SMD DELAY LINE
TD/TR = 3
(SERIES 1516)
FEATURES
PACKAGES
5 taps of equal delay increment
Delays to 200ns
Low profile
Epoxy encapsulated
Meets or exceeds MIL-D-23859C
FUNCTIONAL DESCRIPTION
The 1516-series device is a fixed, single-input, five-
output, passive delay line. The signal input (IN) is
reproduced at the outputs (T1-T5) in equal increments.
The delay from IN to T5 (TD) and the characteristic
impedance of the line (Z) are determined by the dash
number. The rise time (TR) of the line is 30% of TD, and
the 3dB bandwidth is given by 1.05 / TD. The device is
available in a 8-pin DIP (1516) or a 8-pin SMD (1516S),
and a wide range of pinouts may be specified.
Part numbers are constructed according to the scheme
shown at right. For example, 1516C-101-500B is a 290
mil DIP, 100ns, 50
Ω delay line with pinout code B.
Similarly, 1516SB-151-501 is a 240 mil SMD, 150ns,
500
Ω delay line with standard pinout.
SERIES SPECIFICATIONS
Dielectric breakdown:
50 Vdc
Distortion @ output:
10% max.
Operating temperature:
-55
°C to +125°C
Storage temperature:
-55
°C to +125°C
Temperature coefficient: 100 PPM/
°C
PINOUT CODES
CODE
IN
T1
T2
T3
T4
T5
GND
STD
2
3
4
5
6
7
1,8
A
1
2
3
4
6
7
5,8
B
1
7
3
6
4
5
8
C
7
2
6
3
5
4
1,8
D
1
2
7
3
6
4
5,8
MOUNTING HEIGHT CODES
CODE
HEIGHT (MAX)
DIP
SMD
A
0.187
Yes
No
B
0.240
Yes
Yes
C
0.290
Yes
Yes
Note:
Codes A and B are not available
for all values of TD
Contact technical staff for details
data
delay
devices, inc.
®
®
3
IN
Signal Input
T1-T5 Tap Outputs
GND
Ground
Note: Standard pinout shown
Other pinouts available
8
7
6
5
1
2
3
4
GND
IN
T1
T2
GND
T5
T4
T3
DELAY TIME
Expressed in nanoseconds (ns)
First two digits are significant figures
Last digit specifies # of zeros to follow
IMPEDANCE
Expressed in nanoseconds (ns)
First two digits are significant figures
Last digit specifies # of zeros to follow
PINOUT CODE
See Table
Omit for STD pinout
MOUNTING HEIGHT CODE
See Table
PART NUMBER CONSTRUCTION
1516(S)m - xxx - zzz p
DELAY SPECIFICATIONS
TD
TI
TR
ATTENUATION (%) TYPICAL
(ns)
(ns)
(ns)
Z=50
Ω Z=100Ω
Ω Z=200Ω
Ω Z=300Ω
Ω Z=500Ω
5
1.0
3.0
N/A
5
N/A
N/A
N/A
10
2.0
4.0
3
5
5
N/A
N/A
15
3.0
5.0
3
5
5
N/A
N/A
20
4.0
6.0
3
5
5
5
N/A
25
5.0
7.0
3
5
5
5
7
30
6.0
10.0
3
5
5
5
7
40
8.0
13.0
3
5
5
5
7
50
10.0
15.0
3
5
5
7
7
60
12.0
20.0
3
5
6
7
8
75
15.0
25.0
3
5
6
7
8
80
16.0
26.0
4
5
6
7
8
100
20.0
30.0
4
5
6
7
8
110
22.0
32.0
4
5
6
7
8
125
25.0
40.0
4
5
6
7
8
150
30.0
50.0
N/A
5
8
10
10
180
36.0
60.0
N/A
7
8
10
10
200
50.0
70.0
N/A
8
10
12
12
Notes: TI represents nominal tap-to-tap delay increment
Tolerance on TD =
±±5% or ±±2ns, whichever is greater
Tolerance on TI =
±±5% or ±±1ns, whichever is greater
“N/A” indicates that delay is not available at this Z
©
©1997 Data Delay Devices


Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
3D3225MONOLITHIC 5-TAP FIXED DELAY LINE SERIES 3D3225 1 2 3 4 Data Delay Devices, Inc.
3D7215MONOLITHIC 5-TAP FIXED DELAY LINE SERIES 3D7215 - LOW NOISE 1 2 3 4 Data Delay Devices, Inc.
DS10005-Tap Silicon Delay Line 1 2 3 4 5 Dallas Semiconductor
3D7225MONOLITHIC 5-TAP FIXED DELAY LINE SERIES 3D7225 1 2 3 4 Data Delay Devices, Inc.
DS10045-Tap High Speed Silicon Delay Line 1 2 3 4 5 MoreDallas Semiconductor
15055-TAP SIP DELAY LINE TD/TR = 3 1 2 Data Delay Devices, Inc.
DS10055-Tap Silicon Delay Line 1 2 3 4 5 MoreDallas Semiconductor
15175-TAP DIP DELAY LINE TD/TR = 3 1 2 Data Delay Devices, Inc.
DS11005-Tap Economy Timing Element Delay Line 1 2 3 4 5 MoreDallas Semiconductor
15185-TAP SMD DELAY LINE TD/TR = 3 1 2 Data Delay Devices, Inc.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn