Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1505 Datasheet(PDF) 1 Page - Data Delay Devices, Inc.

Part # 1505
Description  5-TAP SIP DELAY LINE TD/TR = 3
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATADELAY [Data Delay Devices, Inc.]
Direct Link  http://www.datadelay.com
Logo DATADELAY - Data Delay Devices, Inc.

1505 Datasheet(HTML) 1 Page - Data Delay Devices, Inc.

  1505 Datasheet HTML 1Page - Data Delay Devices, Inc. 1505 Datasheet HTML 2Page - Data Delay Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1505
Doc #97024
DATA DELAY DEVICES, INC.
1
2/6/97
3 Mt. Prospect Ave. Clifton, NJ 07013
5-TAP SIP DELAY LINE
TD/TR = 3
(SERIES 1505)
FEATURES
PACKAGES
5 taps of equal delay increment
Very narrow device (SIP package)
Stackable for PC board economy
Low profile
Epoxy encapsulated
Meets or exceeds MIL-D-23859C
FUNCTIONAL DESCRIPTION
The 1505-series device is a fixed, single-input, five-output, passive delay
line. The signal input (IN) is reproduced at the outputs (T1-T5) in equal
increments. The delay from IN to T5 (TD) is given by the device dash
number. The characteristic impedance of the line is given by the letter
code that follows the dash number (See Table). The rise time (TR) of the line is 33% of TD, and the 3dB
bandwidth is given by 1.05 / TD.
SERIES SPECIFICATIONS
Dielectric breakdown:
50 Vdc
Distortion @ output:
10% max.
Operating temperature:
-55
°C to +125°C
Storage temperature:
-55
°C to +125°C
Temperature coefficient: 100 PPM/
°C
Functional Diagram
GND
IN
T5
T1
T2
T3
T4
Package Dimensions
.250
MAX.
.100
MIN.
.800 MAX.
1
2
3
4
5
6
7
.200
MAX.
.020
TYP.
.020 TYP.
.600 TYP.
.100
TYP.
.010
TYP.
©
©1997 Data Delay Devices
data
delay
devices, inc.
®
®
3
2
6 7
1
GND IN
T5
4 5
3
T1 T2 T3 T4
1505-xxz
xx = Delay (TD)
z = Impedance Code
PIN DESCRIPTIONS
IN
Signal Input
T1-T5 Tap Outputs
GND
Ground
DASH NUMBER SPECIFICATIONS
Part
Number
TD
(ns)
Delay per
Tap (ns)
TR
(ns)
Impedance
(
Ω)
RDC
(
Ω)
1505-5A
5.0
± 1.0
1.0
± 0.3
2.0
50
0.6
1505-10A
10.0
± 1.0
2.0
± 0.4
3.0
50
0.6
1505-20A
20.0
± 1.5
4.0
± 0.6
6.0
50
0.7
1505-30A
30.0
± 2.0
6.0
± 1.0
9.0
50
0.7
1505-40A
40.0
± 2.5
8.0
± 1.5
12.0
50
0.9
1505-50A
50.0
± 3.0
10.0
± 1.8
15.0
50
1.0
1505-60A
60.0
± 3.0
12.0
± 2.0
18.0
50
1.2
1505-70A
70.0
± 3.5
14.0
± 2.0
21.0
50
1.4
1505-80A
80.0
± 4.0
16.0
± 2.0
24.0
50
1.6
1505-90A
90.0
± 5.0
18.0
± 3.0
27.0
50
1.8
1505-100A
100
± 5.0
20.0
± 3.0
30.0
50
2.0
1505-5B
5.0
± 1.0
1.0
± 0.3
2.0
100
0.7
1505-10B
10.0
± 1.0
2.0
± 0.4
3.0
100
0.7
1505-20B
20.0
± 1.5
4.0
± 0.6
6.0
100
1.0
1505-30B
30.0
± 2.0
6.0
± 1.0
9.0
100
1.5
1505-40B
40.0
± 2.5
8.0
± 1.5
12.0
100
1.8
1505-50B
50.0
± 3.0
10.0
± 1.8
15.0
100
2.0
1505-60B
60.0
± 3.0
12.0
± 2.0
18.0
100
2.0
1505-75B
75.0
± 3.5
15.0
± 2.0
24.0
100
2.5
1505-100B
100
± 5.0
20.0
± 3.0
30.0
100
2.5
1505-30C
30.0
± 2.0
6.0
± 1.0
9.0
200
2.5
1505-50C
50.0
± 3.0
10.0
± 1.8
15.0
200
3.0
1505-60C
60.0
± 3.0
12.0
± 2.0
18.0
200
3.5
1505-100C
100
± 5.0
20.0
± 3.0
30.0
200
6.0
1505-50G
50.0
± 3.0
10.0
± 1.8
15.0
500
5.0
1505-100G
100
± 5.0
20.0
± 3.0
30.0
500
15.0
1505-200G
200
± 10.0
40.0
± 6.0
60.0
500
21.0
1505-300G
300
± 15.0
60.0
± 8.0
90.0
500
29.0


Similar Part No. - 1505

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1505-D ETC2-1505-D Datasheet
109Kb / 1P
   KNOB
logo
Make-Ps
1505/12T12 MAKE-PS-1505/12T12 Datasheet
212Kb / 6P
   Single, Dual, Triple Output DC/DC Converter
1505/12T24 MAKE-PS-1505/12T24 Datasheet
212Kb / 6P
   Single, Dual, Triple Output DC/DC Converter
1505/12T48 MAKE-PS-1505/12T48 Datasheet
212Kb / 6P
   Single, Dual, Triple Output DC/DC Converter
1505/15T12 MAKE-PS-1505/15T12 Datasheet
212Kb / 6P
   Single, Dual, Triple Output DC/DC Converter
More results

Similar Description - 1505

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
1507 DATADELAY-1507 Datasheet
38Kb / 2P
   10-TAP SIP DELAY LINE TD/TR = 5
1517 DATADELAY-1517 Datasheet
36Kb / 2P
   5-TAP DIP DELAY LINE TD/TR = 3
1518 DATADELAY-1518 Datasheet
31Kb / 2P
   5-TAP SMD DELAY LINE TD/TR = 3
1513 DATADELAY-1513 Datasheet
31Kb / 2P
   FIXED SIP DELAY LINE TD/TR = 5
1514 DATADELAY-1514 Datasheet
32Kb / 2P
   FIXED SIP DELAY LINE TD/TR = 5
1516 DATADELAY-1516 Datasheet
35Kb / 3P
   5-TAP DIP/SMD DELAY LINE TD/TR = 3
logo
List of Unclassifed Man...
1519-20A ETC-1519-20A Datasheet
43Kb / 3P
   10-TAP DIP DELAY LINE TD/TR = 5
logo
Data Delay Devices, Inc...
1519 DATADELAY-1519 Datasheet
39Kb / 3P
   10-TAP DIP DELAY LINE TD/TR = 5
1520 DATADELAY-1520 Datasheet
350Kb / 3P
   10-TAP DIP/SMD DELAY LINE TD/TR = 5
1515 DATADELAY-1515 Datasheet
32Kb / 2P
   FIXED SIP DELAY LINE TD/TR = 10
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com