Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC74WL34AASR Datasheet(PDF) 3 Page - Torex Semiconductor

Part # XC74WL34AASR
Description  CMOS Logic Dual Bus Buffer
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC74WL34AASR Datasheet(HTML) 3 Page - Torex Semiconductor

  XC74WL34AASR Datasheet HTML 1Page - Torex Semiconductor XC74WL34AASR Datasheet HTML 2Page - Torex Semiconductor XC74WL34AASR Datasheet HTML 3Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
XC74WL34AASR
912
13
■Typical Application Circuit
■Waveforms
Pulse
Generator
INPUT
OUTPUT
VCC
CL
ZOUT=50Ω
tr
tf
90%
10%
50%
INPUT
90%
50%
10%
50%
50%
OUTPUT
GND
VCC
VOH
VOL
tPLH
tPHL
PRR=1MHz
duty cycle 50%
tr=tf=3ns
■Noise Characteristics
( tr=tf=3ns )
PARAMETER
SYMBOL
CONDITIONS
Ta=25℃
UNITS
CL
VCC(V)
Not functioning output maximum dynamic VOL
VOLP
50pF
5.0
0.3
0.8
V
V
Not functioning output minimum dynamic VOL
VOLV
50pF
5.0
−0.8
−0.3
Minimum dynamic VIH
VIHD
50pF
5.0
3.5
V
Maximum dynamic VIL
VILD
50pF
5.0
1.5
V
MIN
TYP
MAX
13S_08XC74WL(34AASR) 02.09.12 15:56 ページ 912


Similar Part No. - XC74WL34AASR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC74WL34AASR TOREX-XC74WL34AASR Datasheet
147Kb / 4P
   CMOS Logic
XC74WL34AASR TOREX-XC74WL34AASR Datasheet
153Kb / 4P
   CMOS Logic
XC74WL34AASR-12 TOREX-XC74WL34AASR-12 Datasheet
153Kb / 4P
   CMOS Logic
XC74WL34AASR_001 TOREX-XC74WL34AASR_001 Datasheet
147Kb / 4P
   CMOS Logic
XC74WL34AASR TOREX-XC74WL34AASR_12 Datasheet
153Kb / 4P
   CMOS Logic
More results

Similar Description - XC74WL34AASR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC74WL241ASR TOREX-XC74WL241ASR Datasheet
135Kb / 5P
   CMOS Logic Dual Bus Buffer
XC74WL126ASR TOREX-XC74WL126ASR Datasheet
149Kb / 5P
   CMOS Logic Dual Bus Buffer
logo
Renesas Technology Corp
HD74LV2GT126A RENESAS-HD74LV2GT126A Datasheet
88Kb / 9P
   Dual Bus Buffer with 3-state Output / CMOS Logic Level Shifter
HD74LV2GT125A RENESAS-HD74LV2GT125A Datasheet
92Kb / 9P
   Dual Bus Buffer with 3-state Output / CMOS Logic Level Shifter
HD74LV2GT125A RENESAS-HD74LV2GT125A_15 Datasheet
116Kb / 11P
   Dual Bus Buffer with 3?뱒tate Output / CMOS Logic Level Shifter
HD74LV2GT126A RENESAS-HD74LV2GT126A_15 Datasheet
113Kb / 11P
   Dual Bus Buffer with 3?뱒tate Output / CMOS Logic Level Shifter
HD74LV2GT241A RENESAS-HD74LV2GT241A_15 Datasheet
114Kb / 11P
   Dual Bus Buffer Noninverted with 3?뱒tate Output / CMOS Logic Level Shifter
HD74LV2GT241A RENESAS-HD74LV2GT241A Datasheet
90Kb / 9P
   Dual Bus Buffer Noninverted with 3-state Output / CMOS Logic Level Shifter
HD74LV2GT240A RENESAS-HD74LV2GT240A_15 Datasheet
116Kb / 11P
   Dual Bus Buffer Inverted with 3?뱒tate Output / CMOS Logic Level Shifter
HD74LV2GT240A RENESAS-HD74LV2GT240A Datasheet
92Kb / 9P
   Dual Bus Buffer Inverted with 3-state Output / CMOS Logic Level Shifter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com