Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XP132A0340SR Datasheet(PDF) 3 Page - Torex Semiconductor

Part # XP132A0340SR
Description  P-Channel Power MOS FET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XP132A0340SR Datasheet(HTML) 3 Page - Torex Semiconductor

  XP132A0340SR Datasheet HTML 1Page - Torex Semiconductor XP132A0340SR Datasheet HTML 2Page - Torex Semiconductor XP132A0340SR Datasheet HTML 3Page - Torex Semiconductor XP132A0340SR Datasheet HTML 4Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
■Typical Performance Characteristics
-4.5V
Vgs=-1.5V
-2V
-3.5V
-4V
-2.5V
-5V
-3V
-25
-20
-15
-10
-5
0
0-3
-4
-1
-2
-5
DRAIN CURRENT vs. DRAIN-SOURCE VOLTAGE
Pulse Test, Ta=25
:
Drain-Source Voltage:Vds (V)
0
Topr=25℃
-55℃
-10
-5
-15
-20
-25
125℃
-1
-2
-3
-4
-5
0
DRAIN CURRENT vs. GATE-SOURCE VOLTAGE
Pulse Test, Vds=-10V
Gate-Source Voltage:Vgs (V)
0
0
Id=-4A
-7A
0.04
0.02
0.06
0.08
0.1
-1
-2
-3
-4
-5
DRAIN-SOURCE ON-STATE RESISTANCE
vs. GATE-SOURCE VOLTAGE
Pulse Test, Ta=25
:
Gate-Source Voltage:Vgs (V)
1.00
0.10
0.01
-2.5V
Vgs=-4.5V
0
-5
-10
-15
-20
-25
DRAIN-SOURCE ON-STATE RESISTANCE
vs. DRAIN CURRENT
Pulse Test, Ta=25
:
Drain Current:Id (A)
0.10
0.08
0.04
0.00
-60
90
120
-30
30
150
Id=-7A
-4A
-4A,-7A
-2.5V
Vgs=-4.5V
0.06
0.02
060
DRAIN-SOURCE ON-STATE RESISTANCE
vs. AMBIENT TEMPERATURE
Pulse Test
Ambient Temp.:Topr (
:)
0.4
0.1
-0.1
-0.4
-60
90
120
0
30
150
-0.2
0.0
0.3
0.2
-0.3
-30
60
GATE-SOURCE CUT-OFF VOLTAGE VARIANCE
vs. AMBIENT TEMPERATURE
Vds=-10V, Id=-1mA
Ambient Temp.:Topr (
:)
XP132A0340SR
757
11
11S_18XP132A0340SR 02.9.12 3:59 PM ページ 757


Similar Part No. - XP132A0340SR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XP132A01A0SR TOREX-XP132A01A0SR Datasheet
164Kb / 4P
   P-Channel Power MOS FET
XP132A0265SR TOREX-XP132A0265SR Datasheet
187Kb / 4P
   P-Channel Power MOS FET
More results

Similar Description - XP132A0340SR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XP134A11A1SR TOREX-XP134A11A1SR Datasheet
61Kb / 4P
   P-Channel Power MOS FET
XP132A0265SR TOREX-XP132A0265SR Datasheet
187Kb / 4P
   P-Channel Power MOS FET
XP134A02A1SR TOREX-XP134A02A1SR Datasheet
154Kb / 4P
   P-Channel Power MOS FET
XP134A1275SR TOREX-XP134A1275SR Datasheet
156Kb / 4P
   P-Channel Power MOS FET
XP132A01A0SR TOREX-XP132A01A0SR Datasheet
164Kb / 4P
   P-Channel Power MOS FET
logo
Renesas Technology Corp
2SJ599 RENESAS-2SJ599_15 Datasheet
244Kb / 10P
   SWITCHING P-CHANNEL POWER MOS FET
NP100P04PDG RENESAS-NP100P04PDG_15 Datasheet
300Kb / 9P
   SWITCHING P-CHANNEL POWER MOS FET
NP100P04PLG RENESAS-NP100P04PLG_15 Datasheet
300Kb / 9P
   SWITCHING P-CHANNEL POWER MOS FET
2SJ673 RENESAS-2SJ673_15 Datasheet
288Kb / 10P
   SWITCHING P-CHANNEL POWER MOS FET
PA2717AGR RENESAS-PA2717AGR_15 Datasheet
274Kb / 9P
   SWITCHING P-CHANNEL POWER MOS FET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com