Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

XN01558 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part No. XN01558
Description  Silicon NPN epitaxial planar type For low-frequency amplification
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PANASONIC [Panasonic Semiconductor]
Homepage  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

XN01558 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  XN01558 Datasheet HTML 1Page - Panasonic Semiconductor XN01558 Datasheet HTML 2Page - Panasonic Semiconductor XN01558 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
XN01558
2
SJJ00264BED
VBE(sat)  IC
hFE  IC
Cob  VCB
PT  Ta
IC  VCE
VCE(sat)  IC
0
160
40
120
80
0
500
200
400
100
300
Ambient temperature
T
a (°C)
0
06
15
24
3
0.8
Collector-emitter voltage V
CE (V)
0.6
0.4
0.2
IB
= 4.0 mA
1.0 mA
1.5 mA
2.0 mA
2.5 mA
3.0 mA
3.5 mA
0.5 mA
Ta
= 25°C
IC / IB
= 25
Ta
= 75°C
25
°C
−25°C
Collector current I
C (mA)
10−3
10−2
10−1
1
110
103
102
10−1
1
10
10
102
105
103
104
IC / IB
= 10
1
Ta
= −25°C
25
°C
75
°C
Collector current I
C (µA)
10−2
10−1
0
120
240
360
480
600
VCE
= 2 V
25
°C
−25°C
Collector current I
C (mA)
Ta
= 75°C
10−1
110
102
103
1
10
102
010
20
30
Collector-base voltage V
CB (V)
f
= 1 MHz
Ta
= 25°C


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn