Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

VBE26-12NO7 Datasheet(PDF) 1 Page - IXYS Corporation

Part No. VBE26-12NO7
Description  ECO-PAC TM Single Phase Rectifier Bridge WITH FAST RECOVERY EPITAXIAL DIODE (FRED)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

VBE26-12NO7 Datasheet(HTML) 1 Page - IXYS Corporation

  VBE26-12NO7 Datasheet HTML 1Page - IXYS Corporation VBE26-12NO7 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2000 IXYS All rights reserved
1 - 2
VBE 26-12NO7
ECO-PAC TM
Single Phase Rectifier Bridge
with Fast Recovery Epitaxial Diodes (FRED)
I
dAV
= 32 A
V
RRM
= 1200 V
t
rr
= 40 ns
V
RSM
V
RRM
Typ
V
V
1200
1200
VBE 26-12NO7
Symbol
Conditions
Maximum Ratings
I
dAV
x
T
C = 85°C, module
32
A
I
dAVM
90
A
I
FSM
T
VJ = 45°C
t = 10 ms (50 Hz), sine
90
A
V
R = 0
t = 8.3 ms (60 Hz), sine
100
A
T
VJ = TVJM
t = 10 ms (50 Hz), sine
75
A
V
R = 0
t = 8.3 ms (60 Hz), sine
85
A
I2t
T
VJ = 45°C
t = 10 ms (50 Hz), sine
40
A2s
V
R = 0
t = 8.3 ms (60 Hz), sine
40
A2s
T
VJ = TVJM
t = 10 ms (50 Hz), sine
30
A2s
V
R = 0
t = 8.3 ms (60 Hz), sine
30
A2s
T
VJ
-40...+150
°C
T
VJM
150
°C
T
stg
-40...+125
°C
V
ISOL
50/60 Hz, RMS
t = 1 min
3000
V~
I
ISOL £ 1 mA
t = 1 s
3600
V~
M
d
Mounting torque (M4)
1.5-2/14-18 Nm/lb.in.
Weight
typ.
19
g
Features
• Package with DCB ceramic
base plate in low profile
• Isolation voltage 3000 V~
• Planar passivated chips
• Low forward voltage drop
• Leads suitable for PC board soldering
Applications
• Supplies for DC power equipment
• Input and output rectifiers for high
frequency
• Battery DC power supplies
• Field supply for DC motors
Advantages
• Space and weight savings
• Improved temperature and power
cycling capability
• Small and light weight
• Low noise switching
Data according to IEC 60747 refer to a single diode unless otherwise stated
x for resistive load at bridge output.
D
K
A
N
Symbol
Conditions
Characteristic Values
typ.
max.
I
R
V
R = VRRM
T
VJ = 25°C
0.1
mA
V
R = VRRM
T
VJ = TVJM
0.5
mA
V
F
I
F = 15 A
T
VJ = 25°C
2.73
V
V
T0
for power-loss calculations only
1.32
V
r
T
30
m
W
R
thJC
per diode; DC current
1.6 K/W
R
thCH
per diode, DC current, typ.
0.3 K/W
I
RM
I
F = 25 A, -diF/dt = 100 A/µs
5
9.7
A
V
R = 100 V, L = 0.05 mH, TVJ = 100°C
t
rr
I
F = 1 A; -di/dt = 100 A/µs; VR = 30 V, TVJ = 25°C
40
tbd
ns
a
Max. allowable acceleration
50
m/s2
d
S
creeping distance on surface
11.2
mm
d
A
creepage distance in air
9.7
mm
IXYS reserves the right to change limits, test conditions and dimensions.
Dimensions in mm (1 mm = 0.0394")


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn