Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC74LVX4053FT Datasheet(PDF) 7 Page - Toshiba Semiconductor

Part # TC74LVX4053FT
Description  TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74LVX4053FT Datasheet(HTML) 7 Page - Toshiba Semiconductor

Back Button TC74LVX4053FT Datasheet HTML 3Page - Toshiba Semiconductor TC74LVX4053FT Datasheet HTML 4Page - Toshiba Semiconductor TC74LVX4053FT Datasheet HTML 5Page - Toshiba Semiconductor TC74LVX4053FT Datasheet HTML 6Page - Toshiba Semiconductor TC74LVX4053FT Datasheet HTML 7Page - Toshiba Semiconductor TC74LVX4053FT Datasheet HTML 8Page - Toshiba Semiconductor TC74LVX4053FT Datasheet HTML 9Page - Toshiba Semiconductor TC74LVX4053FT Datasheet HTML 10Page - Toshiba Semiconductor TC74LVX4053FT Datasheet HTML 11Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
TC74LVX4051,4052,4053FT
2001-11-12
7
*
Analog Switch Characteristics (GND
==== 0 V, Ta ==== 25°C)
Characteristics
Symbol
Test Condition
VEE (V)
VCC (V)
Typ.
Unit
VIN = 2.0 Vp-p
0
3.0
0.100
VIN = 4.0 Vp-p
0
4.5
0.030
Sine Wave Distortion
(T.H.D)
RL = 10 kW, CL = 50 pF,
fIN = 1 kHz
VIN = 6.0 Vp-p
-0.3
3.0
0.020
%
4051
150
4052
180
4053
0
3.0
200
4051
150
4052
180
4053
0
4.5
200
4051
150
4052
180
Frequency response
(switch ON)
fmax
Adjust fIN voltage to obtain 0dBm
at VOS.
Increase fIN frequency until dB
meter reads
-3dB.
RL = 50 W, CL = 10 pF,
fIN = 1 MHz, sine wave
Figure 3
4053
-3.0
3.0
200
MHz
0
3.0
-45
0
4.5
-45
VIN is centered at (VCC - VEE)/2.
Adjust input for 0dBm.
RL = 600 W, CL = 50 pF, fIN = 1 MHz, sine wave
Figure 4
-3.0
3.0
-45
0
3.0
-60
0
4.5
-60
Feed through attenuation
(switch OFF)
RL = 50 W, CL = 10 pF, fIN = 1 MHz, sine wave
-3.0
3.0
-60
dB
0
3.0
90
0
4.5
150
Crosstalk
(control input to signal
output)
RL = 600 W, CL = 50 pF, fIN = 1 MHz, square wave
(tr = tf = 6 ns)
Figure 5
-3.0
3.0
120
mV
0
3.0
-45
0
4.5
-45
Crosstalk
(between any switches)
Adjust VIN to obtain 0dBm at input.
RL = 600 W, CL = 50 pF, fIN = 1 MHz, sine wave
Figure 6
-3.0
3.0
-45
dB
*: These characteristics are determined by design of devices.
Switch pin
Common pin


Similar Part No. - TC74LVX4053FT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74LVX4053FT TOSHIBA-TC74LVX4053FT Datasheet
261Kb / 12P
   Multiplexer/Demultiplexer
TC74LVX4053FT TOSHIBA-TC74LVX4053FT_08 Datasheet
269Kb / 13P
   8-Channel Analog Multiplexer/Demultiplexer , Dual 4-Channel Analog Multiplexer/Demultiplexer , Triple 2-Channel Analog Multiplexer/Demultiplexer
More results

Similar Description - TC74LVX4053FT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7MH175FK TOSHIBA-TC7MH175FK Datasheet
149Kb / 7P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC83220-0020 TOSHIBA-TC83220-0020 Datasheet
224Kb / 16P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7MH574FK TOSHIBA-TC7MH574FK Datasheet
126Kb / 8P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74AC390F TOSHIBA-TC74AC390F Datasheet
315Kb / 8P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74ACT32F TOSHIBA-TC74ACT32F Datasheet
247Kb / 6P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74HC283AP TOSHIBA-TC74HC283AP Datasheet
287Kb / 7P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC7WB126FK TOSHIBA-TC7WB126FK Datasheet
98Kb / 6P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7PA05FU TOSHIBA-TC7PA05FU Datasheet
181Kb / 8P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74LVX125FTELM TOSHIBA-TC74LVX125FTELM Datasheet
190Kb / 7P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TCS10DPU TOSHIBA-TCS10DPU_14 Datasheet
162Kb / 6P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TCS10SLU TOSHIBA-TCS10SLU_14 Datasheet
217Kb / 6P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com