Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC512TYL1-25Q Datasheet(PDF) 2 Page - Marktech Corporate

Part # LC512TYL1-25Q
Description  5mm InGaAlP Yellow Ultra Bright LED
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

LC512TYL1-25Q Datasheet(HTML) 2 Page - Marktech Corporate

  LC512TYL1-25Q Datasheet HTML 1Page - Marktech Corporate LC512TYL1-25Q Datasheet HTML 2Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
5mm InGaAlP Yellow Ultra Bright LED
Company Headquarters
3 Northway Lane North
Latham, New York 12110
Toll Free: 800.984.5337
Fax: 518.785.4725
Web: www.marktechopto.com | Email: info@marktechopto.com
California Sales Office:
950 South Coast Drive, Suite 225
Costa Mesa, California 92626
Toll Free: 800.984.5337
Fax: 714.850.9314


Similar Part No. - LC512TYL1-25Q

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
LC512TYL1-25Q-A-MT MARKTECH-LC512TYL1-25Q-A-MT Datasheet
188Kb / 4P
   SPECIFICATION FOR COTCO LED LAMP
More results

Similar Description - LC512TYL1-25Q

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
LC307TYL1-30Q-A MARKTECH-LC307TYL1-30Q-A Datasheet
51Kb / 2P
   InGaAlP Yellow Ultra Bright 3mm LED
LP378TYL1-C0G MARKTECH-LP378TYL1-C0G Datasheet
230Kb / 2P
   P4 Yellow InGaAlP Ultra Bright LED
LP377AYL1-70G MARKTECH-LP377AYL1-70G Datasheet
211Kb / 2P
   P4 InGaAlP Yellow Ultra Bright LED
LO566TYL4-70H MARKTECH-LO566TYL4-70H Datasheet
208Kb / 2P
   Elliptical InGaAlP Yellow Ultra Bright LED
LC503AYL2-30Q-A MARKTECH-LC503AYL2-30Q-A Datasheet
354Kb / 2P
   Ultra Bright Yellow 5mm LED
LC503AYL2-30P-A MARKTECH-LC503AYL2-30P-A Datasheet
348Kb / 2P
   Ultra Bright Yellow 5mm LED
LC503AYL1-15Q-A MARKTECH-LC503AYL1-15Q-A Datasheet
206Kb / 2P
   Ultra Bright Yellow 5mm LED
MT3318-UYP22 MARKTECH-MT3318-UYP22 Datasheet
380Kb / 2P
   Ultra Bright Yellow 5mm LED
LC503AYL1-15P-A MARKTECH-LC503AYL1-15P-A Datasheet
207Kb / 2P
   Ultra Bright Yellow 5mm LED
LC307PYO1-30Q-A MARKTECH-LC307PYO1-30Q-A Datasheet
52Kb / 2P
   InGaAlP Yellow−Orange Ultra Bright 3mm LED
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com