Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LBE67C Datasheet(PDF) 7 Page - OSRAM GmbH

Part # LBE67C
Description  Power TOPLED짰 Enhanced optical Power LED (ATON짰)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LBE67C Datasheet(HTML) 7 Page - OSRAM GmbH

Back Button LBE67C Datasheet HTML 3Page - OSRAM GmbH LBE67C Datasheet HTML 4Page - OSRAM GmbH LBE67C Datasheet HTML 5Page - OSRAM GmbH LBE67C Datasheet HTML 6Page - OSRAM GmbH LBE67C Datasheet HTML 7Page - OSRAM GmbH LBE67C Datasheet HTML 8Page - OSRAM GmbH LBE67C Datasheet HTML 9Page - OSRAM GmbH LBE67C Datasheet HTML 10Page - OSRAM GmbH LBE67C Datasheet HTML 11Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
LB E67C, LV E67C, LT E67C
2002-07-17
7
Durchlassstrom
I
F = f (VF)
Forward Current
T
A = 25 °C
Maximal zulässiger Durchlassstrom
I
F = f (T)
Max. Permissible Forward Current
Relative Lichtstärke
I
V/IV(30 mA) = f (IF)
Relative Luminous Intensity
T
A = 25 °C
Maximal zulässiger Durchlassstrom
I
F = f (T)
Max. Permissible Forward Current
V
OHL01619
1.5
verde,
10
-3
10
-2
10
-1
10
0
10
1
mA
10
2
IF
2.5
3.5
4.5
5.5 V 6.5
true green
blue
F
OHL01488
0
IF
T
0
5
10
15
20
25
30
35
40
mA
50
A
T temp. ambient
20
40
60
80 ˚C 100
Estimated average degradation
= -50%
V
∆I
5000 h
10000 h
MTTF
MTTF
-1
10
-2
10
10
10
-3
-2
10
2
1
0
-1
10
10
I
F
10
mA
0
10
V
I
V (30 mA)
I
1
10
OHL00036
verde
true green
blue
OHL11489
0
IF
T
0
T temp. solder point
S
20
80
40
60
˚C 100
mA
5
10
15
20
25
30
35
S
> 5000 h
> 10000 h


Similar Part No. - LBE67C

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LBE67C-Q1S2-35-1 OSRAM-LBE67C-Q1S2-35-1 Datasheet
592Kb / 21P
   Backlighting
LBE67C OSRAM-LBE67C_15 Datasheet
592Kb / 21P
   Backlighting
More results

Similar Description - LBE67C

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LBE63C-T2V2-35-Z OSRAM-LBE63C-T2V2-35-Z Datasheet
578Kb / 18P
   Power TOPLED짰 with Lens Enhanced Optical Power LED (ATON짰)
LATBT66B OSRAM-LATBT66B Datasheet
187Kb / 18P
   Enhanced optical Power LED (HOP2000 / ATON짰)
LWT67C OSRAM-LWT67C Datasheet
525Kb / 16P
   Hyper TOPLED짰 Enhanced optical Power LED
LRTBGFUG OSRAM-LRTBGFUG Datasheet
626Kb / 28P
   Enhanced optical Power LED
LWP4SG OSRAM-LWP4SG Datasheet
642Kb / 18P
   Enhanced optical Power LED
LTRBGFSF OSRAM-LTRBGFSF Datasheet
1Mb / 32P
   Enhanced optical Power LED
LAYT67B OSRAM-LAYT67B Datasheet
353Kb / 15P
   Enhanced optical Power LED
LAM67B OSRAM-LAM67B Datasheet
448Kb / 15P
   Enhanced optical Power LED
LYYYG6SF OSRAM-LYYYG6SF Datasheet
437Kb / 17P
   Enhanced optical Power LED
LAP47B OSRAM-LAP47B Datasheet
440Kb / 16P
   Enhanced optical Power LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com