Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

C2C050001 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part No. C2C050001
Description  Reed Relay
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo ETC1 - List of Unclassifed Manufacturers

C2C050001 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  C2C050001 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Coil Ratings
(AT 20
)
Parameter
Rating
Coil Resistance
200
(
10%)
Nominal Coil Voltage
5
VDC
Maximun Continuous Voltage
10
VDC
Must Operate
3.75
VDC
Must Release
0.75
VDC
Rated Current
25
mA
Electrical Characteristics
Parameter
Rating
Contact Resistance
150
m
(max)
Operate Time
0.7
ms(max)
Bounce Time
0.5
ms(max)
Release Time
1.0
ms(max)
Insulation Resistance (100VDC )
10
9
(min)
Power
3.0
VA(max)
Switching Voltage
100
VDC(max)
Switching Current
0.25
A(max)
Carry Current
0.5
A(max)
Breakdown Voltage ( Across Open Contact )
200
VDC(min)
( Between Coil & Contact )
4000
VDC(min)
Life Expectancy (Signal Level)
5 x 10
7
Operating Temp
-40 to 85
Storage Temp
-50 to125
Resonant Frequency
3.5
KHZ
Vibration ( 10-2000HZ )
20
g(max)
Minimun Permissible Load
100
mVDC 10UA
C2C050001
Reed Relay
Outside Dimension:Unit (mm)
Schematic:Top View
Features
1. Fully sealed.
2. 4000VDC Isolation voltage between coil and contact.
Unit
Unit
c 2004
cosmo ELECTRONICS CORPORATION
http://www.cosmo-ic.com
59


Html Pages

1 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
D2A050000REED RELAY 1 COSMO Electronics Corporation
M1C120M00REED RELAY 1 COSMO Electronics Corporation
S1A05000SIP REED RELAY 1 2 List of Unclassifed Manufacturers
M1A050M00Reed Relay 1 COSMO Electronics Corporation
V2C241000Reed Relay 1 COSMO Electronics Corporation
D1A120D00REED RELAY 1 2 List of Unclassifed Manufacturers
DH1A050000REED RELAY 1 COSMO Electronics Corporation
V2C121000Reed Relay 1 COSMO Electronics Corporation
D1C240000REED RELAY 1 COSMO Electronics Corporation
D1A241000REED RELAY 1 COSMO Electronics Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn