Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DN8897TE Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # DN8897TE
Description  Hall IC(Operating Temperature Range Topr=-40 to -100째C, Operating in Alternative Magnetic Field)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

DN8897TE Datasheet(HTML) 2 Page - Panasonic Semiconductor

  DN8897TE Datasheet HTML 1Page - Panasonic Semiconductor DN8897TE Datasheet HTML 2Page - Panasonic Semiconductor DN8897TE Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
VCC
ICC
IO
PD
Topr
Tstg
Supply voltage
Supply current
Circuit current
Power dissipation
Operating ambient temperature
Storage temperature
V
mA
mA
mW
˚C
˚C
s Absolute Maximum Ratings (Ta=25˚C)
18
8
20
150
–40 to +100
–55 to +125
Parameter
Symbol
Rating
Unit
s Electrical Characteristics (Ta=25˚C)
Operating flux density
–12
B1 (L→H)
mT
–6
VCC=12V
B2 (H→L)
12
mT
6
VCC=12V
Hysteresis width
7
BW
mT
10
VCC=12V
Output voltage
VOL
0.4
V
VCC=16V, VO=0V,
B=–12mT
14.7
VOH
V
2.9
V
Output short-circuit current
0.4
–IOS
0.9
mA
Supply current
1
mA
VCC=16V
1
ICC
5.5
mA
VCC=4.5V
6
– 0.1
0.1
VCC=4.5V, IO=–30
µA,
B=–12mT
VCC=16V, IO=–30
µA,
B=–12mT
VCC=4.5 to16V, IO=12mA,
B=12mT
Parameter
Symbol
Condition
min
typ
max
Unit
1.5
1.0 1.75
Unit : mm
The center of the Hall
element is in the hatched
area in the right figure.
· DN8897
1.0 1.63
· DN8897SE
1.0 1.5
· DN8897TE
· DN8897S
Distance from package
surface to sensor (mm)
DN8897
0.7
DN8897SE
0.42
DN8897TE
0.4
DN8897S
0.65
s Hall Element Position
Marking surface
Applied flux direction
Flux density (B)
B1
B2
s Flux-Voltage Conversion Characteristics


Similar Part No. - DN8897TE

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
DN8899 PANASONIC-DN8899 Datasheet
39Kb / 3P
   Hall IC (Operating Temperature Range Topr=-40 to 100째C, Operating in Alternative Magnetic Field)
DN8899S PANASONIC-DN8899S Datasheet
39Kb / 3P
   Hall IC (Operating Temperature Range Topr=-40 to 100째C, Operating in Alternative Magnetic Field)
DN8899SE PANASONIC-DN8899SE Datasheet
39Kb / 3P
   Hall IC (Operating Temperature Range Topr=-40 to 100째C, Operating in Alternative Magnetic Field)
DN8899TE PANASONIC-DN8899TE Datasheet
39Kb / 3P
   Hall IC (Operating Temperature Range Topr=-40 to 100째C, Operating in Alternative Magnetic Field)
DN8899UAS PANASONIC-DN8899UAS Datasheet
45Kb / 6P
   Hall IC for alternative magnetic field SOH-4D type
More results

Similar Description - DN8897TE

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
DN8899 PANASONIC-DN8899 Datasheet
39Kb / 3P
   Hall IC (Operating Temperature Range Topr=-40 to 100째C, Operating in Alternative Magnetic Field)
DN6847 PANASONIC-DN6847 Datasheet
41Kb / 3P
   Hall IC(Operating Temperature Range Topr = - 40 to -100째C, Operating in Alternative Magnetic Field)
DN6848 PANASONIC-DN6848 Datasheet
39Kb / 3P
   Hall IC(Operating Temperature Range Topr = - 40 to -100째C, Operating in Alternative Magnetic Field)
DN6849 PANASONIC-DN6849 Datasheet
39Kb / 3P
   Hall IC(Operating Temperature Range Topr = - 40 to -100째C, Operating in Alternative Magnetic Field)
DN6851 PANASONIC-DN6851 Datasheet
25Kb / 2P
   Hall IC(Operating Supply Voltage Range VCC=3.6 to 16V, Operating in Alternative Magnetic Field)
DN6852 PANASONIC-DN6852 Datasheet
24Kb / 2P
   Hall IC(Operating Supply Voltage Range VCC=3.6 to 16V, Operating in Alternative Magnetic Field)
DN6853 PANASONIC-DN6853 Datasheet
24Kb / 2P
   Hall IC(Operating Supply Voltage Range VCC=3.6 to 16V, Operating in Alternative Magnetic Field)
DN6849UBS PANASONIC-DN6849UBS Datasheet
48Kb / 6P
   Hall IC for alternative magnetic field
DN8899UAS PANASONIC-DN8899UAS Datasheet
45Kb / 6P
   Hall IC for alternative magnetic field SOH-4D type
logo
Murata Manufacturing Co...
GRM0115C1ER30CE01 MURATA-GRM0115C1ER30CE01 Datasheet
48Kb / 1P
   Operating temperature range
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com