Electronic Components Datasheet Search |
|
IDT74LVC827A Datasheet(PDF) 2 Page - Integrated Device Technology |
|
IDT74LVC827A Datasheet(HTML) 2 Page - Integrated Device Technology |
2 / 6 page INDUSTRIALTEMPERATURERANGE 2 IDT74LVC827A 3.3VCMOS10-BITBUFFER/DRIVERWITH3-STATEOUTPUTS Symbol Description Max Unit VTERM Terminal Voltage with Respect to GND –0.5 to +6.5 V TSTG Storage Temperature –65 to +150 °C IOUT DC Output Current –50 to +50 mA IIK Continuous Clamp Current, –50 mA IOK VI < 0 or VO < 0 ICC Continuous Current through each ±100 mA ISS VCC or GND ABSOLUTE MAXIMUM RATINGS(1) NOTE: 1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability. PIN CONFIGURATION SOIC/ SSOP/ QSOP/ TSSOP TOP VIEW NOTE: 1. As applicable to the device type. Symbol Parameter(1) Conditions Typ. Max. Unit CIN Input Capacitance VIN = 0V 4.5 6 pF COUT Output Capacitance VOUT = 0V 5.5 8 pF CI/O I/O Port Capacitance VIN = 0V 6.5 8 pF CAPACITANCE (TA= +25°C, F = 1.0MHz) Pin Name I/O Description OEx I When both are LOW the outputs are enabled. When either one or both are HIGH the outputs are High Z. A x I 10-BitDataInputs Y x O 10-BitDataOutputs PIN DESCRIPTION FUNCTION TABLE (EACHBUFFER)(1) NOTE: 1. H = HIGH Voltage Level L = LOW Voltage Level X = Don’t Care Z = High Impedance Inputs Outputs OE1 OE2 Ax Yx Function L L L L Transparent LL H H H X X Z 3-State XH X Z 2 3 1 A1 VCC 20 19 18 Y5 Y4 Y6 Y2 Y1 Y3 15 Y8 Y9 16 9 10 A8 Y7 23 22 24 21 17 OE1 5 6 A6 7 A4 A5 4 A2 A3 8 A9 A7 13 Y10 OE2 14 11 12 A10 GND |
Similar Part No. - IDT74LVC827A |
|
Similar Description - IDT74LVC827A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |