Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4409 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX4409
Description  80mW, DirectDrive Stereo Headphone Amplifier with Common-Mode Sense
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4409 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX4409 Datasheet HTML 9Page - Maxim Integrated Products MAX4409 Datasheet HTML 10Page - Maxim Integrated Products MAX4409 Datasheet HTML 11Page - Maxim Integrated Products MAX4409 Datasheet HTML 12Page - Maxim Integrated Products MAX4409 Datasheet HTML 13Page - Maxim Integrated Products MAX4409 Datasheet HTML 14Page - Maxim Integrated Products MAX4409 Datasheet HTML 15Page - Maxim Integrated Products MAX4409 Datasheet HTML 16Page - Maxim Integrated Products MAX4409 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
80mW, DirectDrive, Stereo Headphone
Amplifier with Common-Mode Sense
______________________________________________________________________________________
13
Choose RIN according to the Gain-Setting Resistors sec-
tion. Choose the CIN such that f-3dB is well below the
lowest frequency of interest. Setting f-3dB too high
affects the low-frequency response of the amplifier. Use
capacitors whose dielectrics have low-voltage coeffi-
cients, such as tantalum or aluminum electrolytic.
Capacitors with high-voltage coefficients, such as
ceramics, may result in increased distortion at low fre-
quencies.
Charge-Pump Capacitor Selection
Use capacitors with an ESR less than 100mΩ for opti-
mum performance. Low-ESR ceramic capacitors mini-
mize the output resistance of the charge pump. For
best performance over the extended temperature
range, select capacitors with an X7R dielectric. Table 1
lists suggested manufacturers.
Flying Capacitor (C1)
The value of the flying capacitor (C1) affects the load
regulation and output resistance of the charge pump. A
C1 value that is too small degrades the device’s ability
to provide sufficient current drive, which leads to a loss
of output voltage. Increasing the value of C1 improves
load regulation and reduces the charge-pump output
resistance to an extent. See the Output Power vs.
Charge-Pump Capacitance and Load Resistance
graph in the Typical Operating Characteristics. Above
2.2µF, the on-resistance of the switches and the ESR of
C1 and C2 dominate.
Output Capacitor (C2)
The output capacitor value and ESR directly affect the
ripple at PVSS. Increasing the value of C2 reduces out-
put ripple. Likewise, decreasing the ESR of C2 reduces
both ripple and output resistance. Lower capacitance
values can be used in systems with low maximum out-
put power levels. See the Output Power vs. Charge-
Pump Capacitance and Load Resistance graph in the
Typical Operating Characteristics.
Power-Supply Bypass Capacitor
The power-supply bypass capacitor (C3) lowers the out-
put impedance of the power supply, and reduces the
impact of the MAX4409’s charge-pump switching tran-
sients. Bypass PVDD with C3, the same value as C1, and
place it physically close to the PVDD and PGND pins.
Common-Mode Noise Rejection
Figure 6 shows a theoretical connection between two
devices, for example, a notebook computer (transmit-
ter, on the left) and an amplifier (receiver, on the right).
The application includes the headphone socket used
as a line output to a home hi-fi system, for example. In
the upper diagram, any difference between the two
GND references (represented by VNOISE) causes cur-
rent to flow through the screen of cable between the
two devices. This can cause noise pickup at the receiv-
er due to the potential divider action of the audio
screen cable impedance and the GND wiring of the
amplifier.
Introducing impedance between the jack socket and
GND of the notebook helps (as shown in the lower dia-
gram). This has the following effect:
• Current flow (from GND potential differences) in the
cable screen is reduced, which is a safety issue.
• It allows the MAX4409 differential sensing to reduce
the GND noise seen by the receiver (amplifier).
The other side effect is the differential HP jack sensing
corrects the headphone crosstalk (from introducing the
resistance on the jack GND return). Only one channel
is depicted in Figure 6.
Figure 6 has some example numbers for resistance,
but the audio designer has control over only one series
resistance applied to the headphone jack return. Note
that this resistance can be bypassed for ESD purposes
at frequencies much higher than audio if required. The
upper limit for this added resistance is the amount of
output swing the headphone amplifier tolerates when
driving low-impedance loads. Any headphone return
current appears as a voltage across this resistor.
Layout and Grounding
Proper layout and grounding are essential for optimum
performance. Connect PGND and SGND together at a
single point on the PC board. Connect all components
associated with the charge pump (C2 and C3) to the
PGND plane. Connect PVDD and SVDD together at the
device. Connect PVSS and SVSS together at the
device. Bypassing of both supplies is accomplished by
charge-pump capacitors C2 and C3 (see Typical
Table 1. Suggested Capacitor Manufacturers
SUPPLIER
PHONE
FAX
WEBSITE
Taiyo Yuden
800-348-2496
847-925-0899
www.t-yuden.com
TDK
847-803-6100
847-390-4405
www.component.tdk.com
Note: Please indicate you are using the MAX4409 when contacting these component suppliers.


Similar Part No. - MAX4409

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4409 MAXIM-MAX4409 Datasheet
436Kb / 20P
   80mW, DirectDrive, Stereo Headphone Amplifier with Common-Mode Sense
19-2842; Rev 3; 6/09
MAX4409ETP MAXIM-MAX4409ETP Datasheet
436Kb / 20P
   80mW, DirectDrive, Stereo Headphone Amplifier with Common-Mode Sense
19-2842; Rev 3; 6/09
MAX4409 MAXIM-MAX4409_V01 Datasheet
436Kb / 20P
   80mW, DirectDrive, Stereo Headphone Amplifier with Common-Mode Sense
19-2842; Rev 3; 6/09
More results

Similar Description - MAX4409

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4409 MAXIM-MAX4409_V01 Datasheet
436Kb / 20P
   80mW, DirectDrive, Stereo Headphone Amplifier with Common-Mode Sense
19-2842; Rev 3; 6/09
MAX4411 MAXIM-MAX4411 Datasheet
623Kb / 18P
   80mW, Fixed-Gain, DirectDrive, Stereo Headphone Amplifier with Shutdown
Rev 1; 4/03
MAX4411 MAXIM-MAX4411_V01 Datasheet
523Kb / 18P
   80mW, Fixed-Gain, DirectDrive, Stereo Headphone Amplifier with Shutdown
19-2618; Rev 2; 9/06
MAX4410 MAXIM-MAX4410 Datasheet
865Kb / 20P
   80mW, DirectDrive Stereo Headphone Driver with Shutdown
Rev 2; 10/02
MAX9850 MAXIM-MAX9850_V01 Datasheet
3Mb / 36P
   Stereo Audio DAC with DirectDrive Headphone Amplifier
19-3454; Rev 4; 8/19
MAX9850 MAXIM-MAX9850 Datasheet
956Kb / 36P
   Stereo Audio DAC with DirectDrive Headphone Amplifier
Rev 0; 11/04
MAX9879 MAXIM-MAX9879 Datasheet
535Kb / 31P
   Stereo Class D Audio Subsystem with DirectDrive Headphone Amplifier
Rev 0; 2/09
MAX9879 MAXIM-MAX9879_V01 Datasheet
575Kb / 32P
   Stereo Class D Audio Subsystem with DirectDrive Headphone Amplifier
19-4436; Rev 1; 4/13
MAX9721 MAXIM-MAX9721 Datasheet
559Kb / 14P
   1V, Fixed-Gain, DirectDrive, Stereo Headphone Amplifier with Shutdown
Rev 0; 1/04
MAX9725 MAXIM-MAX9725_07 Datasheet
528Kb / 19P
   1V, Low-Power, DirectDrive, Stereo Headphone Amplifier with Shutdown
Rev 2; 11/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com