Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH6525 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMH6525
Description  Four-hannel Laser Diode Driver with Dual Output
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6525 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LMH6525 Datasheet HTML 2Page - National Semiconductor (TI) LMH6525 Datasheet HTML 3Page - National Semiconductor (TI) LMH6525 Datasheet HTML 4Page - National Semiconductor (TI) LMH6525 Datasheet HTML 5Page - National Semiconductor (TI) LMH6525 Datasheet HTML 6Page - National Semiconductor (TI) LMH6525 Datasheet HTML 7Page - National Semiconductor (TI) LMH6525 Datasheet HTML 8Page - National Semiconductor (TI) LMH6525 Datasheet HTML 9Page - National Semiconductor (TI) LMH6525 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Pin Description (Continued)
Pin #
Description
Remarks
27.
Laser driver output channel B
28.
Ground Connection B
Truth Tables
IOUT Control
ENABLE
ENR
EN2
EN3
EN4
IOUT
0
X
XXX
OFF
1
0
000
OFF
1
1
000
A
R *IINR
1
1
100
A
R *IINR +A2 *IIN2
1
1
010
A
R *IINR +A3 *IIN3
1
1
001
A
R *IINR +A4 *IIN4
Oscillator Control
ENABLE
ENOSC
ENR
EN2
EN3
EN 4
OSCILLATOR
0
X
XXXX
OFF
1
0
XXXX
OFF
1
1
XXXX
ON
Note: Note: EN2, EN3, EN4 AND ENOSC are LVDS SIGNALS USING THE LMH6525.
EN2, EN3 and EN4 are LVDS signals using the LMH6526.
Waveforms
20110110
Functional Timing Diagram
www.national.com
6


Similar Part No. - LMH6525

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6525 TI1-LMH6525 Datasheet
1Mb / 25P
[Old version datasheet]   LMH6525/LMH6526 Four?밅hannel Laser Diode Driver with Dual Output
LMH6525SP/NOPB TI1-LMH6525SP/NOPB Datasheet
1Mb / 25P
[Old version datasheet]   LMH6525/LMH6526 Four?밅hannel Laser Diode Driver with Dual Output
More results

Similar Description - LMH6525

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6525 TI1-LMH6525 Datasheet
1Mb / 25P
[Old version datasheet]   LMH6525/LMH6526 Four?밅hannel Laser Diode Driver with Dual Output
logo
National Semiconductor ...
LMH6533 NSC-LMH6533 Datasheet
262Kb / 11P
   Four - Channel Laser Diode Driver with Dual Output, LVDS Interface and HFM Oscillator
logo
Micrel Semiconductor
SY100EL1003 MICREL-SY100EL1003_06 Datasheet
78Kb / 7P
   LASER DIODE DRIVER WITH OUTPUT ENABLE
SY88822V MICREL-SY88822V Datasheet
63Kb / 5P
   LASER DIODE DRIVER WITH OUTPUT ENABLE
SY100EL1003 MICREL-SY100EL1003 Datasheet
92Kb / 6P
   LASER DIODE DRIVER WITH OUTPUT ENABLE
logo
Analog Devices
AD9665ACPZ-REEL7 AD-AD9665ACPZ-REEL7 Datasheet
447Kb / 17P
   4-Channel, LVDS, Dual-Output, Laser Diode Driver with Oscillator
Rev. E
AD9664 AD-AD9664 Datasheet
89Kb / 2P
   4-Channel LVDS Dual-Output Laser Diode Driver with Oscillator
Rev. SpA
logo
Micrel Semiconductor
SY88702 MICREL-SY88702 Datasheet
56Kb / 5P
   5V 622Mbps LASER DIODE DRIVER WITH OUTPUT ENABLE
SY88802 MICREL-SY88802 Datasheet
77Kb / 5P
   5V 155Mbps LASER DIODE DRIVER WITH OUTPUT ENABLE
logo
IC-Haus GmbH
IC-HT ICHAUS-IC-HT Datasheet
972Kb / 42P
   DUAL CW LASER DIODE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com