Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDCVF2509APW Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # CDCVF2509APW
Description  3.3-V PHASE-LOCK LOOP CLOCK DRIVER WITH POWER DOWN MODE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCVF2509APW Datasheet(HTML) 10 Page - Texas Instruments

Back Button CDCVF2509APW Datasheet HTML 4Page - Texas Instruments CDCVF2509APW Datasheet HTML 5Page - Texas Instruments CDCVF2509APW Datasheet HTML 6Page - Texas Instruments CDCVF2509APW Datasheet HTML 7Page - Texas Instruments CDCVF2509APW Datasheet HTML 8Page - Texas Instruments CDCVF2509APW Datasheet HTML 9Page - Texas Instruments CDCVF2509APW Datasheet HTML 10Page - Texas Instruments CDCVF2509APW Datasheet HTML 11Page - Texas Instruments CDCVF2509APW Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
CDCVF2509APW
ACTIVE
TSSOP
PW
24
60
Pb-Free
(RoHS)
CU NIPDAU
Level-1-250C-UNLIM
CDCVF2509APWR
ACTIVE
TSSOP
PW
24
2000
Pb-Free
(RoHS)
CU NIPDAU
Level-1-250C-UNLIM
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - May not be currently available - please check http://www.ti.com/productcontent for the latest availability information and additional
product content details.
None: Not yet available Lead (Pb-Free).
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Green (RoHS & no Sb/Br): TI defines "Green" to mean "Pb-Free" and in addition, uses package materials that do not contain halogens,
including bromine (Br) or antimony (Sb) above 0.1% of total product weight.
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDECindustry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
4-Mar-2005
Addendum-Page 1


Similar Part No. - CDCVF2509APW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCVF2509APW TI1-CDCVF2509APW Datasheet
537Kb / 18P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER WITH POWER DOWN MODE
CDCVF2509APWG4 TI1-CDCVF2509APWG4 Datasheet
537Kb / 18P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER WITH POWER DOWN MODE
CDCVF2509APWR TI1-CDCVF2509APWR Datasheet
537Kb / 18P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER WITH POWER DOWN MODE
CDCVF2509APWRG4 TI1-CDCVF2509APWRG4 Datasheet
537Kb / 18P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER WITH POWER DOWN MODE
More results

Similar Description - CDCVF2509APW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCVF2510APWR TI-CDCVF2510APWR Datasheet
551Kb / 17P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER WITH POWER DOWN MODE
CDCVF2510A TI1-CDCVF2510A_15 Datasheet
557Kb / 18P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER WITH POWER DOWN MODE
CDCVF2510A TI-CDCVF2510A Datasheet
166Kb / 13P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER WITH POWER DOWN MODE
CDCVF2509A TI1-CDCVF2509A_15 Datasheet
537Kb / 18P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER WITH POWER DOWN MODE
CDC2510 TI-CDC2510 Datasheet
131Kb / 9P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
logo
Hitachi Semiconductor
HD74CDC2510B HITACHI-HD74CDC2510B Datasheet
45Kb / 11P
   3.3-V Phase-lock Loop Clock Driver
logo
Texas Instruments
CDCF2509 TI1-CDCF2509_17 Datasheet
641Kb / 15P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDCVF2505 TI-CDCVF2505 Datasheet
207Kb / 10P
[Old version datasheet]   3.3-V CLOCK PHASE-LOCK LOOP CLOCK DRIVER
CDC2509 TI-CDC2509 Datasheet
132Kb / 9P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2509C TI-CDC2509C Datasheet
180Kb / 12P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com