Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

3D7418 Datasheet(PDF) 6 Page - Data Delay Devices, Inc.

Part No. 3D7418
Description  MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE (SERIES 3D7418 - LOW NOISE)
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DATADELAY [Data Delay Devices, Inc.]
Homepage  http://www.datadelay.com
Logo 

3D7418 Datasheet(HTML) 6 Page - Data Delay Devices, Inc.

   
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
3D7418
DEVICE SPECIFICATIONS
TABLE 3: ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
MIN
MAX
UNITS
NOTES
DC Supply Voltage
VDD
-0.3
7.0
V
Input Pin Voltage
VIN
-0.3
VDD+0.3
V
Input Pin Current
IIN
-10
10
mA
25C
Storage Temperature
TSTRG
-55
150
C
Lead Temperature
TLEAD
300
C
10 sec
TABLE 4: DC ELECTRICAL CHARACTERISTICS
(0C to 70C, 4.75V to 5.25V)
PARAMETER
SYMBOL
MIN
MAX
UNITS
NOTES
Static Supply Current*
IDD
1.0
3.0
mA
Input Threshold Voltage
VTH
2.2
2.8
V
High Level Input Current
IIH
1.0
µA
VIH = VDD
Low Level Input Current
IIL
1.0
µA
VIL = 0V
High Level Output Current
IOH
-4.0
mA
VDD = 4.75V
VOH = 4.0V
Low Level Output Current
IOL
4.0
mA
VDD = 4.75V
VOL = 0.4V
Output Rise & Fall Time
TR & TF
2
ns
CLD = 5 pf
*IDD(Dynamic) = CLD * VDD * F
Input Capacitance = 10 pf typical
where: CLD = Average capacitance load/line (pf)
Output Load Capacitance (CLD) = 25 pf max
F = Input frequency (GHz)
TABLE 5: AC ELECTRICAL CHARACTERISTICS
(0C to 70C, 4.75V to 5.25V)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Clock Frequency
fC
80
MHz
Enable Width
tEW
10
ns
Clock Width
tCW
10
ns
Data Setup to Clock
tDSC
10
ns
Data Hold from Clock
tDHC
3
ns
Data Setup to Enable
tDSE
10
ns
Data Hold from Enable
tDHE
3
ns
Enable to Serial Output Valid
tEQV
20
ns
Enable to Serial Output High-Z
tEQZ
20
ns
Clock to Serial Output Valid
tCQV
20
ns
Clock to Serial Output Invalid
tCQX
10
ns
Enable Setup to Clock
tES
10
ns
Enable Hold from Clock
tEH
10
ns
Parallel Input Valid to Delay Valid
tPDV
20
40
ns
1
Parallel Input Change to Delay Invalid
tPDX
0
ns
1
Enable to Delay Valid
tEDV
35
45
ns
1
Enable to Delay Invalid
tEDX
0
ns
1
Input Pulse Width
tWI
8
% of Total Delay
See Table 1
Input Period
Period
20
% of Total Delay
See Table 1
Input to Output Delay
tPLH, tPHL
ns
See Table 2
NOTES: 1 - Refer to PROGRAMMED DELAY (ADDRESS) UPDATE section
Doc #02005
DATA DELAY DEVICES, INC.
6
6/17/02
Tel: 973-773-2299
Fax: 973-773-9672
http://www.datadelay.com


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn