Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

3D7215 Datasheet(PDF) 3 Page - Data Delay Devices, Inc.

Part No. 3D7215
Description  MONOLITHIC 5-TAP FIXED DELAY LINE (SERIES 3D7215 - LOW NOISE)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATADELAY [Data Delay Devices, Inc.]
Direct Link  http://www.datadelay.com
Logo DATADELAY - Data Delay Devices, Inc.

3D7215 Datasheet(HTML) 3 Page - Data Delay Devices, Inc.

  3D7215 Datasheet HTML 1Page - Data Delay Devices, Inc. 3D7215 Datasheet HTML 2Page - Data Delay Devices, Inc. 3D7215 Datasheet HTML 3Page - Data Delay Devices, Inc. 3D7215 Datasheet HTML 4Page - Data Delay Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3D7215
APPLICATION NOTES (CONT’D)
pulse width. Therefore, to facilitate production
and device identification, the part number will
include a custom reference designator
identifying the intended frequency and duty cycle
of operation. The programmed delay accuracy of
the device is guaranteed, therefore, only for the
user specified input characteristics. Small input
pulse width variation about the selected pulse
width will only marginally impact the programmed
delay accuracy, if at all. Nevertheless, it is
strongly recommended that the engineering
staff at DATA DELAY DEVICES be consulted.
POWER SUPPLY AND
TEMPERATURE CONSIDERATIONS
The delay of CMOS integrated circuits is strongly
dependent on power supply and temperature.
The monolithic 3D7215 delay line utilizes novel
and innovative compensation circuitry to
minimize the delay variations induced by
fluctuations in power supply and/or temperature.
The thermal coefficient is reduced to 200
PPM/C, which is equivalent to a variation , over
the 0C-70C operating range, of
±1% from the
room-temperature delay settings and/or 1.0ns,
whichever is greater. The power supply
coefficient is reduced, over the 4.75V-5.25V
operating range, to
±0.5% of the delay settings at
the nominal 5.0VDC power supply and/or 0.5ns,
whichever is greater. It is essential that the
power supply pin be adequately bypassed
and filtered. In addition, the power bus
should be of as low an impedance
construction as possible. Power planes are
preferred.
DEVICE SPECIFICATIONS
TABLE 2: ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
MIN
MAX
UNITS
NOTES
DC Supply Voltage
VDD
-0.3
7.0
V
Input Pin Voltage
VIN
-0.3
VDD+0.3
V
Input Pin Current
IIN
-1.0
1.0
mA
25C
Storage Temperature
TSTRG
-55
150
C
Lead Temperature
TLEAD
300
C
10 sec
TABLE 3: DC ELECTRICAL CHARACTERISTICS
(-40C to 85C, 4.75V to 5.25V)
PARAMETER
SYMBOL
MIN
MAX
UNITS
NOTES
Static Supply Current*
IDD
1.5
mA
Input Threshold Voltage
VTH
2.2
2.8
V
High Level Input Current
IIH
1
µA
VIH = VDD
Low Level Input Current
IIL
1
µA
VIL = 0V
High Level Output Current
IOH
-4.0
mA
VDD = 5.0V
VOH = 4.0V
Low Level Output Current
IOL
4.0
mA
VDD = 5.0V
VOL = 0.4V
Output Rise & Fall Time
TR & TF
2
ns
CLD = 5 pf
*IDD(Dynamic) = 5 * CLD * VDD * F
Input Capacitance = 10 pf typical
where: CLD = Average capacitance load/tap (pf)
Output Load Capacitance (CLD) = 25 pf max
F = Input frequency (GHz)
Doc #01015
DATA DELAY DEVICES, INC.
3
11/8/01
3 Mt. Prospect Ave. Clifton, NJ 07013


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
3D3225 MONOLITHIC 5-TAP FIXED DELAY LINE SERIES 3D3225 1  2  3  4  Data Delay Devices, Inc.
3D7225 MONOLITHIC 5-TAP FIXED DELAY LINE SERIES 3D7225 1  2  3  4  Data Delay Devices, Inc.
3D7418 MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE SERIES 3D7418 - LOW NOISE 1  2  3  4  5  More Data Delay Devices, Inc.
3D7105 MONOLITHIC 5-TAP FIXED DELAY LINE SERIES 3D7105 1  2  3  4  Data Delay Devices, Inc.
3D3418 MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE SERIES 3D3418 - LOW NOISE 1  2  3  4  5  More Data Delay Devices, Inc.
3D7110 MONOLITHIC 10-TAP FIXED DELAY LINE SERIES 3D7110 1  2  3  4  5  Data Delay Devices, Inc.
3D7220 MONOLITHIC 10-TAP FIXED DELAY LINE SERIES 3D7220 1  2  3  4  Data Delay Devices, Inc.
3D7314 MONOLITHIC QUADRUPLE FIXED DELAY LINE SERIES 3D7314 1  2  3  4  Data Delay Devices, Inc.
DDU4C 5-TAP HCMOS-INTERFACED FIXED DELAY LINE SERIES DDU4C 1  2  3  4  Data Delay Devices, Inc.
DDU4F 5-TAP TTL-INTERFACED FIXED DELAY LINE SERIES DDU4F 1  2  3  4  Data Delay Devices, Inc.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn