Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

3D7110 Datasheet(PDF) 2 Page - Data Delay Devices, Inc.

Part No. 3D7110
Description  MONOLITHIC 10-TAP FIXED DELAY LINE (SERIES 3D7110)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATADELAY [Data Delay Devices, Inc.]
Direct Link  http://www.datadelay.com
Logo DATADELAY - Data Delay Devices, Inc.

3D7110 Datasheet(HTML) 2 Page - Data Delay Devices, Inc.

  3D7110 Datasheet HTML 1Page - Data Delay Devices, Inc. 3D7110 Datasheet HTML 2Page - Data Delay Devices, Inc. 3D7110 Datasheet HTML 3Page - Data Delay Devices, Inc. 3D7110 Datasheet HTML 4Page - Data Delay Devices, Inc. 3D7110 Datasheet HTML 5Page - Data Delay Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
3D7110
TABLE 1: PART NUMBER SPECIFICATIONS
PART NUMBER
TOLERANCES
INPUT RESTRICTIONS
DIP-14
3D7110
3D7110G
SOIC-14
3D7110D
SOIC-16
3D7110S
TOTAL
DELAY
(ns)
TAP-TAP
DELAY
(ns)
Max
Operating
Frequency
Absolute
Max
Oper. Freq.
Min
Operating
Pulse Width
Absolute
Min
Oper. P.W.
-.75
-.75
-.75
6.75
± 1.0*
0.75
± 0.4
28.4 MHz
166.7 MHz
17.6 ns
3.00 ns
-1
-1
-1
9.0
± 1.0*
1.0
± 0.5
23.8 MHz
166.7 MHz
21.0 ns
3.00 ns
-1.5
-1.5
-1.5
13.5
± 1.0*
1.5
± 0.7
18.0 MHz
166.7 MHz
27.8 ns
3.00 ns
-2
-2
-2
18.0
± 1.0*
2.0
± 0.8
14.5 MHz
166.7 MHz
34.5 ns
3.00 ns
-2.5
-2.5
-2.5
22.5
± 1.1*
2.5
± 1.0
18.2 MHz
125.0 MHz
27.5 ns
4.00 ns
-4
-4
-4
36.0
± 1.8*
4.0
± 1.3
8.33 MHz
133.3 MHz
60.0 ns
6.00 ns
-5
-5
-5
50.0
± 2.5
5.0
± 1.5
6.67 MHz
66.7 MHz
75.0 ns
7.50 ns
-8
-8
-8
80.0
± 4.0
8.0
± 1.5
4.17 MHz
41.7 MHz
120.0 ns
12.0 ns
* Total delay referenced to Tap1 output; Input-to-Tap1 = 5.0ns
± 1.0ns
NOTE:
Any dash number between .75 and 8 not shown is also available.
1996 Data Delay Devices
Doc #96005
DATA DELAY DEVICES, INC.
2
12/2/96
Tel: 973-773-2299
Fax: 973-773-9672
http://www.datadelay.com


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
3D7010 MONOLITHIC 10-TAP FIXED DELAY LINE SERIES 3D7010 1  2  3  4  Data Delay Devices, Inc.
3D3220 MONOLITHIC 10-TAP FIXED DELAY LINE SERIES 3D3220 1  2  3  4  Data Delay Devices, Inc.
3D7220 MONOLITHIC 10-TAP FIXED DELAY LINE SERIES 3D7220 1  2  3  4  Data Delay Devices, Inc.
3D3225 MONOLITHIC 5-TAP FIXED DELAY LINE SERIES 3D3225 1  2  3  4  Data Delay Devices, Inc.
3D7105 MONOLITHIC 5-TAP FIXED DELAY LINE SERIES 3D7105 1  2  3  4  Data Delay Devices, Inc.
3D3314 MONOLITHIC QUAD FIXED DELAY LINE SERIES 3D3314 1  2  3  4  5  Data Delay Devices, Inc.
3D7215 MONOLITHIC 5-TAP FIXED DELAY LINE SERIES 3D7215 - LOW NOISE 1  2  3  4  Data Delay Devices, Inc.
3D7225 MONOLITHIC 5-TAP FIXED DELAY LINE SERIES 3D7225 1  2  3  4  Data Delay Devices, Inc.
3D7314 MONOLITHIC QUADRUPLE FIXED DELAY LINE SERIES 3D7314 1  2  3  4  Data Delay Devices, Inc.
DDU7F 10-TAP TTL-INTERFACED FIXED DELAY LINE SERIES DDU7F 1  2  3  4  Data Delay Devices, Inc.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn