Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

3D3314 Datasheet(PDF) 1 Page - Data Delay Devices, Inc.

Part No. 3D3314
Description  MONOLITHIC QUAD FIXED DELAY LINE (SERIES 3D3314)
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DATADELAY [Data Delay Devices, Inc.]
Homepage  http://www.datadelay.com
Logo 

3D3314 Datasheet(HTML) 1 Page - Data Delay Devices, Inc.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
3D3314
MONOLITHIC QUAD FIXED
DELAY LINE
(SERIES 3D3314)
FEATURES
All-silicon, low-power 3.3V CMOS technology
Vapor phase, IR and wave solderable
Auto-insertable (DIP pkg.)
Low ground bounce noise
Leading- and trailing-edge accuracy
Delay range: 10ns through 400ns
Delay tolerance: 2% or 0.5ns (3.3V, 25C)
Temperature stability:
±1% typical (0C-70C)
Vdd stability:
±1% typical (3.0V-3.6V)
Static Idd: 1.3ma typical
Minimum input pulse width: 25% of total delay
FUNCTIONAL DESCRIPTION
The 3D3314 device is a small, versatile, quad fixed monolithic delay line.
Delay values ranging from 10ns through 400ns may be specified via the
device dash number. Each input is reproduced at the corresponding
output without inversion, shifted in time as per user selection. The
3D3314 is 3.3V CMOS-compatible and features both rising- and falling-
edge accuracy. The device is offered in a standard 14-pin auto-insertable
DIP and a space saving surface mount 14-pin SOIC.
PACKAGES
14
13
12
11
10
9
8
1
2
3
4
5
6
7
I1
NC
I2
I3
I4
NC
GND
VDD
NC
O1
NC
O2
O3
O4
3D3314-xx DIP-14
1
2
3
4
5
6
7
14
13
12
11
10
9
8
I1
NC
I2
I3
I4
NC
GND
VDD
NC
O1
NC
O2
O3
O4
3D3314D-xx SOIC-14
PIN DESCRIPTIONS
I1-I4
Signal Inputs
O1-O4 Signal Outputs
VDD
3.3V
GND
Ground
NC
No Connection
For mechanical dimensions, click
here.
For package marking details, click
here.
TABLE 1: PART NUMBER SPECIFICATIONS
INPUT RESTRICTIONS
RECOMMENDED
ABSOLUTE
PART
NUMBER
DELAY AND
TOLERANCE
(ns)
Max Freq
Min P.W.
Max Freq
Min P.W.
3D3314-10
10.0
± 1.0
40.0 MHz
12.5 ns
166 MHz
3.0 ns
3D3314-15
15.0
± 1.0
26.6 MHz
18.8 ns
166 MHz
3.0 ns
3D3314-20
20.0
± 1.0
20.0 MHz
25.0 ns
166 MHz
3.0 ns
3D3314-25
25.0
± 1.0
16.0 MHz
31.3 ns
166 MHz
3.0 ns
3D3314-30
30.0
± 1.0
13.3 MHz
37.5 ns
166 MHz
3.0 ns
3D3314-40
40.0
± 1.0
10.0 MHz
50.0 ns
125 MHz
4.0 ns
3D3314-50
50.0
± 1.0
8.00 MHz
62.5 ns
100 MHz
5.0 ns
3D3314-75
75.0
± 1.5
5.33 MHz
93.8 ns
66.6 MHz
7.5 ns
3D3314-100
100
± 2.0
4.00 MHz
125.0 ns
50.0 MHz
10.0 ns
3D3314-125
125
± 2.5
3.20 MHz
156.3 ns
40.0 MHz
12.5 ns
3D3314-150
150
± 3.0
2.66 MHz
187.5 ns
33.3 MHz
15.0 ns
3D3314-200
200
± 4.0
2.00 MHz
250.0 ns
25.0 MHz
20.0 ns
3D3314-250
250
± 5.0
1.60 MHz
312.5 ns
20.0 MHz
25.0 ns
3D3314-300
300
± 6.0
1.33 MHz
375.0 ns
16.6 MHz
30.0 ns
3D3314-400
400
± 8.0
1.00 MHz
500.0 ns
12.5 MHz
40.0 ns
NOTES: Any dash number between 10 and 400 not shown is also available as standard
2002 Data Delay Devices
Doc #00120
DATA DELAY DEVICES, INC.
1
6/12/02
3 Mt. Prospect Ave. Clifton, NJ 07013


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn