Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PJSRV05-4 Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part No. PJSRV05-4
Description  Low Capacitance TVS and Diode Array
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PANJIT [Pan Jit International Inc.]
Homepage  http://www.panjit.com.tw
Logo 

PJSRV05-4 Datasheet(HTML) 2 Page - Pan Jit International Inc.

   
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PJSRV05-4
www.panjit.com
12/1/2005
Page 2
ELECTRICAL CHARACTERISTICS
Tj = 25°C unless otherwise noted
Parameter
Symbol
Min
Units
Conditions
Typical
Max
Reverse Stand-Off Voltage
Reverse Breakdown Voltage
Reverse Leakage Current
Clamping Voltage (8/20µs)
Clamping Voltage (8/20µs)
Off State Junction Capacitance
VWRM
V
BR
I R
c
V
Vc
Cj
BR
I
=
R
V
=
I
=
pp
I
=
pp
0 Vdc Bias f = 1MHz
Between I/O pins and GND
5V
6.2
V
µA
0.1
9.5
V
12
V
20
V
pF
3
1mA
5V
1 A
10 A
0 Vdc Bias f = 1MHz
Between I/O pins
pF
2
Clamping Voltage (8/20µs)
Vc
I
=
pp
17.5 A


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn