Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PJSRV05-4 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part No. PJSRV05-4
Description  Low Capacitance TVS and Diode Array
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PANJIT [Pan Jit International Inc.]
Homepage  http://www.panjit.com.tw
Logo 

PJSRV05-4 Datasheet(HTML) 1 Page - Pan Jit International Inc.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PJSRV05-4
Low Capacitance TVS and Diode Array
SPECIFICATION FEATURES
This diode array is configured to protect up to four data transmission lines
acting as a line terminator, minimizing overshoot and undershoot conditions
due to bus impedance as well as protect against over-voltage events as
electrostatic discharges. Additionaly the TVS Device offers overvoltage
transient protection between the operating voltage bus and ground plane.
Maximum Capacitance of 3.0pF at 0Vdc 1MHz Line-to-Ground
Industry Standard SMT Package SOT23-6L
Maximum Leakage Current of 0.1µA @ VRWM
12/1/2005
Page 1
www.panjit.com
1
3
4
6
Peak Power Dissipation of 350W 8/20µs
IEC61000-4-2, IEC61000-4-4 and IEC61000-4-5 Full Compliance
SOT23-6L
100% Tin Matte finish (LEAD-FREE PRODUCT)
I/O1
REF1
I/O2
I/O3
REF2
I/O4
1
2
3
6
5
4
I/O1
REF1
I/O2
I/O3
REF2
I/O4
1
2
3
6
5
4
MAXIMUM RATINGS
Rating
Symbol
Value
Units
Peak Pulse Power (8/20µs Waveform)
Peak Pulse Current (8/20µs Waveform)
Operating Junction Temperature Range
Storage Temperature Range
Soldering Temperature, t max = 10s
350
W
A
17.5
°C
-55 to +150
°C
-55 to +150
°C
260
P
I
T
T
T
PPM
L
PP
stg
Tj = 25°C Unless otherwise noted
J
APPLICATIONS
USB 2.0 and Firewire Port Protection
LAN/WLAN Access Point terminals
Video Signal line protection
I C Bus Protection
2


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn