Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LC1K0910G72 Datasheet(PDF) 1 Page - Schneider Electric

Part No. LC1K0910G72
Description  TeSys K contactor - 3P - AC-3 <= 440 V 9 A - 1 NO aux. - 120 V AC coil
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

LC1K0910G72 Datasheet(HTML) 1 Page - Schneider Electric

  LC1K0910G72 Datasheet HTML 1Page - Schneider Electric LC1K0910G72 Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Aug 10, 2019
1
Product data sheet
Characteristics
LC1K0910G72
TeSys K contactor - 3P - AC-3 <= 440 V 9 A - 1
NO aux. - 120 V AC coil
Product availability: Non-Stock - Not normally stocked in distribution facility
Main
Range
TeSys
Product or component
type
Contactor
Product name
TeSys K
Device short name
LC1K
Device application
Control
Contactor application
Motor control
Resistive load
Complementary
Utilisation category
AC-1
AC-4
AC-3
Poles description
3P
Power pole contact composition
3 NO
[Ie] rated operational current
9 A at <= 440 V AC AC-3 power circuit
20 A (<= 122 °F (50 °C)) at <= 440 V AC AC-1 power circuit
16 A (<= 158 °F (70 °C)) at 690 V AC AC-1 power circuit
Control circuit type
AC 50/60 Hz
[Uc] control circuit voltage
120 V AC 50/60 Hz
Motor power kW
2.2 kW at 400 V AC 50/60 Hz AC-4
2.2 kW at 220...230 V AC 50/60 Hz AC-3
4 kW at 380...415 V AC 50/60 Hz AC-3
4 kW at 440 V AC 50/60 Hz AC-3
4 kW at 480 V AC 50/60 Hz AC-3
4 kW at 500...600 V AC 50/60 Hz AC-3
4 kW at 660...690 V AC 50/60 Hz AC-3
Auxiliary contact composition
1 NO
Overvoltage category
III
[Ith] conventional free air thermal current
20 A at <= 122 °F (50 °C) power circuit
10 A at <= 122 °F (50 °C) signalling circuit
Irms rated making capacity
110 A AC power circuit conforming to NF C 63-110
110 A AC power circuit conforming to IEC 60947
110 A AC signalling circuit conforming to IEC 60947
Rated breaking capacity
110 A at 415 V conforming to IEC 60947
110 A at 440 V conforming to IEC 60947
80 A at 500 V conforming to IEC 60947
110 A at 220...230 V conforming to IEC 60947
110 A at 380...400 V conforming to IEC 60947
70 A at 660...690 V conforming to IEC 60947
Associated fuse rating
25 A gG at <= 440 V power circuit
25 A aM power circuit
10 A gG signalling circuit conforming to IEC 60947
10 A gG signalling circuit conforming to VDE 0660
Average impedance
3 mOhm at 50 Hz - Ith 20 A power circuit
Insulation resistance
> 10 MOhm signalling circuit
Inrush power in VA
30 VA at 68 °F (20 °C)
Hold-in power consumption in VA
4.5 VA at 68 °F (20 °C)
Heat dissipation
1.3 W


Similar Part No. - LC1K0910G72

ManufacturerPart No.DatasheetDescription
Schneider Electric
Schneider Electric
LC1K0910G7 SCHNEIDER-LC1K0910G7 Datasheet
108Kb / 3P
   TeSys K IEC contactor, 9 A, 3 P, 5 HP at 480 VAC, nonreversing, 1 NO auxilliary contact, 120 VAC 50/60 Hz coil
More results

Similar Description - LC1K0910G72

ManufacturerPart No.DatasheetDescription
Schneider Electric
Schneider Electric
LC1K0901G7 SCHNEIDER-LC1K0901G7 Datasheet
151Kb / 4P
   TeSys K contactor - 3P - AC-3 <= 440 V 9 A - 1 NC aux. - 120 V AC coil
LC1K1210G7 SCHNEIDER-LC1K1210G7 Datasheet
171Kb / 4P
   TeSys K contactor - 3P - AC-3 <= 440 V 12 A - 1 NO aux. - 120 V AC coil
LC1K09103B7 SCHNEIDER-LC1K09103B7 Datasheet
160Kb / 3P
   TeSys K contactor - 3P - AC-3 <= 440 V 9 A - 1 NO aux. - 24 V AC coil
LC1K09105F7 SCHNEIDER-LC1K09105F7 Datasheet
170Kb / 3P
   TeSys K contactor - 3P - AC-3 <= 440 V 9 A - 1 NO aux. - 110 V AC coil
LC1K0910E7 SCHNEIDER-LC1K0910E7 Datasheet
168Kb / 3P
   TeSys K contactor - 3P - AC-3 <= 440 V 9 A - 1 NO aux. - 48 V AC coil
LC1K0910P7 SCHNEIDER-LC1K0910P7 Datasheet
169Kb / 3P
   TeSys K contactor - 3P - AC-3 <= 440 V 9 A - 1 NO aux. - 230 V AC coil
LC1K0610G7 SCHNEIDER-LC1K0610G7 Datasheet
151Kb / 4P
   TeSys K contactor - 3P - AC-3 <= 440 V 6 A - 1 NO aux. - 120 V AC coil
LC1K0910B7 SCHNEIDER-LC1K0910B7 Datasheet
149Kb / 3P
   TeSys K contactor - 3P - AC-3 <= 440 V 9 A - 1 NO aux. - 24 V AC coil
LC1K09105E7 SCHNEIDER-LC1K09105E7 Datasheet
156Kb / 3P
   TeSys K contactor - 3P - AC-3 <= 440 V 9 A - 1 NO aux. - 48 V AC coil
LC1K09107F7 SCHNEIDER-LC1K09107F7 Datasheet
156Kb / 3P
   TeSys K contactor - 3P - AC-3 <= 440 V 9 A - 1 NO aux. - 110 V AC coil
More results


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz